Part Number Hot Search : 
29LV64 33663 ADUC824 CUS1205 EGA88 7S24TD BZD27 KS24C021
Product Description
Full Text Search
 

To Download 2N5401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N5400 / 2N5401
2N5400 / 2N5401 PNP
Version 2006-06-17 Power dissipation Verlustleistung
CBE
General Purpose Si-Epitaxial Planar Transistors Si-Epitaxial Planar-Transistoren fur universellen Einsatz
PNP
625 mW TO-92 (10D3) 0.18 g
16
Plastic case Kunststoffgehause
18
Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
2 x 2.54
Dimensions - Mae [mm]
Maximum ratings (TA = 25C) Collector-Emitter-volt. - Kollektor-Emitter-Spannung Collector-Base-voltage - Kollektor-Basis-Spannung Emitter-Base-voltage - Emitter-Basis-Spannung Power dissipation - Verlustleistung Collector current - Kollektorstrom (dc) Peak Collector current - Kollektor-Spitzenstrom Base current - Basisstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur B open E open C open - VCE0 - VCBO - VEBO Ptot - IC - ICM - IB Tj TS
9
Grenzwerte (TA = 25C) 2N5400 120 V 130 V 5V 625 mW 1) 600 mA 1A 100 mA -55...+150C -55...+150C 2N5401 150 V 160 V
Characteristics (Tj = 25C) Min. DC current gain - Kollektor-Basis-Stromverhaltnis 2) - IC = 1 mA, - IC = 10 mA, - IC = 50 mA, - IC = 1 mA, - IC = 10 mA, - IC = 50 mA, - VCE = 5 V - VCE = 5 V - VCE = 5 V - VCE = 5 V - VCE = 5 V - VCE = 5 V 2N5400 hFE hFE hFE hFE hFE hFE - ICBO - ICBO - ICBO - ICBO 30 40 40 50 60 50 - - - -
Kennwerte (Tj = 25C) Typ. - - - - - - - - - - Max. - 180 - - 240 - 100 nA 50 nA 100 A 50 A
2N5401
Collector-Base cutoff current - Kollektor-Basis-Reststrom - VCB = 100 V, (E open) - VCB = 120 V, (E open) - VCB = 100 V, Tj = 100C, (E open) - VCB = 120 V, Tj = 100C, (E open) 2N5400 2N5401 2N5400 2N5401
1 2
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case Gultig wenn die Anschlussdrahte in 2 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% http://www.diotec.com/
(c) Diotec Semiconductor AG
1
2N5400 / 2N5401 Characteristics (Tj = 25C) Min. Emitter-Base-cutoff current - Emitter-Basis-Reststrom - VEB = 3 V, (C open) - IC = 10 mA, - IB = 1 mA - IC = 50 mA, - IB = 5 mA Base-Emitter saturation voltage - Basis-Sattigungsspannung 2) - IC = 10 mA, - IB = 1 mA - IC = 50 mA, - IB = 5 mA Gain-Bandwidth Product - Transitfrequenz - VCE = 5 V, - IC = 10 mA, f = 50 MHz Collector-Base Capacitance - Kollektor-Basis-Kapazitat - VCB = 10 V, IE =ie = 0, f = 1 MHz Noise figure - Rauschzahl - VCE = 5 V, - IC = 200 A, RS = 10 , f = 1 kHz Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary NPN transistors Empfohlene komplementare NPN-Transistoren 2N5400 2N5401 F F RthA - - - - < 200 K/W 1) 2N5550 / 2N5551 - 8 dB CCBO - - 6 pF fT 100 MHz - 400 MHz - VBEsat - VBEsat - - - - 1.0 V 1.0 V - IEBO - VCEsat - VCEsat - - - -- - 50 nA 0.2 V 0.5 V Collector-Emitter saturation voltage - Kollektor-Sattigungsspannung 2) Kennwerte (Tj = 25C) Typ. Max.
120 [%] 100
80
60
40
20 Ptot 0 0 TA 50 100 150 [C]
Power dissipation versus ambient temperature 1) Verlustleistung in Abh. von d. Umgebungstemp.1)
2 1
Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% Valid, if leads are kept at ambient temperature at a distance of 2 mm from case Gultig wenn die Anschlussdrahte in 2 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of 2N5401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X