Part Number Hot Search : 
150AC PD202B NJM2873 136945 09012 LN422YPH B140L NP062A1
Product Description
Full Text Search
 

To Download 226 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Next
Previous
Axial Lead and Cartridge Fuses
Designed to IEC Standard
5 x 20 mm Fast-Acting Fuse 216/226 Series
* Designed to International (IEC) Standards for use globally. * Meets the IEC 60127-2, Sheet 1 specification for Fast Acting Fuses. * Available in Cartridge and Axial Lead Form. * Available in ratings of 0.050 to 10 amperes. * High breaking capacity.
(R)
(R)
D
V
E
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 150% 210% 275% 400% 1000% Ampere Rating .05 - 3.15 4- 6.3 .05 - 3.15 4- 6.3 .05 - 3.15 4- 6.3 .05 - 3.15 4- 6.3 .05 - 3.15 4- 6.3 Opening Time 60 minutes, Minimum 60 minutes, Minimum 30 minutes, Maximum 30 minutes, Maximum 0.01 sec., Min.; 2 sec. Max. 0.01 sec., Min.; 3 sec. Max. .003 sec., Min.; 0.3 sec. Max. .003 sec., Min.; 0.3 sec. Max. .02 seconds, Maximum .02 seconds, Maximum
5 (.197")
216 000 Series
216 000 XE 226 000 Series
1
.635 (.025")
AGENCY APPROVALS: Sheet I IEC 60127-2:* SEMKO approved
thru 6.3 amps. Recognized under the Components Program of Underwriters Laboratories and recognized by CSA. BSI approved 1A to 6.3A. VDE approved .05-6.3.
20 (.787")
5.25 (.207")
22.5 MAX (.886)
40 (1.58")
INTERRUPTING RATING: 1500 amperes. ORDERING INFORMATION:
Cartridge Catalog Number 216.050 216.063 216.080 216.100 216.125 216.160 216.200 216.250 216.315 216.400 216.500 216.630 216.800 216 001 216 1.25 216 01.6 216 002 216 02.5 216 3.15 216 004 216 005 216 06.3 216 008 216 010 Axial Lead Catalog Number 226.050 226.063 226.080 226.100 226.125 226.160 226.200 226.250 226.315 226.400 226.500 226.630 226.800 226 001 226 1.25 226 01.6 226 002 226 02.5 226 3.15 226 004 226 005 226 06.3 226 008 226 010 Ampere Rating .050 .063 .080 .100 .125 .160 .200 .250 .315 .400 .500 .630 .800 1 1.25 1.6 2 2.5 3.15 4 5 6.3 8* 10* Voltage Rating 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 Nominal Resistance Cold Ohms 15.90 10.45 7.89 5.42 3.68 5.20 3.35 2.35 1.85 1.67 1.20 0.790 0.588 0.228 0.153 0.108 0.0770 0.0575 0.0333 0.0243 0.0168 0.0125 0.0120 0.00775 Nominal Melting I2t A2 Sec. 0.00019 0.00055 0.00086 0.0033 0.0056 0.0018 0.0045 0.0092 0.015 0.028 0.045 0.097 0.18 0.19 0.49 1.04 1.92 2.77 7.85 15.4 28.2 57.9 66.1 158.5
Average Time Current Curves
.100A .125A .160A .200A .250A .315A .500A .630A .800A 1A 1.25A 1.6A 2A 2.5A 3.15A 4A 5A 6.3A 10A 1 10 CURRENT IN AMPERES
100
10
TIME IN SECONDS
1
0.1
0.01
*IEC Standards for 5 x 20mm fuses do not include ratings above 6.3 amperes, but are under consideration.
0.001 0.05 0.1
100
500
1
226 Series is used for North American ordering.
296
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 226

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X