Part Number Hot Search : 
CY7C14 KE300 CX24171 MP8719 A87VSYZB 90C841 CS005L DGGWQ
Product Description
Full Text Search
 

To Download 15KE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5KE SERIES
DB LECTRO Inc.
GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 1500 Watts Peak Power 6.5 Watt Steady State
TEST MAXIMUM PEAK REVERSE REVERSE BREAKDOWN BREAKDOWN VOLTAGE CURRENT CLAMPING PULSE LEAKAGE STANDVOLTAGE PART NUMBER OFF VBR(V) IT (mA) VOLTAGE CURRENT @ VRWM VBR(V) @Ipp Vc(V) Ipp (A) VOLTAG MIN.@IT MAX.@IT IR(A) UNIBI-POLAR E POLAR
1.5KE
1.5KE6.8A 1.5KE7.5A 1.5KE8.2A 1.5KE9.1A 1.5KE10A 1.5KE11A 1.5KE12A 1.5KE13A 1.5KE15A 1.5KE16A 1.5KE18A 1.5KE20A 1.5KE22A 1.5KE24A 1.5KE27A 1.5KE30A 1.5KE33A 1.5KE36A 1.5KE39A 1.5KE43A 1.5KE47A 1.5KE51A 1.5KE56A 1.5KE62A 1.5KE68A 1.5KE75A 1.5KE82A 1.5KE91A 1.5KE100A 1.5KE110A 1.5KE120A 1.5KE130A 1.5KE150A 1.5KE160A 1.5KE170A 1.5KE180A 1.5KE200A 1.5KE220A 1.5KE250A 1.5KE300A 1.5KE350A 1.5KE400A 1.5KE440A
1.5KE6.8CA 1.5KE7.5CA 1.5KE8.2CA 1.5KE9.1CA 1.5KE10CA 1.5KE11CA 1.5KE12CA 1.5KE13CA 1.5KE15CA 1.5KE16CA 1.5KE18CA 1.5KE20CA 1.5KE22CA 1.5KE24CA 1.5KE27CA 1.5KE30CA 1.5KE33CA 1.5KE36CA 1.5KE39CA 1.5KE43CA 1.5KE47CA 1.5KE51CA 1.5KE56CA 1.5KE62CA 1.5KE68CA 1.5KE75CA 1.5KE82CA 1.5KE91CA 1.5KE100CA 1.5KE110CA 1.5KE120CA 1.5KE130CA 1.5KE150CA 1.5KE160CA 1.5KE170CA 1.5KE180CA 1.5KE200CA 1.5KE220CA 1.5KE250CA 1.5KE300CA 1.5KE350CA 1.5KE400CA 1.5KE440CA
5.80 6.40 7.02 7.78 8.55 9.40 10.20 11.10 12.80 13.60 15.30 17.10 18.80 20.50 23.10 25.60 28.20 30.80 33.30 36.80 40.20 43.60 47.80 53.00 58.10 64.10 70.10 77.80 85.50 94.00 102.00 111.00 128.00 136.00 145.00 154.00 171.00 185.00 214.00 256.00 300.00 342.00 376.00
6.45 7.13 7.79 8.65 9.50 10.50 11.40 12.40 14.30 15.20 17.10 19.00 20.90 22.80 25.70 28.50 31.40 34.20 37.10 40.90 44.70 48.50 53.20 58.90 64.60 71.30 77.90 86.50 95.00 105.00 114.00 124.00 143.00 152.00 162.00 171.00 190.00 209.00 237.00 285.00 332.00 380.00 418.00
7.14 7.88 8.61 9.50 10.50 11.60 12.60 13.70 15.80 16.80 18.90 21.00 23.10 25.20 28.40 31.50 34.70 37.80 41.00 45.20 49.40 53.60 58.80 65.10 71.40 78.80 86.10 95.50 105.00 116.00 126.00 137.00 158.00 168.00 179.00 189.00 210.00 231.00 263.00 315.00 368.00 420.00 462.00
10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 103.0 113.0 125.0 137.0 152.0 165.0 179.0 207.0 219.0 234.0 246.0 274.0 328.0 344.0 414.0 482.0 548.0 600.0
144.8 134.5 125.6 113.4 104.8 97.4 91.0 83.5 71.7 67.6 60.3 54.9 49.7 45.8 40.5 36.7 33.3 30.5 28.2 25.6 23.5 21.7 19.7 17.9 16.5 14.8 13.5 12.2 11.1 10.0 9.2 8.5 7.3 6.9 6.5 6.2 5.5 4.6 4.4 3.7 3.2 2.8 2.5
1000 500 200 50 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the VBR is + 10%
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.
1.5KE SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
FEATURES Plastic package Glass passivated chip junction in DO-201 package 1500W surge capability at 10/1000 s wave from Excellent clamping capability Low zener impedance
Fast response time: typically less than 1.0ps from 0 Volts to BV min.
Typical IR less than 1mA above 10V High temperature soldering guaranteed: 265C/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension MECHANICAL DATA Case: JEDEC DO-201 Molded plastic Terminal: Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode except Bipolar Mounting Position: Any Weight: 0.045 ounce, 1.2 grams DEVICES FOR BIPOLAR APPLICATION For Bidirectional use C or CA Suffix for types 1.5KE6.8 thru types 1.5KE440 (e.g. 1.5KE6.8C , 1.5KE440CA) Electrical characteristics apply in both directions MAXIMUM RATINGS AND CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. SYMBOL VALUE UNITS Minimum Peak Power Dissipation at TA = 25 , TP = 1ms (Note 1) PPPM Watts 1500 Steady State Power Dissipation at TL = 75 , Lead lengths.375",(9.5mm) (Note 2) PM(AV) 6.5 Watts Peak Forward Surge Current,8.3ms Single Half Sine-Wave IFSM 200 Amps Superimposed on Rated Load,(JEDEC Method) (Note 3) -55 to + TJ , TSTG Operating junction and Storage Temperature Range 175 Notes : 1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25 per Fig. 2 . 2.Mounted on Copper Pad area of 1.6x1.6" (40x40mm) per Fig. 5. 3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum. RATING
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.
1.5KE SERIES
RATINGS AND CHARACTERISTIC CURVES
Ratings and Characteristic Curves(TA=25
unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
100 100 87.5 75 62.5 50 37.5 25 12.5 0.1 0
Fig.2 - Pulse Derating Curve
PPPM-Peak Pulse Power (kW)
10
1
0.1s
1.0s
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage,%
10s
100s
1.0ms
10ms
0
25
50
75
100
125
150
175
200
td - Pulse Width (sec.)
TA - Ambient Temperature (C) Fig. 4 - Typical Junction Capacitance
10000
10000 Unidirectional Bidirectional
Fig.3 - Pulse Waveform
150
IPPM - Peak Pulse Current,% IRSM
tr = 10sec.
Peak Value IPPM 100 Half Value- IPPM 2
TJ = 25C Pulse Width (td) is defined as the point where the peak current decays to 50% of IPPM
1000
CJ - Capacitance (pF)
VR = 0 1000
50
10/1000sec.Waveform as defined by R.E.A.
100
VR = Rated Stand-off Voltage 100 f = 1MHz Vsig = 50mVp-p 1000 TJ = 25C
td
0 0 1.0 2.0
3.0
3.0
4.0
10
4.0 1
10 5 10 10 100 500 1000
t - Time(ms)
VWM - Reverse Stand-Off Voltage (V)
Fig. 5 - Steady State Power Derating Curve
8.0 200
Fig.6 - Maximum Non-Repetitive Forward Surge Current Uni-Directional Only IFSM-Peak Forward Surge Current (A)
8.3ms Single Half Sine-Wave (JEDEC Method)TJ=TJ max. 100
7.0
PM(AV),Steady State Power Dissipation (W)
60Hz Resistive or Inductive Load L=0.375" (9.5mm) Lead Lengths
6.0 5.0 4.0 3.0 2.0 1.0
1.6x1.6x.040" (40x40x1mm) Copper Heat Sinks
0
10 0 25 50 75 100 125 150 175 200 1 10 100
TL - Lead Temperature (C)
Number of Cycles at 60 Hz
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


▲Up To Search▲   

 
Price & Availability of 15KE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X