Part Number Hot Search : 
AD549J AG32E1 MSK032E N4005 M518F B100B 2795R 10100CT
Product Description
Full Text Search
 

To Download WML-C46 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
Bluetooth(R) Module
WML-C46 Class 2
Telecommunication component
OUTLINE
This is a wireless communications module that conforms to Bluetooth(R) Ver.2.0+EDR. Applications include headsets, digital cameras, PC peripheral devices, PDA, etc.
word *The Bluetooth Inc. mark and logos are owned by the Bluetooth SIG,
(R)
FEATURES
1. Equipped with multiple programmable I/O pins to meet various application needs. 2. RFCOMM Stack enables mounting of Headset Profile, Serial Port Profile, etc. 3. Ultra-small size and thinness achieved through use of high density mounting technology. 4. UART and PCM interfaces allow realization of a wide variety of applications. 5. 8Mbits of Flash-ROM allow realization of a wide variety of applications. 6. Conforms to EMI standards worldwide, including FCC and CE. 7. Supports Bluetooth(R) Class 2. 8. Operating temperature range: -40~+85C.
SPECIFICATIONS
Item Frequency Modulation Channel intervals Number of channels Power suppIy voltage Current consumption Transmission rate Receive sensitivity Output level(Class2) Without an antenna Dimensions With an antenna Specifications 2402 ~ 2480MHz FHSS/GFSK, /4 DPSK, 8 DPSK 1MHz 79CH 2.8V~3.4V 50mA typ. 2178kbps -82dBm typ. +4dBm max. 11.8(W) 12.6(L) 1.9(H)mm 11.8(W) 17.6(L) 1.9(H)mm
MITSUMI
Bluetooth Module
(R)
DIMENSIONS
P=1 0.6(32 PLS)
30 21 20 31 32
20 21 22 23 24 25 26 27 28 29 30 19 31 18 32 17 16 15 14 13 12 11 10 9
P=1
11.8 +0.3 0
11.6 0.15
(LA
SER
MA
)
11
P=1
RK
1.8
(o
1)
ING
8
7
6
5
4
3
2
1
(1.5)
1
10
1.9 0.1
(1.5) 12.4 0.15
P=1
+0.2 12.6 -0.1
TERMINALS 1. GND 17. PCM_SYNC 2. N.C. 18. PCM_OUT 3. RESET 19. N.C. 4. AIO [1] 20. GND 5. SPI_MISO 21. AIO [0] 6. SPI_CSB 22. PIO [9] 7. PCM_CLK 23. PIO [2] 8. SPI_MOSI 24. PIO [5] 9. VDD 25. PIO [6] 10. GND 26. PIO [3] 11. UART_CTS 27. PIO [8] 12. UART_RTS 28. PIO [4] 13. UART_TX 29. PIO [7] 14. UART_RX 30. GND 15. PCM_CLK 31. ANT 16. PCM_IN 32. GND
0.9(30 PLS) 1.25 C0.15
8 7 6 5 4 3 2 1
WML-C46 (With an antenna)
30 21 20 31 32 ANT
11.7 P=1 0.6(30 PLS) 1.8
20 21 22 23 24 25 26 27 28 29 30 19 31 18 32 17 16 15 14 13 12 11 10 9
P=1
11.8 +0.3 0
11.60.15
(1.5)
11
P=1
1.9 0.1
K AR 1) (o SER M (LA
ING
)
1
10
1.8
1.8
(1.5) 12.4 0.15
P=1
+0.2 17.6 -0.1
6.3
TERMINALS 1. GND 17. PCM_SYNC 2. N.C. 18. PCM_OUT 3. RESET 19. N.C. 4. AIO [1] 20. GND 5. SPI_MISO 21. AIO [0] 6. SPI_CSB 22. PIO [9] 7. SPI_CLK 23. PIO [2] 8. SPI_MOSI 24. PIO [5] 9. VDD 25. PIO [6] 10. GND 26. PIO [3] 11. UART_CTS 27. PIO [8] 12. UART_RTS 28. PIO [4] 13. UART_TX 29. PIO [7] 14. UART_RX 30. GND 15. PCM_CLK 31. N.C (RF_TEST: ANT) 16. PCM_IN 32 N.C (RF_TEST: GND) Unit : mm
*For the technical details of the products in this page, please refer to Sales & Marketing Div., Components Promotion Dept. Phone: 042-310-5245.
2 1.6
2 1.6 C0.15
0.9(32 PLS)
WML-C46 (Without an antenna)


▲Up To Search▲   

 
Price & Availability of WML-C46

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X