Part Number Hot Search : 
405GP 10100CT ED302T 11014 UP6018 E09BT3 MM1038 NTE713
Product Description
Full Text Search
 

To Download WB1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ( DataSheet : www..com )
Document 116-1
WideBandRFTransformers
Coilcraft wide band transformers provide reliable performance at a price considerably lower than currently available equivalents. The transformers are offered in tapped or untapped configurations and are packaged in a low-profile DIP-style plastic case. All parts are available in either a surface mount version or a through-hole version that's compatible with standard DIP sockets. (For a smaller package size and more values, see our TTWB Series.) Applications include impedance matching, voltage or current transformation, DC isolation, balanced/unbalanced mixing, matching, power splitting, coupling, and signal inversion. Custom wide band transformers with special combinations of impedance ratio, insertion loss, frequency response, and current handling are also available.
SPECIFICATIONS
1 Part Number Part Number1 (Through-Hole) (Surface Mount)
Configuration
IDC Max Frequency Ratio (mA) (MHz) 1:1 1:1 1:1.5 1:4 1:1 1:1 1:4 1:1 1:1 1:1.5 1:4 250 250 250 250 250 250 250 250 250 250 250 .005-100 .04-175 .1-150 .2-300 .005-100 .04-175 .2-300 .005-100 .04-175 .1-150 .2-300
Pins 1-3 L Min DCR Max ( H) (Ohms) 780 95 80 95 780 95 95 780 95 80 95 .320 .200 .145 .160 .320 .200 .160 .320 .200 .145 .160
Pins 6-4 L Min DCR Max ( H) (Ohms) 780 95 51 25 780 95 25 780 95 51 25 .320 .200 .130 .115 .320 .200 .115 .320 .200 .130 .115
WB1010-PC WB1010-1-PC WB1015-PC WB1040-PC WB2010-PC WB2010-1-PC WB2040-PC WB3010-PC WB3010-1-PC WB3015-PC WB3040-PC
1. 2. 3. 4.
WB1010-SM WB1010-1-SM WB1015-SM WB1040-SM WB2010-SM WB2010-1-SM WB2040-SM WB3010-SM WB3010-1-SM WB3015-SM WB3040-SM
For a smaller package size and more values, see TTWB Series. 500 V isolation. Operating temperature range -40 C to +85 C. Electrical specifications at 25 C.
Specifications subject to change without notice.
Document 116-1 Revised 01/29/01
www..com
www..com
Document 116-2
WideBandRFTransformers
DIMENSIONS ATTENUATIONVSCURRENT(TYP.)
TYPICALFREQUENCYRESPONSE
Specifications subject to change without notice.
Document 116-2 Revised 1/29/99


▲Up To Search▲   

 
Price & Availability of WB1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X