Part Number Hot Search : 
2SJ0675 ICM7712 KSA614 S1608 P3057LD EPM7032A 00MHZ 3XB105M
Product Description
Full Text Search
 

To Download TN22-1500BTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TN22
STARTLIGHT
FEATURES AND BENEFITS

High clamping voltage structure (1200 -1500V) Low gate triggering current for direct drive from line (< 1.5mA) High holding current (> 175mA), ensuring high striking energy.
1 2 3
2, TAB 3
1
TAB
TAB
1
DESCRIPTION The TN22 has been specifically developed for use in electronic starter circuits. Use in conjunction with a sensitive SCR and a resistor, it provides high energy striking characteristics with low triggering power. Thanks to its electronic concept, this TN22 based starter offers high reliability levels and extended life time of the fluorescent tubelamps.
2
3
DPAK (TN22-B)
IPAK (TN22-H)
TAB
1
2
3
TO-22AB (TN22-T)
Table 1: Absolute ratings (limiting values) Symbol VRRM IT(RMS) IT(AV) ITSM
2 It
Parameter Repetitive peak off-state voltage RMS on-state current Full sine ware (180 conduction angle) Mean on-state current Full sinewave (180 conduction angle) Non repetitive surge peak on-state current (Tj initial = 25C) I2t Value for fusing Critical rate of rise of on-state current IG =5mA dIG /dt = 70 mA/s. Storage and operating junction temperature range Maximum lead temperature for soldering during 10s at 4.5mm from case Tj = 110C Tc = 95C Tc = 95C tp = 8.3ms tp = 10ms tp = 10ms
Value 400 2 1.8 22 20 2 50 -40 to +150 -40 to +110 260
Unit V A A A A2s A/s C C
dl/dt Tstg Tj TI
September 2005
REV. 2
1/9
TN22
Table 2: Thermal resistance Symbol Rth(j-a) Rth(j-c) Junction to AMBIENT Junction to case Parameter DPAK / IPAK TO-220AB Value 100 60 3 Unit C/W C/W
GATE CHARACTERISTICS (maximum values) PG (AV) = 300 mW PGM = 2W(tp = 20 s) IFGM=1 A (tp = 20 s) VRGM = 6V Table 3: Static electrical characteristics (per diode) Symbol IGT VGT IH VTM IDRM dV/dt Test conditions VD=12V (DC) RL= 33 VD=12V (DC) RL= 33 RGK = 1 K VGK = 0V ITM = 2A tp = 380s VDRM Rated Linear slope up to VD=67%VDRM VGK = 0V Tj = 25C Tj = 25C Tj = 25C Tj = 25C Tj = 25C Tj = 110C Type MAX MAX MIN MAX MAX MIN Value 1.5 3 175 3.1 0.1 500 Unit mA V mA V mA V/s
Symbol VBR
Test conditions ID = 5mA VGK = 0V Tj = 25C
Type MIN MAX
Value TN22-1500 1200 1500
Unit V V
2/9
(R)
TN22
This thyristor has been designed for use as a fluorescent tube starter switch. An electronic starter circuit provides : Figure 1: Basic application diagram
INDUCTANCE BALLAST

A pre-heating period during which a heating current is applied to the cathode heaters. One or several high voltage striking pulses across the lamp.
STARTER CIRCUIT
AC VOLTAGE
FLUORESCENT TUBE
R TN22 S
CONTROLLER (TIMER)
1/ Pre-heating At rest the switch S is opened and when the mains voltage is applied across the circuit a full wave rectified current flows through the resistor R and the TN22 gate : at every half-cycle when this current reaches the gate triggering current (IGT) the thyris tor turns on. When the device is turned on the heating current, limited by the ballast choke, flows through the tube heaters. The pre-heating time is typically 2 or 3 seconds. 2/ Pulsing At the end of the pre-heating phase the switch S is turned on. At this moment : If the current through the devices is higher than the holding current (IH) the thyristor remains on until the current falls below IH. Then the thyristor turns off. If the current is equal or lower than the holding current the thyristor turns off instantaneously. When the thyristor turns off the current flowing through the ballast choke generates a high voltage
pulse. This overvoltage is clamped by the thyristor avalanche characteristic (VBR). If the lamp is not struck after the first pulse, the system starts a new ignition sequence again. 3/ Steady state When the lamp is on the running voltage is about 150V and the starter switch is in the off-state. IMPLEMENTATION The resistor R must be chosen to ensure a proper triggering in the worst case (minimum operating temperature) according to the specified gate triggering current and the peak line voltage. Switch S : This function can be realized with a gate sensitive SCR type : P0130AA 1EA3 This component is a low voltage device (< 50V) and the maximum current sunk through this switch can reach the level of the thyristor holding current. The pre-heating period can be determined by the time constant of a capacitor-resistor circuit charged by the voltage drop of diodes used in series in the thyristor cathode.
(R)
3/9
TN22
Figure 2: Maximum average power dissipation versus average on-state current (rectified full sinewave)
PT(av) (W)
6
= 180
o
Figure 3: Correlation between maximum average power dissipation and maximum allowable temperature (Tamb and Tcase) for different thermal resistances heatsink + contact
PT(av) (W)
6 5
Rth=12 oC/W Rth=8 o C/W Rth=4 o C/W Rth=0 o C/W
5
= 120
o
4 3 2 1
= 30 = 60
o
= 90
o
o
4 3 2
= 180
o
I T(av) (A)
0
1
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8 2
0
0
10 20 30 40
Tcase ( C)
o
50
60
70
80
90 100 110
Figure 4: Averrage on-state current versus case temperature (rectified full sine wave)
I T(av) (A)
Figure 5: Thermal transient impedance junction to ambient versus pulse duration
Zth(j-a)(oC/W)
1.0E+02
2.0 1.8 o 1.6 = 180 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.0 10 20
1.0E+01
1.0E+00
Tcase ( C)
o
30 40
50 60
70 80
90 100 110
1.0E-01 1.0E-02
tp(S)
1.0E-01 1.0E+00 1.0E+01 1.0E+02 1.0E+03
Figure 6: Relative variation of gate trigger current and holding current versus junction temperature
Igt[Tj] o Igt[Tj=25 C] Ih[Tj] Ih[Tj=25 o C]
Figure 7: Non repetitive surge peak on-state current versus number of cycles
ITSM(A)
20 18 16 14 12 10 8 6 4 2
Tj initial = 25oC F = 50Hz
3.0
2.5
2.0 1.5
Ih
Igt
1.0
0.5
Tj(oC)
Number of cycles
0.0
-40
-20
0
20
40
60
80
100
120
140
0 1
10
100
1000
4/9
(R)
TN22
Figure 8: Non repetitive surge peak on-state current for a sinusoidal pulse with width : tp = 10ms, and corresponding value fo I2t
I TSM (A). I2 t (A2 s)
100
Tj initial = 25 oC
Figure 9: On-state characteristics (maximum values)
VTM (V)
8 7 6 5
Tj=110 oC Vto =2.50V Rt =0.235 Tj=110 oC
I TSM
10
4 3
I2 t
Tj=25 oC
2 1 I TM (A) 1 10 20
1 1
tp(ms)
10
0 0.1
Figure 10: Relative variation of holding current versus gate-cathode resistance (typical values)
IH (mA)
Tj=25 oC
Figure 11: Maximum allowable RMS current versus time conduction and initial case temperature. Note: Calculation made fot Tj max = 135C (the failure mode will be short circuit)
11 10 9
500
IT(rms) (A)
Tc initial = 25 oC
100
8 7 6
Tc initial = 45 oC
10
5 4 3 Rgk( ) 2 1000
Tc initial = 65 oC
tp(s) 1 10 100
1 1
10
100
1 0.1
Figure 12: Ordering information scheme
TN
STARTLIGHT DEVICE IT(RMS) MAX 2: 2 A
2
2
-
1500
B
PACKAGE: B: DPAK H: IPAK T: TO-220AB
(-TR)
VBR max: 1500: 1500V IGT MAX 2: 1.5 mA
PACKING MODE: Blank: Tube -TR: DPAK Tape & Reel
(R)
5/9
TN22
Figure 13: DPAK Package mechanical data DIMENSIONS REF. A A1 A2 B B2 C C2 D E G H L2 L4 V2 Millimeters Min. 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 6.4 4.4 9.35 0.6 0 Max. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 6.6 4.6 10.1 1.0 8 Inches Min. 0.086 0.035 0.001 0.025 0.204 0.017 0.018 0.236 0.251 0.173 0.368 0.023 0 Max. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 0.259 0.181 0.397 0.039 8
0.80 Typ.
0.031 Typ.
Figure 14: Footprint dimensions (in millimeters)
6.7
6.7
3 3 1.6 2.3 2.3 1.6
6/9
(R)
TN22
Figure 15: TO-220 Package mechanical data DIMENSIONS Millimeters Inches Min. Max. Min. Max. 4.40 4.60 0.173 0.181 1.23 1.32 0.048 0.051 2.40 2.72 0.094 0.107 0.49 0.70 0.019 0.027 0.61 0.88 0.024 0.034 1.14 1.71 0.044 0.066 1.14 1.70 0.044 0.066 4.95 5.15 0.194 0.202 2.40 2.70 0.094 0.106 10 10.40 0.393 0.409 16.4 Typ. 0.645 Typ. 13 14 0.511 0.551 2.65 2.95 0.104 0.116 15.25 15.75 0.600 0.620 6.20 6.60 0.244 0.259 3.50 3.93 0.137 0.154 2.6 Typ. 0.102 Typ. 3.75 3.85 0.147 0.151
REF.
H2 Dia L5 C L7 L6 L2 F2 F1 L9 L4 F G1 G M E D A
A C D E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 M Diam
(R)
7/9
TN22
Figure 16: IPAK Package mechanical data DIMENSIONS Millimeters Inches Min. Typ. Max. Min. Typ. 2.20 2.40 0.086 0.90 1.10 0.035 0.70 1.30 0.027 0.64 0.90 0.025 5.20 5.40 0.204 0.95 0.30 0.035 0.45 0.60 0.017 0.48 0.60 0.019 6 6.20 0.236 6.40 6.60 0.252 2.28 0.090 4.40 4.60 0.173 16.10 0.634 9 9.40 0.354 0.8 1.20 0.031 0.80 1 0.031 10 10
REF. A A1 A3 B B2 B3 B5 C C2 D E e G H L L1 L2 V1
A E B2 L2 C2
Max. 0.094 0.043 0.051 0.035 0.212 0.037 0.023 0.023 0.244 0.260 0.181 0.370 0.047 0.039
D
H L
L1
B3 B V1 A1
e G
B5
C A3
Table 4: Ordering information Type TN22-1500B TN22-1500B-TR TN22-1500H TN22-1500T Marking TN22-1500 TN22-1500 TN22-1500 TN22-1500 Package DPAK DPAK IPAK TO-220AB Weight 0.3 g 0.3 g 0.4 g 2.0 g Base Qty 75 2500 75 50 Delivery mode Tube Tape & Reel Tube Tube
Table 5: Revision History Date Oct-2000 17-Sep-2005 Revision 1 2 First issue. TO-220AB package added. Description of Changes
8/9
(R)
TN22
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2005 STMicroelectronics - All rights reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States www.st.com
(R)
9/9


▲Up To Search▲   

 
Price & Availability of TN22-1500BTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X