Part Number Hot Search : 
1N30A 28GR15D TUSB341 1SMA7V5 587P8915 MN100 APA3010 2B100
Product Description
Full Text Search
 

To Download TB0900H-13-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TB0640H - TB3500H
100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE Features
NEW PRODUCT
* * * * * * * * *
100A Peak Pulse Current @ 10/1000ms 400A Peak Pulse Current @ 8/20ms 58 - 320V Stand-Off Voltages Oxide-Glass Passivated Junction Bi-Directional Protection In a Single Device High Off-State impedance and Low On-State Voltage Helps Equipment Meet GR-1089-CORE, IEC 61000-4-5, FCC Part 68, ITU-T K.20/K.21, and UL497B UL Listed Under Recognized Component Index, File Number 156346 Lead Free Finish/RoHS Compliant (Note 1)
B
Dim A
SMB Min 3.30 4.06 1.96 0.15 5.00 0.10 0.76 2.00 Max 3.94 4.57 2.21 0.31 5.59 0.20 1.52 2.62
A
C
B C D E G H
Mechanical Data
* * * * * * * *
Case: SMB Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Lead Free Plating (Matte Tin Finish). Solderable per MIL-STD-202, Method 208 Polarity: None; Bi-Directional Devices Have No Polarity Indicator Marking: Date Code & Marking Code (See Page 4) Ordering Information: See Page 4 Weight: 0.093 grams (approximate)
D
J
H
G E
J
All Dimensions in mm
Maximum Ratings
@ TA = 25C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Non-Repetitive Peak Impulse Current Non-Repetitive Peak On-State Current Junction Temperature Range Storage Temperature Range Thermal Resistance, Junction to Lead Thermal Resistance, Junction to Ambient Typical Positive Temperature Coefficient for Breakdown Voltage @10/1000us @8.3ms (one-half cycle) Symbol Ipp ITSM Tj TSTG RqJL RqJA DVBR/DTj Value 100 50 -40 to +150 -55 to +150 20 100 0.1 Unit A A C C C/W C/W %/C
Maximum Rated Surge Waveform
Waveform 2/10 us 8/20 us 10/160 us 10/700 us 10/560 us 10/1000 us Standard GR-1089-CORE IEC 61000-4-5 FCC Part 68 ITU-T, K.20/K.21 FCC Part 68 GR-1089-CORE Ipp (A) 500 400 250 200 160 100
IPP, PEAK PULSE CURRENT (%)
100
Peak Value (Ipp) tr = rise time to peak value tp = decay time to half value Half Value
50
0
0
tr
tp
TIME
DS30360 Rev. 7 - 2
1 of 4 www.diodes.com
TB0640H - TB3500H
a Diodes Incorporated
Electrical Characteristics
@ TA = 25C unless otherwise specified On-State Voltage @ IT = 1A VT (V) 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5
NEW PRODUCT
Part Number
Rated Repetitive Off-State Voltage VDRM (V)
Off-State Leakage Current @ VDRM IDRM (uA) 5 5 5 5 5 5 5 5 5 5 5
Breakover Voltage VBO (V) 77 88 98 130 160 180 220 265 300 350 400
Breakover Current IBO Min (mA) 50 50 50 50 50 50 50 50 50 50 50 Max (mA) 800 800 800 800 800 800 800 800 800 800 800
Holding Current IH Min (mA) 150 150 150 150 150 150 150 150 150 150 150 Max (mA) 800 800 800 800 800 800 800 800 800 800 800
Off-State Capacitance CO (pF) 200 200 200 120 120 120 120 80 80 80 80
Marking Code
TB0640H TB0720H TB0900H TB1100H TB1300H TB1500H TB1800H TB2300H TB2600H TB3100H TB3500H
58 65 75 90 120 140 160 190 220 275 320
T064H T072H T090H T110H T130H T150H T180H T230H T260H T310H T350H
Symbol VDRM IDRM VBR IBR VBO IBO IH VT IPP CO
Notes:
Parameter Stand-off Voltage Leakage current at stand-off voltage Breakdown voltage Breakdown current Breakover voltage Breakover current Holding current On state voltage Peak pulse current Off-state capacitance NOTE: 3 NOTE: 2
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7. 2. IH > (VL/RL) If this criterion is not obeyed, the TSPD triggers but does not return correctly to high-resistance state. The surge recovery time does not exceed 30ms. 3. Off-state capacitance measured at f = 1.0MHz, 1.0V RMS signal, VR = 2VDC bias.
I IPP
IBO IH IBR IDRM VT VDRM VBR VBO
V
DS30360 Rev. 7 - 2
2 of 4 www.diodes.com
TB0640H - TB3500H
100
NORMALIZED BREAKDOWN VOLTAGE
1.2
NEW PRODUCT
I(DRM), OFF-STATE CURRENT (uA)
1.15
VBR= (TJ) VBR = (TJ = 25C)
10
1.1
1
1.05
0.1
VDRM = 50V
1
0.01
0.95
0.9
0.001 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Fig. 1 Off-State Current vs. Junction Temperature
-50
-25
0
25
50
75
100 125 150 175
TJ, JUNCTION TEMPERATURE (C) Fig. 2 Relative Variation of Breakdown Voltage vs. Junction Temperature
1.1
100
NORMALIZED BREAKDOWN VOLTAGE
1.05
VBO = (TJ = 25C)
IT, ON-STATE CURRENT (A)
VBO= (TJ)
10
1
Tj = 25C
0.95
-50 -25
0
25
50
75
100 125 150 175
1 1 1.5 2 2.5 3 3.5 4 4.5 5 VT, ON-STATE VOLTAGE (V) Fig. 4 On-State Current vs. On-State Voltage
1
TJ, JUNCTION TEMPERATURE (C) Fig. 3 Relative Variation of Breakover Voltage vs. Junction Temperature
1.4 1.3
NORMALIZED HOLDING CURRENT
1.2 1.1 1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 -50 -25 0 25 50 75 100 125
IH = (TJ) IH = (TJ = 25C)
NORMALIZED CAPACITANCE
CO= (VR) CO = (VR = 1V)
Tj = 25C f = 1 Mhz VRMS = 1V
0.1 1 10 100
TJ, JUNCTION TEMPERATURE (C) Fig. 5 Relative Variation of Holding Current vs. Junction Temperature
VR, REVERSE VOLTAGE (V) Fig. 6 Relative Variation of Normalized Capacitance vs. Reverse Voltage Bias
DS30360 Rev. 7 - 2
3 of 4 www.diodes.com
TB0640H - TB3500H
Ordering Information
(Note 4) Packaging SMB SMB SMB SMB SMB SMB SMB SMB SMB SMB SMB Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
NEW PRODUCT
Device TB0640H-13-F TB0720H-13-F TB0900H-13-F TB1100H-13-F TB1300H-13-F TB1500H-13-F TB1800H-13-F TB2300H-13-F TB2600H-13-F TB3100H-13-F TB3500H-13-F
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXXXX = Product Type Marking Code (See Table on Page 2) YWW = Date Code Marking Y = Year ex: 2 = 2002 WW = Week Code 01 to 52
YWW XXXXX
Date Code Key Year Code 2002 2 2003 3 2004 4
2005 5
2006 6
2007 7
2008 8
2009 9
IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the express written approval of Diodes Incorporated.
DS30360 Rev. 7 - 2
4 of 4 www.diodes.com
TB0640H - TB3500H


▲Up To Search▲   

 
Price & Availability of TB0900H-13-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X