Part Number Hot Search : 
00060 08852 51010 C1207 C1207 MP87C TS932I BC2004
Product Description
Full Text Search
 

To Download SY100S318FC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
SY100S318
FEATURES
s Max. propagation delay of 800ps s IEE min. of -55mA s Extended supply voltage option: VEE = -4.2V to -5.5V s Voltage and temperature compensation for improved noise immunity s Internal 75K input pull-down resistors s s s s 70% faster than Fairchild 40% lower power than Fairchild Function and pinout compatible with Fairchild F100K Available in 24-pin CERPACK and 28-pin PLCC packages
DESCRIPTION
The SY100S318 is an ultra-fast 5-wide 5, 4, 4, 4, 2 OR/ AND gate with both true and complementary outputs, designed for use in high-performance ECL systems. The inputs on this device have 75K pull-down resistors.
PIN CONFIGURATIONS
D5a D4a VEES D1b D3a D2a D1a 4 3 2 1 28 27 26
11 10 9 8 7 6 5 D2b D3b VEE VEES D4b D1c D2c 12 13 14 15 16 17 18 O O VCCA VCC VCC D2e D1e
Top View PLCC J28-1
BLOCK DIAGRAM
D1a D2a D3a D4a D5a D1b D2b D3b D4b D1c D2c D3c D4c D1d D2d D3d D4d D1e D2e
19 20 21 22 23 24 25 D3c D4c D1d VEES D2d D3d D4d
D1c D4b VEE
D2c
D3b
D3c D4c D1d D2d D3d D4d
1 2 3 4 5 6
24 23 22 21 20 19 18 Top View Flatpack F24-1 17 16 15 14
D2b
D1b D5a D4a D3a D2a D1a
13 7 8 9 10 11 12
D2e VCC VCCA D1e O O
O O
PIN NAMES
Pin Dna - Dne O-O VEES VCCA Function Data Inputs (n = 1...5) Data Outputs VEE Substrate VCCO for ECL Outputs
Rev.: G
Amendment: /0
1
Issue Date: July, 1999
Micrel
SY100S318
LOGIC EQUATION
O = (D1a + D2a + D3a + D4a + D5a) (D1b + D2b + D3b + D4b) (D1c + D2c + D3c + D4c) (D1d + D2d + D3d + D4d) (D1e + D2e)
DC ELECTRICAL CHARACTERISTICS
VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND
Symbol IIH IEE Parameter Input HIGH Current, All Inputs Power Supply Current Min. -- -55 Typ. -- -41 Max. 200 -25 Unit A mA Condition VIN = VIH (Max.) Inputs Open
AC ELECTRICAL CHARACTERISTICS CERPACK
VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND
TA = 0C Symbol tPLH tPHL tTLH tTHL Parameter Propagation Delay Data to Output Transition Time 20% to 80%, 80% to 20% Min. 300 200 Max. 900 900 TA = +25C Min. 300 200 Max. 900 900 TA = +85C Min. 300 200 Max. 900 900 Unit ps ps Condition
PLCC
VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND
TA = 0C Symbol tPLH tPHL tTLH tTHL Parameter Propagation Delay Data to Output Transition Time 20% to 80%, 80% to 20% Min. 300 200 Max. 800 900 TA = +25C Min. 300 200 Max. 800 900 TA = +85C Min. 300 200 Max. 800 900 Unit ps ps Condition
2
Micrel
SY100S318
TIMING DIAGRAM
0.7 0.1 ns INPUT
0.7 0.1 ns -0.95V 80% 50% 20% -1.69V
TRUE
tPHL
tPLH
50%
OUTPUT
tPLH
tPHL 80% 50% 20% tTLH tTHL
COMPLEMENT
Propagation Delay and Transition Times
NOTE: VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND
PRODUCT ORDERING CODE
Ordering Code SY100S318FC SY100S318JC SY100S318JCTR Package Type F24-1 J28-1 J28-1 Operating Range Commercial Commercial Commercial
3
Micrel
SY100S318
24 LEAD CERPACK (F24-1)
Rev. 03
4
Micrel
SY100S318
28 LEAD PLCC (J28-1)
Rev. 03
MICREL-SYNERGY
TEL
3250 SCOTT BOULEVARD SANTA CLARA CA 95054 USA
FAX
+ 1 (408) 980-9191
+ 1 (408) 914-7878
WEB
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated
5


▲Up To Search▲   

 
Price & Availability of SY100S318FC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X