Part Number Hot Search : 
2SK2329 03C22 FP024M L4808CX SRF6G HDT62SR S9S08SG LE120CZ
Product Description
Full Text Search
 

To Download SG12864H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SG12864H ( 128 DOTS X 64 DOTS )
FEATURES
BUILT-IN CONTROLLER (KS0107 OR EQUIVALENT) +5 V POWER SUPPLY 1/64 DUTY CYCLE 8-BIT PARALLEL INTERFACE 4.2 V LED FORWARD VOLTAGE
MECHANICAL DATA
ITEM
Module Size (W x H x T) Viewing Area ( W x H ) Active Area ( W x H ) Dot Size ( W x H ) Dot Pitch ( W x H )
DIMENSIONS
75.0 x 52.7 x 7.9 ( 9.2 LED ) 60.0 x 32.5 55.01 x 27.49 0.40 x 0.40 0.43 x 0.43
UNIT
mm mm mm mm mm
INTERFACE PIN CONNECTIONS
NO.
1 2 3 4~11 12 13 14 15 16 17 18 19 20
ABSOLUTE MAXIMUM RATINGS
ITEM
Supply Voltage For Logic Supply Voltage For LCD Drive Input Voltage
SYMBOL LEVEL
VDD VSS VO DB0~DB7 CS1 CS2 /RES R/W D/I E Vout A K 5V 0V
FUNCTION
Power Supply Voltage Power Supply Ground Contrast Adjustment Voltage Data Bus Line Chip Select Signal For IC1 Chip Select Signal For IC2 Reset Signal H : Read / L : Wrtie H : Data, L : Instruction Code
SYMBOL
VDD-VSS VDD-Vo VI
MIN.
0 0 Vss
TYP. -
MAX.
7 18 VDD
UNIT
V V V
H/L H H L H/L H/L H L
ELECTRICAL CHARACTERISTICS
ITEM
Supply Voltage For Logic Supply Voltage For LCD Supply Current Input Voltage Output Voltage "HIGH" Level "LOW" Level "HIGH" Level "LOW" Level
SYMBOL
VDD-VSS VDD-Vo IDD VIH VIL VOH VOL
CONDITION VDD=5V Ta=25 VDD=5V
MIN.
4.5 7.8 2.2 2.4 -
TYP.
5 8.6 6.2 -
MAX. UNIT
5.5 9.2 10 VDD 0.6 0.4 V V mA V V V V
Enable Signal Power Supply Voltage For LCD LED Power (+) LED Power (-)
-
4.2V 0V
EXTERNAL DIMENSIONS


▲Up To Search▲   

 
Price & Availability of SG12864H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X