Part Number Hot Search : 
LVC1G07 FC358AD 55C11 AT43USB SRA1040 A7809S C13211 SRA1040
Product Description
Full Text Search
 

To Download S48SA1R812NRFA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
High efficiency: 84% @ 1.2V/ 12A Size: 47.2mm x 29.5mm x 8.35mm (1.86" x 1.16" x 0.33") Low profile: 0.33" Industry standard footprint and pin out Surface mountable Fixed frequency operation Input UVLO, Output OCP, OVP No minimum load required 2:1 input voltage range Basic insulation ISO 9001, TL 9000, ISO 14001, QS9000, OHSAS18001 certified manufacturing facility UL/cUL 60950 (US & Canada) recognized, and TUV (EN60950) certified CE mark meets 73/23/EEC and 93/68/EEC directive
Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
The Delphi Series S48SA, surface mountable, 48V input, single output, isolated DC/DC converters are the latest offering from a world leader in power system and technology and manufacturing - Delta Electronics, Inc. This product family provides up to 33 watts of power or up to 12A of output current (1.8V or below). With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions. All models are protected from abnormal input/output voltage and current conditions.
OPTIONS
Positive on/off logic SMD or Through hole mounting
APPLICATIONS
Telecom/DataCom Wireless Networks Optical Network Equipment Server and Data Storage Industrial/Test Equipment
DATASHEET DS_S48SA1R212_05122006 Delta Electronics, Inc.
TECHNICAL SPECIFICATIONS
(TA=25C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted)
PARAMETER
ABSOLUTE MAXIMUM RATINGS Input Voltage Continuous Transient (100ms) Operating Temperature Storage Temperature Input/Output Isolation Voltage INPUT CHARACTERISTICS Operating Input Voltage Input Under-Voltage Lockout Turn-On Voltage Threshold Turn-Off Voltage Threshold Lockout Hysteresis Voltage Maximum Input Current No-Load Input Current Off Converter Input Current Inrush Current(I2t) Input Reflected-Ripple Current Input Voltage Ripple Rejection OUTPUT CHARACTERISTICS Output Voltage Set Point Output Voltage Regulation Over Load Over Line Over Temperature Total Output Voltage Range Output Voltage Ripple and Noise Peak-to-Peak RMS Operating Output Current Range Output DC Current-Limit Inception DYNAMIC CHARACTERISTICS Output Voltage Current Transient Positive Step Change in Output Current Negative Step Change in Output Current Settling Time to 1% of Final value Turn-On Transient Start-Up Time, From On/Off Control Start-Up Time, From Input Maximum Output Capacitance EFFICIENCY 100% Load ISOLATION CHARACTERISTICS Isolation Voltage Isolation Resistance Isolation Capacitance FEATURE CHARACTERISTICS Switching Frequency ON/OFF Control, (Logic Low-Module ON) Logic Low Logic High ON/OFF Current Leakage Current Output Voltage Trim Range Output Over-Voltage Protection(Hiccup) GENERAL SPECIFICATIONS Calculated MTBF Weight Over-Temperature Shutdown
NOTES and CONDITIONS
Min.
S48SA1R212NRFA
Typ. Max. 80 100 102 125 48 34 32 2 35 7 0.01 5 50 1.17 1.20 2 2 100 1.15 30 5 0 13.2 15.6 35 35 200 6 6 1.23 10 5 300 1.25 75 20 12 18 100 100 12 12 2200 75 35.5 33.5 3 0.85 Units Vdc Vdc C C Vdc V V V V A mA mA A2s mA dB V mV mV ppm/ V mV mV A A mV mV s ms ms F % V M pF kHz 0.8 15 1 50 +10 160 V V mA uA % % hours grams C
100ms Refer to Figure 18 for measuring point 1 minute
-40 -55 1500 36 32.5 30.5 1
100% Load, 36Vin
P-P thru 12H inductor, 5Hz to 20MHz 120 Hz Vin=48V, Io=50%Io.max, Ta=25 Io=Io,min to Io,max Vin=36V to75V Ta=-40 to 85 Over sample load, line and temperature 5Hz to 20MHz bandwidth Full Load, 1F ceramic, 10F tantalum Full Load, 1F ceramic, 10F tantalum Output Voltage 10% Low 48V, 10F Tan & 1F Ceramic load cap, 0.1A/s 50% Io,max to 75% Io,max 75% Io,max to 50% Io.max
Full load; 5% overshoot of Vout at startup 82 1500 10 1500 330 Von/off at Ion/off=1.0mA Von/off at Ion/off=0.0 A Ion/off at Von/off=0.0V Logic High, Von/off=15V Across Trim Pin & +Vo or -Vo, Poutmax rated Over full temp range; % of nominal Vout Io=80% of Io, max; Tc=40C Refer to Figure 18 for measuring point 0 84
-10 115
125 TBD 18 115
2
DS_S48SA1R212_05122006
ELECTRICAL CHARACTERISTICS CURVES
85 80 75 70 65 60 55 50 1 2 3 4 5 6 7 8 9 10 11 12
36Vin 48Vin 75Vin
POWER DISSIPATION (W)
EFFICIENCY (%)
90
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 1 2 3 4 5 6 7 8 9 10 11 12
OUTPUT CURRENT (A)
36Vin 48Vin 75Vin
OUTPUT CURRENT (A)
Figure 1: Efficiency vs. load current for minimum, nominal, and maximum input voltage at 25C.
INPUT CURRENT (A)
Figure 2: Power dissipation vs. load current for minimum, nominal, and maximum input voltage at 25C.
0.6
Io=10A Io=6A
0.5 0.4 0.3 0.2 0.1 0.0 30 35 40 45 50 55 60
Io=1A
65
70
75
INPUT VOLTAGE (V)
Figure 3: Typical input characteristics at room temperature.
Figure 4: Turn-on transient at full rated load current (1 ms/div). Top Trace: Vout (500mV/div); Bottom Trace: ON/OFF Control (5V/div).
3
DS_S48SA1R212_05122006
ELECTRICAL CHARACTERISTICS CURVES
Figure5: Turn-on transient at zero load current (1 ms/div). Top Trace: Vout (500mV/div); Bottom Trace: ON/OFF Control (5V/div).
Figure 6: Output voltage response to step-change in load current (50%-75% of Io, max; di/dt = 0.1A/s). Load cap: 10F, 100 mESR tantalum capacitor and 1F ceramic capacitor. Top Trace: Vout (20mV/div), Bottom Trace: Iout (5A/div).
Figure 7: Output voltage response to step-change in load current (75%-50% of Io, max; di/dt = 0.1A/s). Load cap: 10F, 100 mESR tantalum capacitor and 1F ceramic capacitor. Top Trace: Vout (20mV/div), Bottom Trace: Iout 5A/div).
Figure 8: Test set-up diagram showing measurement points for Input Reflected Ripple Current (Figure 9). Note: Measured input reflected-ripple current with a simulated source Inductance (LTEST) of 12 H. Capacitor Cs offset possible battery impedance.
4
DS_S48SA1R212_05122006
ELECTRICAL CHARACTERISTICS CURVES
Copper Strip Vo(+)
10u Vo(-)
1u
SCOPE
RESISTIVE LOAD
Figure 9: Input Reflected Ripple Current, is, at full rated output current and nominal input voltage with 12H source impedance and 33F electrolytic capacitor (2 mA/div).
Figure 10: Output voltage noise and ripple measurement test setup. Scope measurement should be made using a BNC cable (length shorter than 20 inches). Position the load between 51 mm to 76 mm (2 inches to 3 inches) from the module.
OUTPUT VOLTAGE (V)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.0
Vin=48V
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
LOAD CURRENT (A)
Figure 11: Output voltage ripple at nominal input voltage and rated load current (10 mV/div). Load capacitance: 1F ceramic capacitor and 10F tantalum capacitor. Bandwidth: 20 MHz.
Figure 12: Output voltage vs. load current showing typical current limit curves and converter shutdown points.
5
DS_S48SA1R212_05122006
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the DC/DC power modules will interact with the modules and affect the stability. A low ac-impedance input source is recommended. If the source inductance is more than a few H, we advise adding a 10 to 100 F electrolytic capacitor (ESR < 0.7 at 100 kHz) mounted close to the input of the module to improve the stability. This power module is not internally fused. To achieve optimum safety and system protection, an input line fuse is highly recommended. The safety agencies require a normal-blow fuse with 3A maximum rating to be installed in the ungrounded lead. A lower rated fuse can be used based on the maximum inrush transient energy and maximum input current.
Soldering and Cleaning Considerations
Post solder cleaning is usually the final board assembly process before the board or system undergoes electrical testing. Inadequate cleaning and/or drying may lower the reliability of a power module and severely affect the finished circuit board assembly test. Adequate cleaning and/or drying is especially important for un-encapsulated and/or open frame type power modules. For assistance on appropriate soldering and cleaning procedures, please contact Delta's technical support team.
Layout and EMC Considerations
Delta's DC/DC power modules are designed to operate in a wide variety of systems and applications. For design assistance with EMC compliance and related PWB layout issues, please contact Delta's technical support team. An external input filter module is available for easier EMC compliance design. Application notes to assist designers in addressing these issues are pending release.
Safety Considerations
The power module must be installed in compliance with the spacing and separation requirements of the enduser's safety agency standard if the system in which the power module is to be used must meet safety agency requirements. When the input source is 60Vdc or below, the power module meets SELV (safety extra-low voltage) requirements. If the input source is a hazardous voltage which is greater than 60 Vdc and less than or equal to 75 Vdc, for the module's output to meet SELV requirements, all of the following must be met: The input source must be insulated from any hazardous voltages, including the ac mains, with reinforced insulation. One Vi pin and one Vo pin are grounded, or all the input and output pins are kept floating. The input terminals of the module are not operator accessible. A SELV reliability test is conducted on the system where the module is used to ensure that under a single fault, hazardous voltage does not appear at the module's output. Do not ground one of the input pins without grounding one of the output pins. This connection may allow a nonSELV voltage to appear between the output pin and ground.
6
DS_S48SA1R212_05122006
FEATURES DESCRIPTIONS
Over-Current Protection
The modules include an internal output over-current protection circuit, which will endure current limiting for an unlimited duration during output overload. If the output current exceeds the OCP set point, the modules will automatically shut down (hiccup mode). The modules will try to restart after shutdown. If the overload condition still exists, the module will shut down again. This restart trial will continue until the overload condition is corrected.
Vi(+) Vo(+)
Sense(+) ON/OFF Sense(-) Vi(-)
Vo(-)
Figure 13: Remote on/off implementation
Remote Sense (Optional)
Remote sense compensates for voltage drops on the output by sensing the actual output voltage at the point of load. The voltage between the remote sense pins and the output terminals must not exceed the output voltage sense range given here:
[Vo(+) - Vo(-)] - [SENSE(+) - SENSE(-)] 10% x Vout
Over-Voltage Protection
The modules include an internal output over-voltage protection circuit, which monitors the voltage on the output terminals. If this voltage exceeds the overvoltage set point, the module will shut down (Hiccup mode). The modules will try to restart after shutdown. If the fault condition still exists, the module will shut down again. This restart trial will continue until the fault condition is corrected.
Over-Temperature Protection
The over-temperature protection consists of circuitry that provides protection from thermal damage. If the temperature exceeds the over-temperature threshold the module will shut down. The module will try to restart after shutdown. If the overtemperature condition still exists during restart, the module will shut down again. This restart trial will continue until the temperature is within specification.
This limit includes any increase in voltage due to remote sense compensation and output voltage set point adjustment (trim).
Vi(+) Vo(+) Sense(+)
Sense(-) Contact Resistance Vi(-) Vo(-) Contact and Distribution Losses
Remote On/Off
The remote on/off feature on the module can be either negative or positive logic. Negative logic turns the module on during a logic low and off during a logic high. Positive logic turns the modules on during a logic high and off during a logic low. Remote on/off can be controlled by an external switch between the on/off terminal and the Vi(-) terminal. The switch can be an open collector or open drain. For negative logic if the remote on/off feature is not used, please short the on/off pin to Vi(-). For positive logic if the remote on/off feature is not used, please leave the on/off pin floating.
Figure 14: Effective circuit configuration for remote sense operation
If the remote sense feature is not used to regulate the output at the point of load, please connect SENSE(+) to Vo(+) and SENSE(-) to Vo(-) at the module. The output voltage can be increased by both the remote sense and the trim; however, the maximum increase is the larger of either the remote sense or the trim, not the sum of both. When using remote sense and trim, the output voltage of the module is usually increased, which increases the power output of the module with the same output current. Care should be taken to ensure that the maximum output power does not exceed the maximum rated power.
7
DS_S48SA1R212_05122006
FEATURES DESCRIPTIONS (CON.)
Output Voltage Adjustment (TRIM)
To increase or decrease the output voltage set point, the modules may be connected with an external resistor between the TRIM pin and either the Vo+ or Vo -. The TRIM pin should be left open if this feature is not used.
percentage output voltage change Vo% is defined as:
Rtrim - up =
15.9(100 + Vo%) - 1089 - 62[] Vo%
Ex. When trim-up +10% (1.2V X 1.1 = 1.32V)
Rtrim - up =
15.9(100 + 10) - 1089 - 62 = 4[] 10
Care should be taken to ensure that the maximum output power of the module remains at or below the maximum rated power.
Figure 15: Circuit configuration for trim-down (decrease output voltage)
If the external and Vo- pins, The external percentage of as:
resistor is connected between the TRIM the output voltage set point decreases. resistor value required to obtain a output voltage change Vo% is defined
Rtrim - down =
1089 - 62[] Vo %
Ex. When trim-down -10% (1.2V X 0.9 = 1.08V)
Rtrim - down =
1089 - 62 = 46.9[] 10
Figure 16: Circuit configuration for trim-up (increase output voltage)
If the external resistor is connected between the TRIM and Vo+ pins, the output voltage set point increases. The external resistor value required to obtain a
8
DS_S48SA1R212_05122006
THERMAL CONSIDERATIONS
Thermal management is an important part of the system design. To ensure proper, reliable operation, sufficient cooling of the power module is needed over the entire temperature range of the module. Convection cooling is usually the dominant mode of heat transfer. Hence, the choice of equipment to characterize the thermal performance of the power module is a wind tunnel.
THERMAL CURVES
Thermal Testing Setup
Delta's DC/DC power modules are characterized in heated vertical wind tunnels that simulate the thermal environments encountered in most electronics equipment. This type of equipment commonly uses vertically mounted circuit cards in cabinet racks in which the power modules are mounted. The following figure shows the wind tunnel characterization setup. The power module is mounted on a test PWB and is vertically positioned within the wind tunnel. The space between the neighboring PWB and the top of the power module or a heat sink is 6.35mm (0.25").
Figure 18: Hot spot temperature measured point
The allowed maximum hot spot temperature is defined at 102
14
Output Current(A)
S48SA1R212(Standard) Output Current vs. Ambient Temperature and Air Velocity @ Vin = 48V (Either Orienation)
Thermal Derating
Heat can be removed by increasing airflow over the module. Figure 19 shows maximum output is a function of ambient temperature and airflow rate. To enhance system reliability, the power module should always be operated below the maximum operating temperature. If the temperature exceeds the maximum module temperature, reliability of the unit may be affected.
FACING PWB PWB MODULE
12
600LFM
10
Natural Convection
8
500LFM
100LFM
6
400LFM
200LFM
4
2
300LFM
0 65 70 75 80 85 90 95 100 105 Ambient Temperature ()
Figure 19: Output current vs. ambient temperature and air velocity @ Vin=48V
AIR VELOCITY AND AMBIENT TEMPERATURE MEASURED BELOW THE MODULE
AIR FLOW
50.8 (2.0")
10 (0.4") Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
Figure 17: Wind tunnel test setup
9
DS_S48SA1R212_05122006
PICK AND PLACE LOCATION
SURFACE-MOUNT TAPE & REEL
RECOMMENDED PAD LAYOUT (SMD)
10 DS_S48SA1R212_05122006
LEADED (Sn/Pb) PROCESS RECOMMEND TEMP. PROFILE
250 Temperature (C ) 200 150 100 50 2nd Ramp-up temp. Peak temp. 1.0~3.0C /sec. 210~230C 5sec. Pre-heat temp. 140~180C 60~120 sec. Cooling down rate <3C /sec.
Ramp-up temp. 0.5~3.0C /sec.
Over 200C 40~50sec.
0
60
120 Time ( sec. )
180
240
300
Note: The temperature refers to the pin of S48SA, measured on the pin +Vout joint.
LEAD FREE (SAC) PROCESS RECOMMEND TEMP. PROFILE
Temp.
Peak Temp. 240 ~ 245
217 200
Ramp down max. 4/sec.
150
Preheat time 100~140 sec. Ramp up max. 3/sec.
Time Limited 90 sec. above 217
25
Time
Note: The temperature refers to the pin of S48SA, measured on the pin +Vout joint.
11
DS_S48SA1R212_05122006
MECHANICAL DRAWING
Surface-Mount Module Through-Hole Module
Pin No. 1 2 6 8 11 12 Optional Pin 4 5 9
Name +Vout -Vout Trim ON/OFF -Vin +Vin Name +Sense (Option) -Sense (Option) NC
Function Positive output voltage Negative output voltage Output voltage trim ON/OFF logic Negative input voltage Positive input voltage Function Positive sense pin Negative sense pin No connection
12
DS_S48SA1R212_05122006
PART NUMBERING SYSTEM
S Form Factor
S- Small Power
48 Input Voltage
48- 48V
S Number of Outputs
S- Single
A Product Series
1R2 Output Voltage
12 Output Current
03- 3.0V 06- 6.6A 10- 10A 12- 12A
N ON/OFF Logic
R Pin Type
F
A* Option Code
A- Advanced 1R2-1.2V 1R5-1.5V 1R8-1.8V 2R5-2.5V 3R3- 3.3V 050- 5.0V 120- 12V
N- Negative R- SMD F- RoHS 6/6 A- 9 pins, no sense P- Positive T-Through hole (Lead Free) B- 6 pins, no sense C- 9 pins with sense (12V has option B only)
* Option code A includes 9 pins. Pins 4, 5, and 9 have no connection. Option code B excludes pin 4, 5, and 9 (total 6 pins). Option code C features 9 pins with sense function.
MODEL LIST
MODEL NAME
S48SA1R212NRFA S48SA1R512NRFA S48SA1R812NRFA S48SA2R510NRFA S48SA3R310NRFA S48SA05006NRFA S48SA12003NRFB
INPUT
36V~75V 36V~75V 36V~75V 36V~75V 36V~75V 36V~75V 36V~75V 0.85A 0.85A 0.85A 1.3A 1.3A 1.3A 1.3A 1.2V 1.5V 1.8V 2.5V 3.3V 5.0V 12V
OUTPUT
12A 12A 12A 10A 10A 6.6A 3.0A
EFF @ 100% LOAD
84.0% 88.0% 88.0% 88.5% 90.5% 90.5% 90.0%
CONTACT: www.delta.com.tw/dcdc
USA: Telephone: East Coast: (888) 335 8201 West Coast: (888) 335 8208 Fax: (978) 656 3964 Email: DCDC@delta-corp.com Europe: Phone: +41 31 998 53 11 Fax: +41 31 998 53 53 Email: DCDC@delta-es.com Asia & the rest of world: Telephone: +886 3 4526107 ext 6220 Fax: +886 3 4513485 Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon request from Delta. Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice.
13
DS_S48SA1R212_05122006


▲Up To Search▲   

 
Price & Availability of S48SA1R812NRFA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X