Part Number Hot Search : 
CM367 2SB331 S3396 TE28F RF103 245MTC 85FDR12B C1011
Product Description
Full Text Search
 

To Download RSS-3318 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Unregulated Converters
Selection Guide
Part Number SMD RSS**-xx1.8 RSS**-xx3.3 RSS**-xx05 RSS**-xx09 RSS**-xx12 RSS**-xx15 RSS**-xx24 RSD**-xx1.8 RSD**-xx3.3 RSD**-xx05 RSD**-xx09 RSD**-xx12 RSD**-xx15 RSD**-xx24 (3kV) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H)

1kVDC Isolation Internal SMD Construction UL94V-0 Package Material Power Density 1.8W/cm3 Toroidal Magnetics Efficiency to 85%
ECONOLINE
DC/DC-Converter
Input Voltage (VDC) 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24
Output Voltage (VDC) 1.8 3.3 5 9 12 15 24 1.8 3.3 5 9 12 15 24
Output Current (mA) 555 303 200 111 84 66 42 278 152 100 56 42 33 21 xx = Input Voltage
Efficiency (%) 70 75 70-78 76-78 78-80 80-84 74-85 70 70 74-78 76-80 78-82 78-82 80-84
RSS** & RSD** Series
1 Watt SMD Single & Dual Output
RSS** : ** without marking denotes standard pinning ** with marking 8 denotes with eight pins RSD** : ** without marking denotes standard pinning ** with marking 10 denotes with ten pins
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Output Ripple and Noise (20MHz limited) Operating Frequency Efficiency at Full Load No Load Power Consumption Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection Operating Temperature Range (free air convection) Storage Temperature Range Reflow Temperature ROHS compliant (for more details see Application Notes) Relative Humidity Package Weight MTBF (+25C) (+85C) 22 MSL Level 1 RSS & RSS8 types RSD & RSD10 types using MIL-HDBK 217F Detailed Information see using MIL-HDBK 217F Application Notes chapter "MTBF" 1.8V, 3.3V output types 5V output type 9V, 12V, 15V, 24V output types 10% 5% 1.2%/1% of Vin max. 20% max. 15% max. 10% max. 100mVp-p max. 50kHz min. / 100kHz typ. / 105kHz max. 70% min. / 80% typ. RSS & RSS8 types 101mW min. / 126mW typ. / 171mW max. RSD & RSD10 types 87mW min. / 130mW typ. / 190mW max. (tested for 1 second) 1.000VDC min. H-Suffix (tested for 1 second) 3.000VDC min. (long term isolation) see Application Notes 15pF min. / 70pF max.
Output Power (%)
Derating-Graph
(Ambient Temperature)
100 80 60 40 20 0 -40 85 100 95 Operating Temperature C 0 50 150
10 G min. 1 Second -40C to +85C (see Graph) -55C to +125C 245C (30 sec) max. 95% RH 1.5g 2.2g 3 1045 x 10 hours 183 x 103 hours
Safe Operating Area
}
26-October-2005
www.recom-international.com
ECONOLINE
DC/DC-Converter
Typical Characteristics
RSS** Series
RSS**-xx09
Efficiency / Load
100 80 60
&
RSD**
RSS**-xx05
Efficiency / Load
100 80 60 40
3.305
1205
0509
0505 Efficiency %
40 20 0
1209 3.309
Efficiency %
20 0
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
Deviation from Nominal (%)
3.305
0505
15.000 10.000 5.000 0.000 -5.000 -10.000
3.309
0509
1205
1209
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
RSS**-xx12
Efficiency / Load
100 80 60 40 100
RSS**-xx15
Efficiency / Load
80 60
0512
1212
1215
3.312 Efficiency %
40 20 0
0515 3.315
Efficiency %
20 0
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
Total Output current (%)
Total Output current (%)
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
Deviation from Nominal (%)
0512
1212
15.000 10.000 5.000 0.000 -5.000 -10.000
0515
3.315
3.312
0% 20% 40% 60% Total Output current (%) 80% 100%
1215
0% 20% 40% 60% Total Output current (%)
80%
100%
www.recom-international.com
26-October-2005
23
ECONOLINE
DC/DC-Converter
Typical Characteristics
RSS** Series
RSD**-xx09
Efficiency / Load
100 80 60 40
&
RSD**
RSD**-xx05
Efficiency / Load
100 80 60 40
0505
1205
0509
1209 3.309
Efficiency %
20 0
3.305
Efficiency %
100%
20 0
0% 20% 40% 60% Total Output current (%)
80%
0% 20% 40% 60% Total Output current (%)
80%
100%
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
Deviation from Nominal (%)
3.305
0505
15.000 10.000 5.000 0.000 -5.000 -10.000
3.309
0509
1205
1209
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
RSD**-xx12
Efficiency / Load
100 80 60 40 100
RSD**-xx15
Efficiency / Load
80 60
1212
0512
0515
3.315
3.312 Efficiency %
40 20 0
1215
Efficiency %
20 0
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
Total Output current (%)
Total Output current (%)
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
Deviation from Nominal (%)
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
0512
1212
15.000 10.000 5.000 0.000 -5.000 -10.000
1215
0515
3.312
0% 20% 40% 60% Total Output current (%) 80% 100%
3.315
0% 20% 40% 60% Total Output current (%)
80%
100%
24
26-October-2005
www.recom-international.com
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
RSS** Series
&
RSD**
8 PIN Single SMD Package
12.75 12.10 5.35 1.65 2.54 x 3 7.30 7.40 9.00 11.10
Pin Connections
10 PIN Dual SMD Package
15.24 14.70 5.35 1.65 2.54x4 7.30
3rd angle projection
8.15 7.90 8 5
RECOM RSS-xxxx xxxx
8.15 7.90
10
7
RECOM RSD-xxxx xxxx
12
4
12
45
7.40 9.00 11.10
1.20
Recommended Footprint Details
8 5 4 1.80
Pin # 1 2 4 5 7 8 10
Single -Vin +Vin -Vout +Vout No Pin NC No Pin
Dual -Vin +Vin Com -Vout +Vout No Pin NC
Bottom View
0.55
Recommended Footprint Details
10 7
Bottom View
12.00 0.55
Top View
12
12.00 1.20
Top View
12
45 1.80
2.54
1.20
2.54
1.20
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
**) Package Style and Pinning (mm)
8 PIN Single SMD Package 10 PIN Dual SMD Package
12.75 12.10 5.35 1.65 2.54 x 3 7.30
8.15 7.90 87 65
RECOM RSS8-xxxx xxxx
10 9 8 7 6
RECOM RSD10-xxxx xxxx
15.24 14.70 5.35 1.65 2.54x4 7.30
8.15 7.90
7.40 9.00 11.10
1234
Pin Connections Pin # Single -Vin +Vin NC -Vout +Vout NC NC NC -
12345
7.40 9.00 11.10
Dual -Vin +Vin NC Com -Vout NC +Vout NC NC NC
Bottom View
1.20
Recommended Footprint Details
8 765
Top View
1 2 3 4 5 6
Recommended Footprint Details
0.55 12.00 1.20 10 9 8 7 6
Top View
Bottom View
12.00 0.55
1234 1.80
12345 1.80
2.54
1.20
7 8 9 10
2.54
1.20
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
26-October-2005
25


▲Up To Search▲   

 
Price & Availability of RSS-3318

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X