Part Number Hot Search : 
D45C1 B19S4P BDR2G MJ3328 U9280 M3804 20N06 THCT1
Product Description
Full Text Search
 

To Download REC3-1233SRH1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

3W DIP Package 1kVDC Isolation Regulated Output UL94V-0 Package Material Continuous Short Circuit Protection Internal SMD design 100% Burned In Efficiency to 75%
ECONOLINE
DC/DC-Converter
REC3S_DR/H1 Series
Output Current (mA) 800 600 333 250 200 300 167 125 100
Selection Guide
Part Number DIP24 REC3-xx3.3SR/H1 REC3-xx05SR/H1 REC3-xx09SR/H1 REC3-xx12SR/H1 REC3-xx15SR/H1 REC3-xx05DR/H1 REC3-xx09DR/H1 REC3-xx12DR/H1 REC3-xx15DR/H1 xx = Input Voltage Input Voltage (VDC) 5, 12, 24, 48 5, 12, 24, 48 5, 12, 24, 48 5, 12, 24, 48 5, 12, 24, 48 5, 12, 24, 48 5, 12, 24, 48 5, 12, 24, 48 5, 12, 24, 48 Output Voltage (VDC) 3.3 5 9 12 15 5 9 12 15
3 Watt DIP24 Single & Dual Output
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load ) Output Ripple and Noise (at 20MHz BW) Operating Frequency Efficiency at Full Load Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection Operating Temperature Range (free air convection) Storage Temperature Range Relative Humidity Thermal Impedance Package Weight MTBF (+25C) (+80C) 92 MSL Level 1 Natural convection (tested for 1 second) (long term isolation) 15% 3% typ. 0.5% max 1% max. 100mVp-p max. 75kHz min. 65% min. 1.000VDC min. see Application Notes 30pF typ. 1 G min. Continuous -40C to +80C (see Graph) -50C to +125C 95% RH 20C/W for metal case 12 g using MIL-HDBK 217F Detailed Information see Application Notes chapter "MTBF" using MIL-HDBK 217F April-2005 950 x 10 hours
3
Derating-Graph
(Ambient Temperature)
100 80 (2W) 67 60 (1.5W) 50 40
Output Power (%)
20 0
Safe Operating Area
0 50 150
100 80 105 96 Operating Temperature C -40
}
145 x 103 hours www.recom-international.com
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
REC3-S_DR/H1 Series
3rd angle projection
24 PIN DIP Package
32.00 10.20 3.81 2.06 0.51
20.30
Pin Connections Pin # 1 2 Single +Vin No Pin No Pin -Vout + Vout -Vin -Vin + Vout -Vout No Pin No Pin +Vin Dual +Vin -Vout Com Com + Vout -Vin -Vin + Vout Com Com -Vout +Vin
15.24
3 10 11
Recommended Footprint Details
1.00 o+0.15/0
12 13 14 15 22 23 24
123 Bottom View 24 23 22
10 11 12
15 14 13 Top View
2.54
XX.X 0.5 mm XX.XX 0.25 mm
2.54
www.recom-international.com
April-2005
93


▲Up To Search▲   

 
Price & Availability of REC3-1233SRH1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X