Part Number Hot Search : 
AD222 MB10A S8321 5KP48A 2SD20 ER1001 20DEM DTC114
Product Description
Full Text Search
 

To Download REC3-050505DRWI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

3W DIP Package Isolated Dual Outputs Vout1 / Vout2 Input / Output 2KVDC Isolation min. UL94V-0 Package Material Continuous Short Circuit Protection Auto-Restarting (V1) Wide Input 2:1 Internal SMD design 100% Burned In
ECONOLINE
DC/DC-Converter
REC3DRWI/A Series
3 Watt DIP24 Isolated Dual Output
Selection Guide
Part Number DIP24 REC3-050505DRWI/A REC3-050509DRWI/A REC3-050512DRWI/A REC3-050515DRWI/A REC3-120505DRWI/A REC3-120509DRWI/A REC3-120512DRWI/A REC3-120515DRWI/A REC3-240505DRWI/A REC3-240509DRWI/A REC3-240512DRWI/A REC3-240515DRWI/A REC3-480505DRWI/A REC3-480509DRWI/A REC3-480512DRWI/A Input Voltage (VDC) 4.5-9 4.5-9 4.5-9 4.5-9 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 36-72 36-72 36-72 Output Voltage Vout1(VDC) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 Output Current at Vout1(mA) 300* 300* 300* 300* 300* 300* 300* 300* 300* 300* 300* 300* 300* 300* 300* 300* Output Voltage Vout2(VDC) 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 Output Current at Vout2(mA) 300 167 125 100 300 167 125 100 300 167 125 100 300 167 125 100
REC3-480515DRWI/A 36-72 5 * V1 min. load 100mA to supply V2 well Metal case could be selected with " M "after P/N
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load ) Output Ripple and Noise (at 20MHz BW) Operating Frequency Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection (V1) Operating Temperature Range (free air convection) Storage Temperature Range Relative Humidity MSL Level 1 Vin=5V Vin=12, 24, 48V 2:1 2% max. 0.4% max. 0.6% max. 50mVp-p max. 100kHz typ. Input / Output (tested for 1 second) 2.000VDC min. Vout1 / Vout2 (tested for 1 second) 500VDC min. (long term isolation) see Application Notes 40pF typ. 1 G min. Continuous -40C to +80C (see Graph) -40C to +85C (see Graph) -50C to +125C 95% RH continued on next page www.recom-international.com April-2005 97
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area)
Case Material Thermal Impedance Package Weight MTBF
Detailed Information see Application Notes chapter "MTBF"
REC3-DRWI/A Series
Non-Conductive Plastic Natural convection using MIL-HDBK 217F 20C/W for metal case 12 g 106 hours
Derating-Graph
(Ambient Temperature)
Vin = 5V
100 80 (2W) 67 60 (1.5W) 50 40
Vin = 12, 24, 48V
100 80 (2W) 67 60 (1.5W) 50 40
Output Power (%)
Output Power (%)
20 0
Safe Operating Area
0 50 150
20 0 -40
Safe Operating Area
0 50 150
100 80 105 96 Operating Temperature C -40
100 85 105 98 Operating Temperature C
Package Style and Pinning (mm) Wide Input 2:1
24 PIN DIP Package
3rd angle projection
32.00 10.20 3.81 4.60 0.51
20.30
Pin Connections Pin # 2 3 Dual -Vin -Vin + Vout 2 -Vout 2 + Vout 1 -Vout 1 +Vin +Vin
15.24
9 11 14 16 22 23
Recommended Footprint Details
1.00 o+0.15/0
23 Bottom View 23 22 16 14 Top View 9 11
XX.X 0.5 mm XX.XX 0.25 mm
2.54
2.54
98
April-2005
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of REC3-050505DRWI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X