Part Number Hot Search : 
K176TM2 2SK3554 74LVC126 VICES EL7556BC KF284 D7528AC 0EP16
Product Description
Full Text Search
 

To Download RB480Y-901 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RB480Y-90
Diodes
Schottky barrier diode
RB480Y-90
Applications Low current rectification Dimensions (Unit : mm) Land size figure (Unit : mm)
0.5
1.60.05 1.60.1
1.60.1 1.60.05
1.20.1
Features 1) Ultra small mold type. (EMD4) 2) Low VF 3) High reliability
(4)
(3)
1.0
00.1
EMD4
Construction Silicon epitaxial planar
(1) 0.5 1.00.1 0.5
(2)
Structure
0.50.05
ROHM : EMD4 JEITA : SC-75A Size dot (year week factory)
Taping dimensions (Unit : mm)
4.00.1 2.00.05 1.50.1 0 1.750.1 0.30.1
3.50.05
1.650.1
5.50.2
8.00.2
1.55
0.80.1 00.1 0.650.1
0.220.05
0.130.05
0.45
1.650.1 1.70.05
1PIN
4.00.1
Absolute maximum ratings (Ta=25C) Parameter Reverse voltage (repetitive peak) Reverse voltage (DC) Average rectified forward current*1 Forward current surge peak 60Hz1cyc*1 Junction temperature Storage temperature
Symbol VRM VR Io IFSM Tj Tstg
Limits 90 90 100 1 125 -40 to +125
Unit V V mA A
(*1) Rating of per diode
Electrical characteristic (Ta=25C) Parameter Symbol
Forward voltage Reverse current
VF IR
Min. -
Typ. 0.64 0.3
Max. 0.69 5
Unit V A
Conditions IF=100mA VR=90V
Rev.C
1.650.01
1/3
RB480Y-90
Diodes
Electrical characteristic curves
100 FORWARD CURRENT:IF(mA) REVERSE CURRENT:IR(A) Ta=75 10 Ta=125 Ta=25 Ta=-25 1 1000 100 10 1 0.1 0.01 0.001 1 0 10 20 30 40 50 60 70 80 90 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS 0 5 10 15 20 25 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS 30 Ta=-25 Ta=75 CAPACITANCE BETWEEN TERMINALS:Ct(pF) 100 f=1MHz
Ta=125
Ta=25
10
0.1 0 100 200 300 400 500 600 700 800 FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS
0.0001
670 FORWARD VOLTAGE:VF(mV) Ta=25 IF=0.1A n=30pcs
5 4.5 REVERSE CURRENT:IR(nA) 4 3.5 3 2.5 2 1.5 1 0.5 0 VF DISPERSION MAP AVE:0.286uA Ta=25 VR=90V n=30pcs
30 29 CAPACITANCE BETWEEN TERMINALS:Ct(pF) 28 27 26 25 24 23 22 21 20 AVE:21.60pF Ta=25 f=1MHz VR=0V n=10pcs
660
650
640
630 AVE:641.7mV 620
IR DISPERSION MAP
Ct DISPERSION MAP
20 PEAK SURGE FORWARD CURRENT:IFSM(A) PEAK SURGE FORWARD CURRENT:IFSM(A) Ifsm 15 8.3ms 10 1cyc
10 9 PEAK SURGE FORWARD CURRENT:IFSM(A) 8 7 6 5 4 3 2 1 0 1 IFSM DISRESION MAP 10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS 100 Ifsm 8.3ms 8.3ms 1cyc
10 9 8 7 6 5 4 3 2 1 0 1 10 TIME:t(ms) IFSM-t CHARACTERISTICS 100 Ifsm t
5 AVE:3.70A 0
1000 TRANSIENT THAERMAL IMPEDANCE:Rth (/W) Rth(j-a)
0.2 Per diode FORWARD POWER DISSIPATION:Pf(W) D=1/2 0.1 Sin(180) DC REVERSE POWER DISSIPATION:PR (W)
0.03 Per diode
Rth(j-c) 100
0.02
Mounted on epoxy board IM=10mA IF=100mA
D=1/2 0.01 DC Sin(180)
1ms
time
300us
10 0.001
0.1
10
1000
0 0 0.05 0.1 0.15 0.2 0.25 AVERAGE RECTIFIED FORWARD CURRENTIo(A) Io-Pf CHARACTERISTICS 0.3
0 0 20 40 60 80
TIME:t(s) Rth-t CHARACTERISTICS
REVERSE VOLTAGE:VR(V) VR-PR CHARACTERISTICS
Rev.C
2/3
RB480Y-90
Diodes
0.3 Per diode AVERAGE RECTIFIED FORWARD CURRENT:Io(A) AVERAGE RECTIFIED FORWARD CURRENT:Io(A) 0A 0V t 0.2 DC D=1/2 0.1 Sin(180) 0 0 25 50 75 100 AMBIENT TEMPERATURE:Ta() Derating Curve(Io-Ta) 125 T Io VR D=t/T VR=45V Tj=125
0.3 Per diode 0.2 DC T D=1/ 0.1 Sin( ) 0 0 25 50 75 100 125 0A 0V t Io VR D=t/T VR=45V Tj=125
CASE TEMPARATURE:Tc() Derating Curve(Io-Tc)
Rev.C
3/3
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of RB480Y-901

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X