Part Number Hot Search : 
74F86SC NP0080 40C12 2SC3854 8440D NTXV1 SD2001 BR3510
Product Description
Full Text Search
 

To Download R05P33S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Unregulated Converters

EN 60950 certified, rated for 250VAC UL-60950-1 / CSA C22.2 certified 5.2kVDC Isolation for 1 Minute Optional Continuous Short Circuit Protected Wide Temperature Performance at full 1 Watt Load, -40C to +85C 2 Chamber Transformer System UL94V-0 Package Material Efficiency to 80%
ECONOLINE
DC/DC-Converter
RxxPxxS_D Series
1 Watt SIP 7 Single & Dual Output
Selection Guide
Part Number SIP 7 RxxP3.3S RxxP05S RxxP09S RxxP12S RxxP15S RxxP3.3D RxxP05D RxxP09D RxxP12D Input Voltage (VDC) 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 Output Voltage (VDC) 3.3 5 9 12 15 3.3 5 9 12 Output Current (mA) 303 200 111 84 66 151 100 55 41 Efficiency (%) 70 70-75 70-75 70-75 75-80 70 70-75 70-75 70-75 75-80
RxxP15D 5, 9, 12, 15, 24 15 33 xx = Input Voltage * add Suffix "P" for Continuous Short Circuit Protection, e.g. R05P05S/P, R05P05D/P
Description
The RxxPxxS_D Series of DC/DC Converters are fully certified to EN 60950/ UL-60950-1 and CSA C22.2. This makes them ideal for all telecom and safety applications where approved isolation is required.
EN-60950-1 Certified UL-60950-1 Certified EN-60601-1 Certified
Specifications
(measured at TA = 25C, at nominal input voltage and rated output current unless otherwise specified) Input Voltage Range Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Output Ripple and Noise (20MHz BW) Operating Frequency Efficiency at Full Load No Load Power Consumption Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection P-Suffix Operating Temperature Range (free air convection) Storage Temperature Range Relative Humidity Package Weight MTBF (+25C) (+85C) 44 (tested for 1 minute) (long term isolation) 3.3, 5V output types other output types 10% 5% 1.2%/1% of Vin typ. 15% max. 10% max. 200mVp-p max. 20kHz min. / 50kHz typ. / 85kHz max. 65% min. / 75% typ. 148mW min. / 220mW typ. / 355mW max. 5200VDC min. see Application Notes
Output Power (%)
100 80 60 40 30 20 0
Derating-Graph
(Ambient Temperature)
4pF min. / 10pF max. 15 G min. 1 Second Continuous -40C to +85C (see Graph) -55C to +125C 95% RH 4.3g
Safe Operating Area
85 Operating Temperature C
-40
0
50
100
150
}
Detailed Information see Application Notes chapter "MTBF"
using MIL-HDBK 217F using MIL-HDBK 217F July-2006
2974 x 103 hours 728 x 103 hours www.recom-international.com
ECONOLINE
DC/DC-Converter
Typical Characteristics, Tolerance Envelope
RxxPxxS_D Series
RxxP12/15S
Efficiency / Load
100 80 60
RxxP05/09S
Efficiency / Load
100 80 60 40
R05P05S
R05P09S
R12P12S
R24P15S
R12P05S Efficiency % R12P09S
40 20 0
Efficiency %
20 0
R24P12S
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
Total Output current (%)
Total Output current (%)
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
Deviation from Nominal (%)
R12P05D R05P05S
R05P09S
15.000 10.000 5.000 0.000 -5.000 -10.000
R12P12S
R24P12S
R24P15S
R12P05S
0% 20% 40% 60% Total Output current (%) 80% 100%
0% 20% 40% 60% Total Output current (%)
80%
100%
RxxP05/09D
Efficiency / Load
100 80 60 40
RxxP12/15D
Efficiency / Load
100 80 60
R05P05D
R05P09D
R12P12D
R24P12D
R12P09D Efficiency % R12P05D
40 20 0
Efficiency %
20 0
R24P15D
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
Total Output current (%)
Total Output current (%)
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
Deviation from Nominal (%)
R12P09D R05P05D
R05P09D
15.000 10.000 5.000 0.000 -5.000 -10.000
R12P12D
R24P12D
R12P05D
0% 20% 40% 60% Total Output current (%) 80% 100%
R24P15D
0% 20% 40% 60% Total Output current (%)
80%
100%
www.recom-international.com
July-2006
45
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
RxxPxxS_D Series
3rd angle projection
7 PIN SIP Package
9.80
RECOM R05P05D **** Dual Output RECOM R05P05D ****
Single Output RECOM R05P05S ****
12.50
0.51
4.1
0.50
12
567
12
5
7
Recommended Footprint Details
19.50
Bottom View
Pin Connections Pin # 1 2 5 6 7 Single +Vin -Vin -Vout No Pin +Vout Dual +Vin -Vin -Vout Com +Vout
2.54 0.50
1.00o+0.15/0
2.40 1.90 15.24 2.54
Top View
XX.X 0.5 mm XX.XX 0.25 mm
46
July-2006
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of R05P33S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X