Part Number Hot Search : 
FDMF6704 2SD19 PF6AT P4KE100 D2415 AO4629 1601F C2238
Product Description
Full Text Search
 

To Download PVC-2LXT-L5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
Trackingless Type, For AM/FM 2-Band, AM Narrow-Band
20 mm, PVC-2LXT-L5, -2LXT-LD5
Polyvaricon
FEATURES
These are AM/FM 2-band radio use POLYVARICONs, which enjoy high reputation as standard products. Improved electric and mechanical characteristics and superb quality control implemented make then highly satisfactory as high-grade variable capacitors.
SPECIFICATIONS
Models Uses Shaft Mounting Dimensions Dimensions Form (mm) (mm) Front 21 21 16.5 mounting Dip 21 21 19.5 soldering 4-2 FM-2 AM-2 (3.5) -3 FM-2 No.of Stage AM-2
max. Capacitance Swing (pF)
min. Capacitance (pF) 3.81 3.41 FC1 3.31 FC2 3.81 3.81 3.41 FC1 3.31 FC2 3.81
Variable Coefficient Curve C A B C A B
2LXT-L5
AM/FM (2-band) AM/FM (2-band)
(O) 82 (A) 140 20 (40) (O) 82 (A) 140 20 (40)
2LXT-LD5
CHARACTERISTICS
Models Item Shaft Rotational Direction Full Rotational Angle Mechanical Characteristics Rotational Torque Torque Difference Stopper Strength Trimmer Rotational Torque Tolerance of Variable Capacitance Electrical Characteristics Q Trimmer Capacitance MW Tuning Frequency Range AM FM AM FM 9kg*cm +2 -1% PVC-2LXT-L5/2LXT-LD5
Capacitance decreases as shaft turnedclockwise.
97
( With semi-sphere 180 as 100%. )
70~350g*cm 150g*cm or less (Breakdown strength) 50~400g*cm (1pF+1%) (0.3pF+2%) 500 or more 200 or more 7pF or more 520~1650kHz
MITSUMI
Trackingless Type, For AM/FM 2-Band, AM Narrow-Band
Nominal Variable Coefficient Capacitance
Rotational Index % 100 90 82.8 75 Variable Capacitance (pF) 70 60 50 42.6 30 25 17.5 10 (3) 0 0 0 Variable Coefficient Curve C A B
AM
82.0 73.8 66.8 58.9 53.5 42.4 31.8 24.5 14.3 10.9 6.44 2.71 140.0 118.2 101.3 84.0 73.2 53.2 36.7 26.6 14.3 10.6 6.01 2.44
FM 20.00 17.24 -- 13.46 12.30 10.08 8.02 -- 4.30 3.45 -- 1.05
DIMENSIONS
PVC-2LXT-L5
Flats of shaft located as shown max. capacitance. Tolerance of shaft flat angle : Within 2. Oscillator stage : AM (OSC), FM (FC1).
Unit : mm, Tolerance : 0.2
PVC-2LXT-LD5
Flats of shaft located as shown max. capacitance. Tolerance of shaft flat angle : Within 2. Oscillator stage : AM (OSC), FM (FC1).
Unit : mm, Tolerance : 0.2


▲Up To Search▲   

 
Price & Availability of PVC-2LXT-L5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X