Part Number Hot Search : 
NJM2120 AZ732 SR2N7 G051003F 33D09100 HAA399 74LS162D 1N4747
Product Description
Full Text Search
 

To Download PSMDA12C-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05083
PSMDA05C-4
thru
Only One Name Means ProT ek'TionTM
PSMDA24C-4
ST ANDARD CAPACIT ANCE TVS ARRA Y
APPLICA TIONS RS-232 & RS-423 Data Lines Cellular Phones Audio/Video Inputs Portable Electronics Wireless Network Systems IEC COMPA TIBILITY (EN61000-4) 61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns 61000-4-5 (Surge): 24A, 8/20s - Level 2(Line-Gnd) & Level 3(Line-Line) FEA TURES 500 Watts Peak Pulse Power per Line (tp=8/20s) Bidirectional Configurations Monolithic Design Available in Voltage Types Ranging From: 5V to 24V Protects Up to Four (4) Lines ESD Protection > 40 kilovolts MECHANICAL CHARACTERISTICS Molded JEDEC SO-8 Package Weight 15 milligrams (Approximate) Flammability rating UL 94V-0 12mm Tape and Reel Per EIA Standard 481 Marking: Logo, Marking Code, Date Code & Pin One Defined By Dot on Top of Package SO-8
PIN CONFIGURA TION
8
7
6
5
1
2
3
4
05083.R2 9/03
1
www.protekdevices.com
PSMDA05C-4
thru
PSMDA24C-4
DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER Peak Pulse Power (tp = 8/20s) - See Figure 1 Operating Temperature Storage Temperature SYMBOL PPP TJ TSTG VALUE 500 -55C to 150C -55C to 150C UNITS Watts C C
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless Otherwise Specified
PART NUMBER (See Note 1) DEVICE MARKING CODE RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ IP = 1A VC VOLTS 9.8 19.0 24.0 43.0 MAXIMUM CLAMPING VOLTAGE (See Fig. 2) MAXIMUM LEAKAGE CURRENT MAXIMUM CAPACITANCE PER LINE
@ VWM VOLTS PSMDA05C-4 PSMDA12C-4 PSMDA15C-4 PSMDA24C-4 TEB TED TEF TEH 5.0 12.0 15.0 24.0
@ 1mA V(BR) VOLTS 6.0 13.3 16.7 26.7
@8/20s VC @ IPP 19V @30A 29V @ 20A 32V @ 18A 45V @ 13A
@VWM ID A 100 1 1 1
@0V, 1 MHz C pF 350 150 120 100
Note 1: Test individual pins 8 or 5 to pins 1, 2, 3, or 4. Pins 6 and 7 are open.
05083.R2 9/03
2
www.protekdevices.com
PSMDA05C-4
thru
PSMDA24C-4
GRAPHS
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
10,000
PPP - Peak Pulse Power - Watts
1,000
500W 8/20s Waveform
100
10 0.1
1
10 100 td - Pulse Duration - s
1,000
10,000
120
IPP - Peak Pulse Current - % of IPP
FIGURE 2 PULSE WAVE FORM
tf Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s
100 80 60 40 20 0 0 5
e-t
td = t I /2 PP
10
15 t - Time - s
20
25
30
100 80
% Of Rated Power
FIGURE 3 POWER DERATING CURVE
Peak Pulse Power 8/20s
60
40 20 Average Power 0 0 25 50 75 100 125 TL - Lead Temperature - C 150
05083.R2 9/03
3
www.protekdevices.com
PSMDA05C-4
thru
PSMDA24C-4
PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE
-A-
SO-8
8
5 -BP
0.010" (0.25 MM) M BM
4 PL 1 4
PACKAGE DIMENSIONS
DIM MILLIMETERS MIN MAX 4.80 3.80 1.35 0.35 0.40 1.27 BSC 0.18 0.10 5.80 0.25 INCHES MIN MAX
D G C R X 45
0 - 10 -TK
0.010" (0.25 MM) M TBS
J AS
F
8 PL
A B C D F G J K P R
NOTES
5.00 0.189 0.196 4.00 0.150 0.157 1.75 0.054 0.068 0.49 0.014 0.019 1.250 0.016 0.049 1.27 BSC 0.05 BSC 0.05 BSC 0.25 0.007 0.009 0.25 0.004 0.008 6.20 0.229 0.244 0.50 0.010 0.019
MOUNTING PAD
0.050" 0.005" 0.030" 0.005"
1. - T - = Seating Plane and Datum Surface. 2. Dimensions "A" and "B" are Datum. 3. Dimensions "A" and "B" do not include mold protrusion. 4. Maximum mold protrusion is 0.015" (0.380 mm) per side. 5. Dimensioning and tolerances per ANSI Y14.5M, 1982. 6. Dimensions are exclusive of mold flash and metal burrs. TAPE & REEL/BULK ORDERING NOMENCLATURE
0.160" 0.005"
0.245" MIN
1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix-T7 = 7 Inch Reel - 1,000 pieces per 12mm tape, i.e., PSMDA05C-4-T7. 3. Suffix-T13 = 13 Inch Reel - 2,500 pieces per 12mm tape, i.e., PSMDA05C-4-T13. 4. No Suffix = Product Shipped in Tubes of 98 pcs per Tube.
0.045" 0.005"
Outline & Dimensions: Rev 1 - 11/01, 06009
COPYRIGHT (c) ProTek Devices 2003 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
05083.R2 9/03
4
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of PSMDA12C-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X