Part Number Hot Search : 
2SD176 HMT325 D4132 TMF1500A 32R0525 SMF28CA E1010 88ALP01
Product Description
Full Text Search
 

To Download NTE1508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1508 Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
Description: The NTE1508 is a monolithic integrated circuit in an 18-Lead DIP type package that senses analog voltage levels and drives 10 LEDs, providing a linear analog display. A single pin changes the display from a moving dot to a bar graph. Current drive to the LEDs is regulated and programmable, eliminating the need for resistors. This feature is one that allows operation of the whole system from less than 3V. The circuit contains its own adjustable reference and accurate 10-step voltage divider. The low- bias-current input buffer accepts signals down to GND, or V-, yet needs no protection against inputs of 35V above or below GND. The buffer drives 10 individual comparators referenced to the precision divider. Indication non-linearity can thus be held typically to 1/2%, even over a wide temperature range. Versatility was designed into the NTE1508 so that controller, visual alarm, and expanded scale functions are easily added on to the display system. The circuit can drive LEDs of many color, or low-current incandescent lamps. Many NTE1508s can be "chained" to form displays of 20 to over 100 segments. Both ends of the voltage divider are externally available so that 2 drivers can be made into a zero-center meter. The NTE1508 is very easy to apply as an analog meter circuit. A 1.2V full-scale meter requires only 1 resistor and a single 3V to 15V supply in addition to the 10 display LEDs. If the 1 resistor is a pot, it becomes the LED brightness control When in the dot mode, there is a small amount of overlap or "fade" (about 1mV) between segments. This assures that at no time will all LEDs be "OFF", and thus any ambiguous display is avoided. Various novel displays are possible. Much of the display flexibility derives from the fact that all outputs are individual, DC regulated currents. Various effects can be achieved by modulating these currents. The individual outputs can drive a transistor as well as a LED at the same time, so controller functions including "staging" control can be performed. The NTE1508 can also act as a programmer, or sequencer. Features: D Drives LEDs, LCDs or vacuum fluorescents D D Bar or dot display mode externally selectable D by user D Expandable to displays of 100 steps D D Internal voltage reference from 1.2V to 12V D Operates with single supply of less than 3V D D Inputs operate down to GND D D Output current programmable from 2 to 30mA No multiplex switching or interaction between outputs Input withstands 35V without damage or false outputs LED driver outputs are current regulated, open-collectors Outputs can interfere with TTL or CMOS logic The internal 10-step divider is floating and can be referenced to a wide range of voltages
Absolute Maximum Ratings: Power Dissipation (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1365mW Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Voltage on Output Drivers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Input Signal Overvoltage (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35V Divider Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -100mV to V+ Reference Load Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Lead Temperature (During soldering, 10sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +260C Note 1. The maximum junction temperature of the NTE1508 is +100C. Device must be derated for operation at elevated temperatures. Junction to ambient thermal resistance is 55C/W. Note 2. Pin5 input current must be limited to 3mA. The addition of a 39k resistor in series with Pin5 allows 100V signals without damage. Electrical Characteristics: (Note 2, unless otherwise specified, all specifications apply with the following conditions: 3VDC V+ 20VDC VREF, VRHI, VRLO (V+ -1.5V) 3VDC VLED V+ 0V VIN V+ -1.5V -0.015V VRLO 12VDC TA +25C, IL(REF) = 0.2mA, -0.015V VRHI 12VDC VLED = 3V, Pin9 connected to Pin3 (Bar Mode)
Test Conditions 0V VRLO = VRHI 12V, ILED = 1mA 0V VRLO = VRHI 12V, ILED = 1mA IL(REF) = 2mA, ILED = 10mA 0V VIN V+ =1.5V No Change is Display Min Typ Max Unit
Parameter Comparator Offset Voltage, Buffer, and First Comparator Offset Voltage, Buffer, and Any Other Comparator Gain (ILED/VIN) Input Bias Current (At Pin5) Input Signal Overdrive Voltage Divider Divider Resistance Accuracy Voltage Reference Output Voltage Line Regulation Load Regulation Output Voltage Change with Temperature Adjust Pin Current Output Drivers LED Current LED Current Difference (Between Largest and Smallest LED Currents) LED Current Regulation
- - 3 - -35
3 3 8 25 -
10 15 - 100 +35
mV mV mA/mV nA V
Total, Pin6 to Pin4 Note 3 0.1mA IL(REF) 4mA, V+ = VLED = 5V 3V V+ 18V 0.1mA IL(REF) 4mA, V+ = VLED = 5V 0 TA +70C, IL(REF) = 1mA, V+ = 5V
8 -
12 0.5
17 2.0
k %
1.2 - - - -
1.28 0.01 0.4 1 75
1.34 0.03 2.0 - 120
V %/V % % A mA mA mA mA mA
V+ = VLED = 5V, IL(REF) = 1mA VLED = 5V 2V VLED 17V ILED = 2mA ILED = 20mA ILED = 2mA ILED = 20mA
7 - - - -
10 0.12 1.2 0.1 1
13 0.4 3.0 0.25 3
Note 3. Accuracy is measured referred to +10.000VDC at Pin6, with 0.000VDC at Pin4. At lower full- scale voltages, buffer and comparator offset voltage may add significant error.
Electrical Characteristics (Cont'd): (Note 2, unless otherwise specified, all specifications apply with the following conditions: 3VDC V+ 20VDC VREF, VRHI, VRLO (V+ -1.5V) 3VDC VLED V+ 0V VIN V+ -1.5V -0.015V VRLO 12VDC TA +25C, IL(REF) = 0.2mA, -0.015V VRHI 12VDC VLED = 3V, Pin9 connected to Pin3 (Bar Mode)
Parameter Output Drivers (Cont'd) Dropout Voltage Saturation Voltage Output Leakage, Each Collector Output Leakage ILED(ON) = 20mA, VLED = 5V, ILED = 2mA ILED = 2mA, IL(REF) = 0.4mA Bar Mode, Note 4 Dot Mode, Note 4 Pin10 to Pin18 Pin1 Supply Current Standby Supply Current (All Outputs OFF) V+ = 5V, IL(REF) = 0.2mA V+ = 20V, IL(REF) = 1mA - - 2.4 6.1 4.2 9.2 mA mA - - - - 60 - 0.15 0.1 0.1 150 1.5 0.4 10 10 450 V V A A A Test Conditions Min Typ Max Unit
Note 4. Bar mode results when Pin9 is within 20mV of V+. Dot mode results when Pin9 is pulled at least 200mV below V+ or left open circuit. LED No. 10 (Pin10 output current) is disabled if Pin9 is pulled 0.9V or more below VLED.
Pin Connection Diagram LED1 V (-) V (+) Divider Low Signal Input Divider High Reference Output Reference Adjust Mode Select 1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10 LED2 LED3 LED4 LED5 LED6 LED7 LED8 LED9 LED10
18
10
1
9
.870 (22.1) Max .150 (3.8)
.250 (6.35)
.100 (2.54) .800 (20.3)
.125 (3.17) Min


▲Up To Search▲   

 
Price & Availability of NTE1508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X