Part Number Hot Search : 
MC14554B SD01359 2003A S61LV C1473 POWER 463U01 331ME
Product Description
Full Text Search
 

To Download NQS16A1001BP7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL NQS SERIES
.025" Pitch DIP Precision Thin Film Surface Mount Resistor Networks
FEATURES/BENEFITS
* Unique passivation coating eliminates moisture concerns and allows for use in applications traditionally restricted to tantalum nitride * Outperforms other thin film resistor materials providing excellent tolerances, ratio matching, temperature coefficient, and temperature tracking * Improved performance over silicon substrates in stray capacitance, frequency response and stability 4
ELECTRICAL
Operating Temperature Range Resistance Voltco Interlead Capacitance Operating Voltage, Maximum Insulation Resistance Noise, Maximum (MIL-STD-202, Method 308)
ENVIRONMENTAL
-55C to +125C 0 <2pF 100 Vdc or PR 10,000 Megohms -40dB
Thermal Shock plus Power Conditioning Low Temperature Operation Short Time Overload Terminal Strength Moisture Resistance Mechanical Shock Vibration Low/High Temperature Storage Load Life, 1,000 Hours Resistance to Solder Heat Dielectric Withstanding Voltage Temperature Exposure, Maximum Marking Permanency Lead Solderability Flammability Storage Temperature Range
R 0.25% R 0.10% R 0.10% R 0.10% R 0.20% R 0.25% R 0.25% R 0.10% R 0.10% R 0.10% 100V for 1 minute 215C for 3 minutes per MIL-STD-202, Method 215 per MIL-STD-202, Method 208 UL-94V-O Rated -55C to +125C
Specifications subject to change without notice.
4-53
Model NQS Series
MECHANICAL
Lead Plating Lead Material Lead Configuration Lead Coplanarity Substrate Material Resistor Material Body Material
TOLERANCES
85/15 Tin Lead Copper Alloy Gull Wing 0.004" (0.102mm) Alumina Nichrome Molded Epoxy
Accuracy Code Absolute Resistance Tolerances, at 25C Ratio Matching (Matched to R1) Temperature Coefficient of Resistance
B 0.1% 0.1%
D 0.5% 0.1%
Temperature Coefficient of Resistance, Tracking
STANDARD RESISTANCE VALUES, OHMS
F 1.0% 0.5% 25ppm/C (Q) 50ppm/C (P) 100ppm/C 5ppm/C
G 2% 1%
J 5% 1%
NQS16A Ohms Code 1K 1001 10K 1002 34K 3402 47K 4702 100K 1003
NQS20A Ohms Code 3K 3001 267K 2673
NQS20B Ohms Code 10K 1002
NQS24A Ohms Code 3K 3001
POWER DISSIPATION, WATTS AT 70C
Model
Package
Resistor
NQS16 NQS20 NQS24
0.8 1.0 1.0
0.1 0.1 0.1
4-54
Model NQS Series
SCHEMATICS
NQS16A, NQS20A, NQS24A Isolated Resistors
N N
NQS16B, NQS20B, NQS24B Bussed Resistors
1
N/2
1
N/2
Note: Model NQS16: N = 16 Leads, Model NQS20: N = 20 Leads,Model NQS24: N = 24 Leads.
RECOMMENDED SOLDER PAD LAYOUTS
4
NQS24 NQS20 NQS16
0.300 7.62 0.080 2.03 0.080 2.03
0.140 3.56
0.014 0.35
0.025 0.64
4-55
Model NQS Series
OUTLINE DIMENSIONS (Inch/mm)
D N
Model Dim. A (Max.) Dim. A1 (Max.)
NQS16 0.068 1.727 0.008 0.203 0.012 0.305 0.0098 0.249 0.197 5.004 0.157 3.988 0.025 0.635 0.244 6.198 0.016 0.406 0.035 0.889 0.010 0.254
NQS20 0.068 1.727 0.008 0.203 0.012 0.305 0.0098 0.249 0.345 8.763 0.157 3.988 0.025 0.635 0.244 6.198 0.016 0.406 0.035 0.889 0.06 1.524
NQS24 0.068 1.727 0.008 0.203 0.012 0.305 0.0098 0.249 0.345 8.763 0.157 3.988 0.025 0.635 0.244 6.198 0.016 0.406 0.035 0.889 0.035 0.889
HE Pin #1 Indicator
Dim. B (Max.) Dim. C (Max.) Dim. D (Max.) N/2 S h x 45 Dim. E (Max.) Dim. e (Max.) Dim. H (Max.) A1 Seating Plane e B C L 8 Dim. h (Max.) Dim. L (Max.) Dim. S (Max.)
A
PACKAGING
Standard: Magazine All units oriented with lead #1 to the same side. Magazine: Capacity = 100 Units (16 Leads) 50 Units (20 and 24 Leads)
Option:
Embossed Tape & Reel (per EIA 481). Reel: Diameter Capacity 7" Reel 1,000 Units 13" Reel 2,500 unit
=
4-56
Model NQS Series
ORDERING INFORMATION
NQS Model Series No. of Leads: 16 = 16 Leads 20 = 20 Leads 24 = 24 Leads Circuit Type: A = Isolated B = Bussed Resistance Code
24
A
1001
B
P 13 Packaging Option: 7 = 7" Embossed Tape, 1K/Reel 13 = 13" Embossed Tape, 2.5K/Reel (No code used for Magazines.) TCR Code: P = 50ppm/C Q = 25ppm/C (No code used for 100ppm/C.) Accuracy Code: Resistance Tol./Ratio B = 0.1%/0.1% D = 0.5%/0.1% F = 1.0%/0.5% G = 2.0%/1.0% J = 5.0%/1.0%
4
4-57
Model NQS Series


▲Up To Search▲   

 
Price & Availability of NQS16A1001BP7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X