Part Number Hot Search : 
C8050X MMSZ47 BY9418 L4950 M64895E C3199 LVC74 44S025
Product Description
Full Text Search
 

To Download NL27WZ08USG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NL27WZ08 Dual 2-Input AND Gate
The NL27WZ08 is a high performance dual 2-input AND Gate operating from a 1.65 V to 5.5 V supply.
Features
* * * * * * * * * *
Extremely High Speed: tPD 2.5 ns (typical) at VCC = 5 V Designed for 1.65 V to 5.5 V VCC Operation Over Voltage Tolerant Inputs LVTTL Compatible - Interface Capability With 5 V TTL Logic with VCC = 5 V LVCMOS Compatible 24 mA Balanced Output Sink and Source Capability Near Zero Static Supply Current Substantially Reduces System Power Requirements Replacement for NC7WZ08 Chip Complexity: FET = 124 Pb-Free Package is Available
http://onsemi.com MARKING DIAGRAM
8 1 US8 US SUFFIX CASE 493 1 L2 M G = Device Code = Date Code* = Pb-Free Package L2 M G G
8
(Note: Microdot may be in either location) A1 1 8 VCC *Date Code orientation may vary depending upon manufacturing location.
B1
2
7
Y1
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
Y2
3
6
B2 A1 B1 A2 B2
IEEE/IEC & Y1 Y2
GND
4
5
A2
Figure 1. Pinout PIN ASSIGNMENT
Figure 2. Logic Symbol
FUNCTION TABLE
Pin 1 2 3 4 5 6 7 8 Function A1 B1 Y2 GND A2 B2 Y1 VCC A L L H H Inputs B L H L H Output Y L L L H Y = AB
H = HIGH Logic Level L = LOW Logic Level
(c) Semiconductor Components Industries, LLC, 2006
1
April, 2006 - Rev. 4
Publication Order Number: NL27WZ08/D
NL27WZ08
MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO ICC IGND TSTG TL TJ qJA PD MSL FR VESD DC Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Sink Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature Range Lead Temperature, 1 mm from Case for 10 Seconds Junction Temperature under Bias Thermal Resistance Power Dissipation in Still Air at 85C Moisture Sensitivity Flammability Rating ESD Withstand Voltage Oxygen Index: 28 to 34 Human Body Model (Note 2) Machine Model (Note 3) Charged Device Model (Note 4) Above VCC and Below GND at 85C (Note 5) (Note 1) VI < GND VO < GND Parameter Value *0.5 to )7.0 *0.5 to )7.0 *0.5 to VCC + 0.5 *50 *50 $50 $100 $100 *65 to )150 260 )150 250 250 Level 1 UL 94 V-0 @ 0.125 in > 2000 > 200 N/A $500 V Unit V V V mA mA mA mA mA C C C C/W mW
ILatch-Up
Latch-Up Performance
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Measured with minimum pad spacing on an FR4 board, using 10 mm-by-1 inch, 2-ounce copper trace with no air flow. 2. Tested to EIA/JESD22-A114-A. 3. Tested to EIA/JESD22-A115-A. 4. Tested to JESD22-C101-A. 5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol Parameter Min Max Unit
VCC VI VO TA Dt/DV
Supply Voltage Input Voltage Output Voltage Operating Free-Air Temperature Input Transition Rise or Fall Rate
Operating Data Retention Only (Note 6) (HIGH or LOW State)
1.65 1.5 0 0 *40
5.5 5.5 5.5 VCC )85 20 10 5
V V V C ns/V
VCC = 2.5 V $0.2 V VCC = 3.0 V $0.3 V VCC = 5.0 V $0.5 V
0 0 0
6. Unused inputs may not be left open. All inputs must be tied to a high- or low-logic input voltage level.
http://onsemi.com
2
NL27WZ08
DC ELECTRICAL CHARACTERISTICS
VCC (V) 1.65 2.3 to 5.5 1.65 2.3 to 5.5 IOH = 100 mA IOH = -3 mA IOH = -8 mA IOH = -12 mA IOH = -16 mA IOH = -24 mA IOH = -32 mA IOL = 100 mA IOL = 3 mA IOL = 8 mA IOL = 12 mA IOL = 16 mA IOL = 24 mA IOL = 32 mA VIN = VCC or GND VIN = VCC or GND 1.65 to 5.5 165 2.3 2.7 3.0 3.0 4.5 1.65 to 5.5 2.3 2.7 3.0 3.0 4.5 0 to 5.5 5.5 0.08 0.20 0.22 0.28 0.38 0.42 VCC - 0.1 1.29 1.9 2.2 2.4 2.3 3.8 VCC 1.5 2.1 2.4 2.7 2.5 4.0 0.1 0.24 0.3 0.4 0.4 0.55 0.55 $0.1 1.0 TA = 255C Min 0.75 VCC 0.7 VCC 0.25 VCC 0.3 VCC VCC - 0.1 1.5 1.9 2.2 2.4 2.3 3.8 0.1 0.24 0.3 0.4 0.4 0.55 0.55 $1.0 10 Typ Max *405C v TA v 855C Min 0.75 VCC 0.7 VCC 0.25 0.3 VCC Max Unit V V V
Symbol VIH VIL VOH
Parameter High-Level Input Voltage Low-Level Input Voltage High-Level Output Voltage VIN = VIL or VIH
Condition
VOL
Low-Level Output Voltage VIN = VIH or VOH
V
IIN ICC
Input Leakage Current Quiescent Supply Current
mA mA
AC ELECTRICAL CHARACTERISTICS tR = tF = 3.0 ns
VCC Symbol tPLH tPHL Parameter Propagation Delay (Figure 3 and 4) Condition RL = 1 MW, CL = 15 pF (V) 1.8 $ 0.15 2.5 $ 0.2 RL = 1 MW, CL = 15 pF RL = 500 W, CL = 50 pF RL = 1 MW, CL = 15 pF RL = 500 W, CL = 50 pF 3.3 $ 0.3 5.0 $ 0.5 Min 2.0 1.0 0.8 1.2 0.5 0.8 TA = 255C Typ 5.7 3.5 2.6 3.2 1.9 2.5 Max 10.5 5.8 3.9 4.8 3.1 3.7 *405C v TA v 855C Min 2.0 2.0 0.8 1.2 0.5 0.8 Max 11.0 6.2 4.3 5.2 3.3 4.0 Unit ns
CAPACITIVE CHARACTERISTICS
Symbol CIN CPD Input Capacitance Power Dissipation Capacitance (Note 7) Parameter Condition VCC = 5.5 V, VI = 0 V or VCC 10 MHz, VCC = 3.3 V, VI = 0 V or VCC 10 MHz, VCC = 5.5 V, VI = 0 V or VCC Typical 4 25 30 Unit pF pF
7. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC. CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC.
http://onsemi.com
3
NL27WZ08
tf = 3 ns
90% 90% 50% 10%
tf = 3 ns VCC VCC
INPUT A and B
50% 10%
GND RL VOH CL
tPHL
tPLH
OUTPUT Y
50%
50%
VOL
A 1-MHz square input wave is recommended for propagation delay tests.
Figure 3. Switching Waveform
Figure 4. Test Circuit
DEVICE ORDERING INFORMATION
Device Order Number NL27WZ08US NL27WZ08USG Package Type US8 US8 (Pb-Free) Tape and Reel Size 178 mm, 3000 Unit / Tape & Reel 178 mm, 3000 Unit / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
4
NL27WZ08
PACKAGE DIMENSIONS
US8 US SUFFIX CASE 493-02 ISSUE B
J
-X- A
8 5
-Y-
DETAIL E B L
1
4
R S U C H N TXY V
P
G
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION "A" DOES NOT INCLUDE MOLD FLASH, PROTRUSION OR GATE BURR. MOLD FLASH. PROTRUSION AND GATE BURR SHALL NOT EXCEED 0.140 MM (0.0055") PER SIDE. 4. DIMENSION "B" DOES NOT INCLUDE INTER-LEAD FLASH OR PROTRUSION. INTER-LEAD FLASH AND PROTRUSION SHALL NOT E3XCEED 0.140 (0.0055") PER SIDE. 5. LEAD FINISH IS SOLDER PLATING WITH THICKNESS OF 0.0076-0.0203 MM. (300-800 "). 6. ALL TOLERANCE UNLESS OTHERWISE SPECIFIED 0.0508 (0.0002 "). DIM A B C D F G H J K L M N P R S U V MILLIMETERS MIN MAX 1.90 2.10 2.20 2.40 0.60 0.90 0.17 0.25 0.20 0.35 0.50 BSC 0.40 REF 0.10 0.18 0.00 0.10 3.00 3.20 0_ 6_ 5_ 10 _ 0.23 0.34 0.23 0.33 0.37 0.47 0.60 0.80 0.12 BSC INCHES MIN MAX 0.075 0.083 0.087 0.094 0.024 0.035 0.007 0.010 0.008 0.014 0.020 BSC 0.016 REF 0.004 0.007 0.000 0.004 0.118 0.126 0_ 6_ 5_ 10 _ 0.010 0.013 0.009 0.013 0.015 0.019 0.024 0.031 0.005 BSC
-T-
SEATING PLANE
D 0.10 (0.004)
K
M
0.10 (0.004) T
R 0.10 TYP
M
F DETAIL E
SOLDERING FOOTPRINT*
3.8 0.15 0.50 0.0197 1.8 0.07 0.30 0.012 1.0 0.0394
SCALE 8:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
5
NL27WZ08/D


▲Up To Search▲   

 
Price & Availability of NL27WZ08USG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X