Part Number Hot Search : 
50310 20AVT3 1N2844D 01M46VQA K2754 E28F008 K2754 1N7054
Product Description
Full Text Search
 

To Download MURHB840CTT4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MURHB840CT
Preferred Device
MEGAHERTZt Power Rectifier
D2PAK Power Surface Mount Package
These state-of-the-art devices are designed for use in switching power supplies, inverters and as free wheeling diodes.
Features http://onsemi.com
* * * * * * * * * *
Package Designed for Power Surface Mount Applications Ultrafast 28 Nanosecond Recovery Times 175C Operating Junction Temperature Epoxy Meets UL 94 V-0 @ 0.125 in High Temperature Glass Passivated Junction High Voltage Capability Low Leakage Specified @ 150C Case Temperature Short Heat Sink Tab Manufactured - Not Sheared! Similar in Size to Industrial Standard TO-220 Package Pb-Free Packages are Available
ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
1 4 3
4 1 3
D2PAK CASE 418B STYLE 3
Mechanical Characteristics:
* Case: Epoxy, Molded, Epoxy Meets UL 94, V-0 * Weight: 1.7 Grams (Approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal * * *
Leads are Readily Solderable Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds Device Meets MSL1 Requirements ESD Ratings: Machine Model, C (>400 V) Human Body Model, 3B (>8000 V)
MARKING DIAGRAM
AY WW UH840G AKA
A Y WW UH840 G AKA
= Assembly Location = Year = Work Week = Device Code = Pb-Free Package = Diode Polarity
ORDERING INFORMATION
Device MURHB840CT MURHB840CTG MURHB840CTT4 MURHB840CTT4G Package D2PAK D2PAK (Pb-Free) D2PAK D2PAK (Pb-Free) For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2006
Shipping 50 Units/Rail 50 Units/Rail 800/Tape & Reel 800/Tape & Reel
1
February, 2006 - Rev. 4
Publication Order Number: MURHB840CT/D
MURHB840CT
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Rated VR, TC = 120C) Total Device Peak Repetitive Forward Current (Rated VR, Square Wave, 20 kHz, TC = 120C) Non-Repetitive Peak Surge Current (Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz) Controlled Avalanche Energy Operating Junction and Storage Temperature Range Symbol VRRM VRWM VR IF(AV) IFM Value 400 Units V
4.0 8.0 8.0
A A
IFSM WAVAL TJ, Tstg
100 20 -65 to +175
A mJ C
THERMAL CHARACTERISTICS (Per Leg)
Rating Maximum Thermal Resistance, Junction-to-Case Maximum Thermal Resistance, Junction-to-Ambient Symbol RqJC RqJA Value 3.0 50 Unit C/W C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (Per Leg)
Characteristic Maximum Instantaneous Forward Voltage (Note 1) Maximum Instantaneous Reverse Current (Note 1) Maximum Reverse Recovery Time 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle 2.0% (iF = 4.0 A, TC = 150C) (iF = 4.0 A, TC = 25C) (Rated DC Voltage, TC = 150C) (Rated DC Voltage, TC = 25C) (IF = 1.0 A, di/dt = 50 A/ms) Symbol vF iR trr Max 1.9 2.2 500 10 28 Unit V mA ns
http://onsemi.com
2
MURHB840CT
i F, INSTANTANEOUS FORWARD CURRENT (AMP 100 50 20 10 5 2 1 0.5 0.2 0.1 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 25C 100C TJ = 150C 1000 500 IR, REVERSE CURRENT ( A) 200 100 50 20 10 5 2 1 0.5 0.2 0.1
TJ = 150C 100C
25C
0
50
100
150
200
250
300
350
400
vF, INSTANTANEOUS VOLTAGE (VOLTS)
VR, REVERSE VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current, Per Leg
I F, AVERAGE POWER DISSIPATION (WATTS)
10 8 6 4 2 0 110 SQUARE WAVE RATED VR APPLIED RqJC = 3C/W
1000
C, CAPACITANCE (pF) 170 180
100
DC
10
120
130 140 150 160 TC, CASE TEMPERATURE (C)
1 0.01
0.1 1 10 VR, REVERSE VOLTAGE (VOLTS)
100
Figure 3. Current Derating, Case
PF(AV) , AVERAGE POWER DISSIPATION (WATTS) 20 18 16 14 12 10 8 6 4 2 0 1 TJ = 175C SQUARE WAVE
Figure 4. Typical Capacitance, Per Leg
DC
2 3 4 5 6 7 8 IF(AV), AVERAGE FORWARD CURRENT (AMPS)
9
10
Figure 5. Forward Power Dissipation, Per Leg
http://onsemi.com
3
MURHB840CT
PACKAGE DIMENSIONS
D2PAK 3 CASE 418B-04 ISSUE J
C E -B-
4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 418B-01 THRU 418B-03 OBSOLETE, NEW STANDARD 418B-04. INCHES DIM MIN MAX A 0.340 0.380 B 0.380 0.405 C 0.160 0.190 D 0.020 0.035 E 0.045 0.055 F 0.310 0.350 G 0.100 BSC H 0.080 0.110 J 0.018 0.025 K 0.090 0.110 L 0.052 0.072 M 0.280 0.320 N 0.197 REF P 0.079 REF R 0.039 REF S 0.575 0.625 V 0.045 0.055 STYLE 3: PIN 1. ANODE 2. CATHODE 3. ANODE 4. CATHODE MILLIMETERS MIN MAX 8.64 9.65 9.65 10.29 4.06 4.83 0.51 0.89 1.14 1.40 7.87 8.89 2.54 BSC 2.03 2.79 0.46 0.64 2.29 2.79 1.32 1.83 7.11 8.13 5.00 REF 2.00 REF 0.99 REF 14.60 15.88 1.14 1.40
V W
A
1 2 3
S
-T-
SEATING PLANE
K G D 3 PL 0.13 (0.005) H
M
W J
TB
M
VARIABLE CONFIGURATION ZONE L M
R
N U L
P L M
M
F VIEW W-W 1
F VIEW W-W 2
F VIEW W-W 3
SOLDERING FOOTPRINT*
8.38 0.33
10.66 0.42
1.016 0.04
5.08 0.20
3.05 0.12 17.02 0.67
SCALE 3:1z mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
4
MURHB840CT
MEGAHERTZ is a trademark of Semiconductor Components Industries, LLC.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
5
MURHB840CT/D


▲Up To Search▲   

 
Price & Availability of MURHB840CTT4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X