Part Number Hot Search : 
PS104RS MUR4100 MC68HC7 CHUMH9PT P4040D C0402JR 5333B 3100A
Product Description
Full Text Search
 

To Download MUN5111T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUN5111T1 Series
Preferred Devices
Bias Resistor Transistor
PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single device and its external resistor bias network. The Bias Resistor Transistor (BRT) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SC-70/SOT-323 package which is designed for low power surface mount applications.
Features http://onsemi.com
PNP SILICON BIAS RESISTOR TRANSISTORS
* * * * * *
Pb-Free Packages are Available Simplifies Circuit Design Reduces Board Space Reduces Component Count The SC-70/SOT-323 package can be soldered using wave or reflow. The modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die. Available in 8 mm embossed tape and reel - Use the Device Number to order the 7 inch/3000 unit reel. Replace "T1" with "T3" in the Device Number to order the 13 inch/10,000 unit reel.
PIN 1 BASE (INPUT)
R1 R2
PIN 3 COLLECTOR (OUTPUT) PIN 2 EMITTER (GROUND)
3 1 2 SC-70/SOT-323 CASE 419 STYLE 3
MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating Collector-Base Voltage Collector-Emitter Voltage Collector Current Symbol VCBO VCEO IC Value 50 50 100 Unit Vdc Vdc mAdc
MARKING DIAGRAM
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
6x M
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Lead Junction and Storage Temperature Range 1. FR-4 @ Minimum Pad 2. FR-4 @ 1.0 x 1.0 inch Pad Symbol PD Max 202 (Note 1) 310 (Note 2) 1.6 (Note 1) 2.5 (Note 2) 618 (Note 1) 403 (Note 2) 280 (Note 1) 332 (Note 2) -55 to +150 Unit mW C/W C/W C/W C
6x M
= Specific Device Code (See Order Info Table) = Date Code
ORDERING INFORMATION
See specific ordering and shipping information in the package dimensions section on page 2 of this data sheet.
RqJA RqJL TJ, Tstg
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2004
1
October, 2004 - Rev. 7
Publication Order Number: MUN5111T1/D
MUN5111T1 Series
ORDERING INFORMATION AND RESISTOR VALUES
Device MUN5111T1 MUN5111T1G MUN5112T1 MUN5112T1G MUN5113T1 MUN5113T3 MUN5113T1G MUN5114T1 MUN5114T1G MUN5115T1 (Note 3) MUN5115T1G (Note 3) MUN5116T1 (Note 3) MUN5130T1 (Note 3) MUN5130T1G (Note 3) MUN5131T1 (Note 3) MUN5131T1G (Note 3) MUN5132T1 (Note 3) MUN5132T1G (Note 3) MUN5133T1 (Note 3) MUN5133T1G (Note 3) MUN5134T1 (Note 3) MUN5135T1 (Note 3) MUN5136T1 MUN5137T1 Package SC-70/SOT-323 SC-70/SOT-323 (Pb-Free) SC-70/SOT-323 SC-70/SOT-323 (Pb-Free) SC-70/SOT-323 SC-70/SOT-323 (Pb-Free) SC-70/SOT-323 SC-70/SOT-323 (Pb-Free) SC-70/SOT-323 SC-70/SOT-323 (Pb-Free) SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 (Pb-Free) SC-70/SOT-323 SC-70/SOT-323 (Pb-Free) SC-70/SOT-323 SC-70/SOT-323 (Pb-Free) SC-70/SOT-323 SC-70/SOT-323 (Pb-Free) SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 Marking 6A 6A 6B 6B 6C 6C 6D 6D 6E 6E 6F 6G 6G 6H 6H 6J 6J 6K 6K 6L 6M 6N 6P R1 (K) 10 10 22 22 47 47 10 10 10 10 4.7 1.0 1.0 2.2 2.2 4.7 4.7 4.7 4.7 22 2.2 100 47 R2 (K) 10 10 22 22 47 47 47 47 1.0 1.0 2.2 2.2 4.7 4.7 47 47 47 47 100 22 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. 3. New devices. Updated curves to follow in subsequent data sheets.
http://onsemi.com
2
MUN5111T1 Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0) Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0) Emitter-Base Cutoff Current (VEB = 6.0 V, IC = 0) MUN5111T1 MUN5112T1 MUN5113T1 MUN5114T1 MUN5115T1 MUN5116T1 MUN5130T1 MUN5131T1 MUN5132T1 MUN5133T1 MUN5134T1 MUN5135T1 MUN5136T1 MUN5137T1 ICBO ICEO IEBO - - - - - - - - - - - - - - - - 50 50 - - - - - - - - - - - - - - - - - - 100 500 0.5 0.2 0.1 0.2 0.9 1.9 4.3 2.3 1.5 0.18 0.13 0.2 0.05 0.13 - - nAdc nAdc mAdc
Collector-Base Breakdown Voltage (IC = 10 mA, IE = 0) Collector-Emitter Breakdown Voltage (Note 4) (IC = 2.0 mA, IB = 0)
V(BR)CBO V(BR)CEO
Vdc Vdc
ON CHARACTERISTICS (Note 4)
DC Current Gain (VCE = 10 V, IC = 5.0 mA) MUN5111T1 MUN5112T1 MUN5113T1 MUN5114T1 MUN5115T1 MUN5116T1 MUN5130T1 MUN5131T1 MUN5132T1 MUN5133T1 MUN5134T1 MUN5135T1 MUN5136T1 MUN5137T1 hFE 35 60 80 80 160 160 3.0 8.0 15 80 80 80 80 80 - 60 100 140 140 250 250 5.0 15 27 140 130 140 150 140 - - - - - - - - - - - - - - - 0.25 Vdc
Collector-Emitter Saturation Voltage (IC = 10 mA, IE = 0.3 mA) (IC = 10 mA, IB = 5 mA) MUN5130T1/MUN5131T1 (IC = 10 mA, IB = 1 mA) MUN5115T1/MUN5116T1/ MUN5132T1/MUN5133T1/MUN5134T1 Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW) MUN5111T1 MUN5112T1 MUN5114T1 MUN5115T1 MUN5116T1 MUN5130T1 MUN5131T1 MUN5132T1 MUN5133T1 MUN5134T1 MUN5135T1 MUN5113T1 MUN5136T1 MUN5137T1
VCE(sat)
VOL - - - - - - - - - - - - - - - - - - - - - - - - - - - - 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2
Vdc
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW) (VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kW) (VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW)
4. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%
http://onsemi.com
3
MUN5111T1 Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued)
Characteristic Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW) (VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kW) MUN5130T1 MUN5115T1 (VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW) MUN5116T1 MUN5131T1 MUN5132T1 Input Resistor MUN5111T1 MUN5112T1 MUN5113T1 MUN5114T1 MUN5115T1 MUN5116T1 MUN5130T1 MUN5131T1 MUN5132T1 MUN5133T1 MUN5134T1 MUN5135T1 MUN5136T1 MUN5137T1 MUN5111T1/MUN5112T1/MUN5113T1/ MUN5136T1 MUN5114T1 MUN5115T1/MUN5116T1 MUN5130T1/MUN5131T1/MUN5132T1 MUN5133T1 MUN5134T1 MUN5135T1 MUN5137T1 Symbol VOH Min 4.9 Typ - Max - Unit Vdc
R1
7.0 15.4 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 1.54 70 32.9 0.8 0.17 - 0.8 0.055 0.38 0.038 1.7
10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 2.2 100 47 1.0 0.21 - 1.0 0.1 0.47 0.047 2.1
13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 2.86 130 61.1 1.2 0.25 - 1.2 0.185 0.56 0.056 2.6
kW
Resistor Ratio
R1/R2
250 PD , POWER DISSIPATION (MILLIWATTS) 200
150 100 50 0 -50 RqJA = 833C/W
0 50 100 TA, AMBIENT TEMPERATURE (C)
150
Figure 1. Derating Curve
http://onsemi.com
4
MUN5111T1 Series
TYPICAL ELECTRICAL CHARACTERISTICS - MUN5111T1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 hFE , DC CURRENT GAIN (NORMALIZED) IC/IB = 10 1000
VCE = 10 V
TA = -25C 0.1 75C 25C
TA = 75C 100 25C -25C
0.01
0
20 IC, COLLECTOR CURRENT (mA)
40
50
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 2. VCE(sat) versus IC
Figure 3. DC Current Gain
4 f = 1 MHz lE = 0 V TA = 25C
100
75C
25C TA = -25C
Cob , CAPACITANCE (pF)
3
IC, COLLECTOR CURRENT (mA)
10 1
2
0.1
1
0.01 0 1 2
VO = 5 V 3 4 5 6 7 Vin, INPUT VOLTAGE (VOLTS) 8 9 10
0
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
0.001
Figure 4. Output Capacitance
Figure 5. Output Current versus Input Voltage
100
VO = 0.2 V
V in , INPUT VOLTAGE (VOLTS)
10
TA = -25C 25C 75C
1
0.1
0
10
20 30 IC, COLLECTOR CURRENT (mA)
40
50
Figure 6. Input Voltage versus Output Current
http://onsemi.com
5
MUN5111T1 Series
TYPICAL ELECTRICAL CHARACTERISTICS - MUN5112T1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 10 IC/IB = 10 hFE , DC CURRENT GAIN (NORMALIZED) 1000
VCE = 10 V
1 TA = -25C
25C
TA = 75C 100
25C
-25C
75C 0.1
0.01
0
20 IC, COLLECTOR CURRENT (mA)
40
50
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 7. VCE(sat) versus IC
Figure 8. DC Current Gain
4 IC, COLLECTOR CURRENT (mA) f = 1 MHz lE = 0 V TA = 25C
100 75C 10
25C TA = -25C
Cob , CAPACITANCE (pF)
3
1
2
0.1
1
0.01 0 1 2 3 4 5 6 7 Vin, INPUT VOLTAGE (VOLTS) 8
VO = 5 V 9 10
0
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
0.001
Figure 9. Output Capacitance
Figure 10. Output Current versus Input Voltage
100 V in , INPUT VOLTAGE (VOLTS)
VO = 0.2 V TA = -25C
10 75C
25C
1
0.1
0
10
20 30 IC, COLLECTOR CURRENT (mA)
40
50
Figure 11. Input Voltage versus Output Current
http://onsemi.com
6
MUN5111T1 Series
TYPICAL ELECTRICAL CHARACTERISTICS - MUN5113T1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 1000 hFE , DC CURRENT GAIN (NORMALIZED) TA = 75C 25C 100 -25C
TA = -25C 0.1 75C
25C
0.01
0
10 20 30 IC, COLLECTOR CURRENT (mA)
40
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 12. VCE(sat) versus IC
Figure 13. DC Current Gain
1 0.8 Cob , CAPACITANCE (pF) 0.6 0.4 0.2 0 f = 1 MHz lE = 0 V TA = 25C
100 10 1 0.1 0.01 VO = 5 V 0 1 2
TA = 75C
25C -25C
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
IC, COLLECTOR CURRENT (mA)
0.001
3 4 5 6 7 Vin, INPUT VOLTAGE (VOLTS)
8
9
10
Figure 14. Output Capacitance
Figure 15. Output Current versus Input Voltage
100 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS) TA = -25C 10 25C 75C
1
0.1
0
10
20 30 IC, COLLECTOR CURRENT (mA)
40
50
Figure 16. Input Voltage versus Output Current
http://onsemi.com
7
MUN5111T1 Series
TYPICAL ELECTRICAL CHARACTERISTICS - MUN5114T1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 hFE , DC CURRENT GAIN (NORMALIZED) IC/IB = 10 TA = -25C 25C 75C 180 160 140 120 100 80 60 40 20 0 1 2 4 6 8 10 15 20 40 50 60 70 IC, COLLECTOR CURRENT (mA) 80 90 100 VCE = 10 V 25C -25C
TA = 75C
0.1
0.01
0.001
0
20 40 60 IC, COLLECTOR CURRENT (mA)
80
Figure 17. VCE(sat) versus IC
Figure 18. DC Current Gain
4.5 4 Cob , CAPACITANCE (pF) 3.5 3 2.5 2 1.5 1 0.5 0 0 2 4 6 8 10 15 20 25 30 35 40 VR, REVERSE BIAS VOLTAGE (VOLTS) 45 50 f = 1 MHz lE = 0 V TA = 25C
100 TA = 75C IC, COLLECTOR CURRENT (mA) 25C
-25C 10
VO = 5 V 1 0 2 4 6 Vin, INPUT VOLTAGE (VOLTS) 8 10
Figure 19. Output Capacitance
Figure 20. Output Current versus Input Voltage
10 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS) 25C TA = -25C
+12 V
75C 1
Typical Application for PNP BRTs
LOAD 0.1 0 10 20 30 IC, COLLECTOR CURRENT (mA) 40 50
Figure 21. Input Voltage versus Output Current
Figure 22. Inexpensive, Unregulated Current Source
http://onsemi.com
8
MUN5111T1 Series
TYPICAL ELECTRICAL CHARACTERISTICS -- MUN5132T1
1 VCE(sat), MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1000
hFE, DC CURRENT GAIN
75C 100 -25C 25C 10
0.1
75C 25C -25C
0.01
0
5
10 15 20 25 IC, COLLECTOR CURRENT (mA)
30
35
1
0
20
40 60 80 100 IC, COLLECTOR CURRENT (mA)
120
Figure 23. Maximum Collector Voltage versus Collector Current
Figure 24. DC Current Gain
10 IC, COLLECTOR CURRENT (mA) 9 Cob, CAPACITANCE (pF) 8 7 6 5 4 3 2 1 0
100 75C 10 -25C 25C
1
0.1
0.01 0 10 20 30 40 50 VR, REVERSE BIAS VOLTAGE (VOLTS) 60
0
1
2
3
4
5
6
7
8
9
10
Vin, INPUT VOLTAGE (VOLTS)
Figure 25. Output Capacitance
Figure 26. Output Current versus Input Voltage
10 Vin, INPUT VOLTAGE (VOLTS)
-25C 75C 1 25C
0.1
0
5
10
15 20 25 30 35 40 IC, OUTPUT CURRENT (mA)
45
50
Figure 27. Input Voltage versus Output Current
http://onsemi.com
9
MUN5111T1 Series
TYPICAL ELECTRICAL CHARACTERISTICS -- MUN5136T1
1 VCE(sat), MAXIMUM COLLECTOR VOLTAGE (VOLTS) hFE, DC CURRENT GAIN (NORMALIZED) 1000 75C TA = -25C 25C
100
0.1 -25C 25C 75C
10
IC/IB = 10 0 1 2 3 4 5 IC, COLLECTOR CURRENT (mA) 6 7
VCE = 10 V 1 1 10 IC, COLLECTOR CURRENT (mA) 100
0.01
Figure 28. Maximum Collector Voltage versus Collector Current
Figure 29. DC Current Gain
1.2 IC, COLLECTOR CURRENT (mA) Cob, CAPACITANCE (pF) 1.0 0.8 0.6 0.4 0.2 0 f = 1 MHz IE = 0 V TA = 25C
100 25C 10 TA = -25C 75C
1
VO = 5 V 0.1 0 1 2 3 4 5 6 7 8 9 10
0
10 20 30 40 50 VR, REVERSE BIAS VOLTAGE (VOLTS)
60
Vin, INPUT VOLTAGE (VOLTS)
Figure 30. Output Capacitance
Figure 31. Output Current versus Input Voltage
100 Vin, INPUT VOLTAGE (VOLTS)
25C 10
TA = -25C
1
75C 0 2
VO = 0.2 V 4 6 8 10 12 14 16 IC, COLLECTOR CURRENT (mA) 18 20
Figure 32. Input Voltage versus Output Current
http://onsemi.com
10
MUN5111T1 Series
TYPICAL ELECTRICAL CHARACTERISTICS -- MUN5137T1
1 VCE(sat), MAXIMUM COLLECTOR VOLTAGE (VOLTS) hFE, DC CURRENT GAIN (NORMALIZED) 1000
75C TA = -25C 25C
TA = -25C 75C 0.1
100
25C IC/IB = 10 0 5 10 15 20 25 30 35 40 IC, COLLECTOR CURRENT (mA) 45 50
VCE = 10 V 10 1 10 IC, COLLECTOR CURRENT (mA) 100
0.01
Figure 33. Maximum Collector Voltage versus Collector Current
Figure 34. DC Current Gain
1.4 Cob, CAPACITANCE (pF) 1.2 1.0 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 VR, REVERSE BIAS VOLTAGE (VOLTS) 60 IC, COLLECTOR CURRENT (mA) f = 1 MHz IE = 0 V TA = 25C
100 75C 10 25C TA = -25C
1
0.1
0.01
VO = 5 V
0.001
0
1
2
3
4
5
6
7
8
9
10
11
Vin, INPUT VOLTAGE (VOLTS)
Figure 35. Output Capacitance
Figure 36. Output Current versus Input Voltage
100 Vin, INPUT VOLTAGE (VOLTS) VO = 0.2 V
10
TA = -25C 75C
1
25C 0 5 10 15 20 IC, COLLECTOR CURRENT (mA) 25
Figure 37. Input Voltage versus Output Current
http://onsemi.com
11
MUN5111T1 Series
PACKAGE DIMENSIONS SC-70/SOT-323 CASE 419-04 ISSUE L
A L
3 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D G H J K L N S INCHES MIN MAX 0.071 0.087 0.045 0.053 0.032 0.040 0.012 0.016 0.047 0.055 0.000 0.004 0.004 0.010 0.017 REF 0.026 BSC 0.028 REF 0.079 0.095 MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.00 0.30 0.40 1.20 1.40 0.00 0.10 0.10 0.25 0.425 REF 0.650 BSC 0.700 REF 2.00 2.40
S
1 2
B
D G
C 0.05 (0.002)
N K
J
STYLE 3: PIN 1. BASE 2. EMITTER 3. COLLECTOR
H
SOLDERING FOOTPRINT*
0.50 0.0197
0.65 0.025 0.65 0.025 0.40 0.0157
1.9 0.0748
SCALE 20:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
12
MUN5111T1/D


▲Up To Search▲   

 
Price & Availability of MUN5111T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X