|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Marktech Low Current 5mm LEDs Features Optimized for low D.C. current CMOS and TTL compatible Excellent brightness at 2mA Color diffused package Series Line-Up Part Number MT305-SLG(2mA) MT305-SLHR(2mA) MT305-SLUR(2mA) MT305-SLY(2mA) Color Green High Efficency Red Super Ultra Bright Red Yellow Material GaP GaAsP GaAlAs GaAsP Maximum Ratings (Ta=25oC) Part Number MT305-SLG(2mA) MT305-SLHR(2mA) MT305-SLUR(2mA) MT305-SLY(2mA) Unit Forward Current Reverse Voltage Power Dissipation Operating Temperature Storage Temperature IF VR PD Topr Tstg 30 30 30 30 mA 5 5 5 5 V 105.00 105.00 100.00 105.00 mW -40 ~+ 85 -40 ~ 85 -40 ~+ 85 -40 ~+85 o -40 ~+ 85 -40 ~ 85 -40 ~+ 85 -40 ~+ 85 o C C Company Headquarters 3 Northway Lane North Latham, New York 12110 Toll Free: 800.984.5337 Fax: 518.785.4725 Web: www.marktechopto.com | Email: info@marktechopto.com West Coast Sales Office 950 South Coast Drive, Suite 265 Costa Mesa, California 92626 Toll Free: 800.984.5337 Fax: 714.850.9314 Marktech Low Current 5mm LEDs Electrical and Optical Characteristics (Ta=25 C) Part Number PWL nm P Material View Angle 21/2 60 60 60 60 o o o o o Luminous Intensity Iv min. .80 .80 8.00 .80 typ. - - - - mcd max. IF@ min. - - - - Forward Voltage VF typ. 2.20 2.00 1.85 2.10 V max. IF@ Rev Current IR max. 10 10 10 10 A - VR@ 5V 5V 5V 5V MT305-SLG(2mA) MT305-SLHR(2mA) MT305-SLUR(2mA) MT305-SLY(2mA) - 565 625 660 590 nm GaP GaAsP GaAlAs GaAsP - 3.20 2mA 5.00 2mA 20.00 2mA 3.20 2mA - 2.50 20mA 2.50 20mA 2.50 20mA 2.50 20mA - deg NOTES: * All Dimensions are in millimeters. * Tolerance is 0.25mm unless otherwise stated. * An Epoxy Meniscus may extend about 1mm down the leads. * Burr around bottom of epoxy may be around 0.5mm MAX. * Specifications are subject to change without notice. Company Headquarters 3 Northway Lane North Latham, New York 12110 Toll Free: 800.984.5337 Fax: 518.785.4725 Web: www.marktechopto.com | Email: info@marktechopto.com West Coast Sales Office 950 South Coast Drive, Suite 265 Costa Mesa, California 92626 Toll Free: 800.984.5337 Fax: 714.850.9314 |
Price & Availability of MT305 |