Part Number Hot Search : 
STK14 SA110 2SJ210 12049151 AWD626R 722EB A87VSYZB 45984
Product Description
Full Text Search
 

To Download LRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Value Flat Chip Resistor
LRC/LRF Series
Welwyn Components
* * * * *
Standard 2512, 2010 and 1206 sizes Resistance values down to 0.003 ohms Leach resistant solder-plated copper wrap-around termination Low inductance - less than 0.2nH Standard EIA Tape - 1206 = 8mm; 2010 or 2512 = 12mm
Electrical Data
LR1206 Power rating at 70C Resistance range Dielectric withstanding voltage TCR Resistance tolerance Temperature rise at rated power Pad and trace area for max power rating @ 70C
2
LR2010 1.0 0R003 to 1R 200 R005 5%, >R005 1, 2, 5%
LR2512 1.5/2.0* 0R003 to 1R 200
watts ohms volts ppm/C % C mm2
0.5 0R010 to 1R 200
100 (Contact factory for value below 0.050 ohms) 40 30 80 30 90 100
*2 Watts with total solder pad and trace size of 300 mm
Physical Data
Dimensions (mm) Size LR1206 LR2010 LR2512 L 3.200.305 5.230.38 6.500.38 W 1.630.203 2.640.25 3.250.25 H (max) 0.8 0.8 0.8 D 0.480.25 0.480.25 0.480.25 D1 0.480.25 0.480.25 0.480.25
LR 1225
D W
LR 1206 / 2010 / 2512
W
H
L
H D
D1 L Protective Overcoat Resistive Element Copper Termination
Solder Plating Nickel Barrier Layer Copper Wraparound Termination Alumina Substrate
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability. All information is subject to Welwyn's own data and is considered accurate at time of going to print. A subsidiary of TT electronics plc Issue E * 12.04
(c) Welwyn Components Limited * Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 * Facsimile: +44 (0) 1670 829465 * Email: info@welwyn-tt.com * Website: www.welwyn-tt.com
23
Low Value Flat Chip Resistor
LRC/LRF Series
Welwyn Components
Dimensions (mm) A LR1206 LR2010 LR2512 2.0 3.05 3.7 B 4.0 6.5 7.75 C 1.25
B
A
1.5
C
1.5
Characteristics Thermal Shock Short Time Overload High Temperature Exposure Temperature Cycling Moisture Load Life Low Temperature Operation Low Temperature Storage Resistance to Solder Heat Leach Resistance
Test Method MIL-STD-202 Method 107 Condition B, -65C +125C MIL-PRF-55342 MIL-PRF-55342 MIL-STD-883 Method 1010 Test Condition B MIL-PRF-55342 MIL-PRF-55342 Rated Power @ 70C MIL-PRF-55342 -65C, 100 Hours MIL-STD-202 Method 210 Molten Solder 250C
Performance Power Rating 0.5% 0.5% 0.5% 0.25% 0.5% 1.0% 0.5% 0.5% 0.25% 90 seconds minimum
(%) 100 80 60 40 20 0 25 70 Ambient temperature 150 (C)
LRC 25 12 1 w 2 att LRC 20 10 0.5 1 watat wt t LRC 12 06 0.25 5 watt watt
Note:
For resistance values R025 and below part will be supplied as type LRF. Components must be mounted with resistance value marking face up. To ensure correct resistance value and tolerance.
Packaging
Resistors are supplied tape and reel as per IEC 286-3.
Type Reel 1206 3,000 2010 3,000
Ordering Procedure
Specify type reference, value and tolerance as shown in this example of LR1206 1R 1%: Type Resistance value (IEC62 code) Tolerance (IEC62 code)
F G J 1% 2% 5%
LR1206
IR0
F
(c) Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 * Facsimile: +44 (0) 1670 829465 * Email: info@welwyn-tt.com * Website: www.welwyn-tt.com 24
Issue E * 12.04


▲Up To Search▲   

 
Price & Availability of LRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X