Part Number Hot Search : 
MS274 LFU10 IDTQS3VH 2520E DSM10G X3225 2N2905 MS274
Product Description
Full Text Search
 

To Download HER0801G1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER0801G - HER0808G
8.0 AMPS. Glass Passivated High Efficient Rectifiers TO-220AB
Features
Glass passivated chip junction. High efficiency, Low VF High current capability High reliability High surge current capability For use in low voltage, high frequency inventor, free wheeling, and polarity protection application.
Mechanical Data
Case: TO-220AB molded plastic Epoxy: UL 94V0 rate flame retardant Terminals: Pure tin plated, lead free solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: o 260 C/10 seconds .16",(4.06mm) from case Weight: 2.24 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current o @TC = 100 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 4.0A Maximum DC Reverse Current o @ A=25 C at Rated DC Blocking Voltage o @ T A=125 C Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance Operating Temperature Range ( Note 2 ) Typical Thermal Resistance ( Note 3 )
Symbol V RRM V RMS V DC I(AV) IFSM VF IR
HER HER HER HER HER HER HER HER 0801G 0802G 0803G 0804G 0805G 0806G 0807G 0808G
Units
V V V A A
50 35 50
100 70 100
200 140 200
300 210 300
400 280 400
600 420 600
800 560 800
1000 700 1000
8.0 125 1.0 1.3 1.7
V uA uA nS pF o C/W o C o C
10 400 50 80 3.0 -65 to +150 80 50
Trr Cj
R JC
TJ
Storage Temperature Range T STG -65 to +150 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A Notes: 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate..
Version: A06
RATINGS AND CHARACTERISTIC CURVES (HER0801G THRU HER0808G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
10 8 6 4 2 0
FIG.2- TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT. ( A)
100
Tj=125 0C
10
Tj=75 0C
0
100 50 o LEAD TEMPERATURE. ( C)
150
PEAK FORWARD SURGE CURRENT. (A)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
150 125 100 75 50 25
8.3ms Single Half Sine Wave JEDEC Method
1
Tj=25 0C
0.1
0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL FORWARD CHARACTERISTICS
100
1
2
ER
08
04 H ER
R HE
G
8G 80 R0 HE G~ 6 80 R0 HE
08 05
5 10 20 NUMBER OF CYCLES AT 60Hz
50
100
INSTANTANEOUS FORWARD CURRENT. (A)
30 10
~H
240 200
1
CAPACITANCE.(pF)
160 120 80 40 0 1 2 5 10 20 50 100 200 500 1000 REVERSE VOLTAGE. (V)
HE R0
0.3 0.1
HE
R0
80
1G
80 6G
~H
ER
~H
08
ER
05
G
08
01
FIG.4- TYPICAL JUNCTION CAPACITANCE
G
3
G
08
08
0.03 0.01 0.4
G
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0
0.6
0.8 1.0 1.2 1.4 FORWARD VOLTAGE. (V)
1.6
1.8
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 NONINDUCTIVE 10 NONINDUCTIVE trr +0.5A DUT (-) PULSE GENERATOR (NOTE 2) NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A
(+) 50Vdc (approx) (-)
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
Version: A06


▲Up To Search▲   

 
Price & Availability of HER0801G1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X