Part Number Hot Search : 
ST3353 P7N50 BR1632A 7101P2 1N2837B M54566WP IRFIZ PI3B1
Product Description
Full Text Search
 

To Download GXO-3202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Stability CMOS Oscillator
Specifications
GXO-3302
Product GXO-3302
Parameters
Frequency range: 0.50 ~ 45.0MHz Frequency stability: 10ppm
Option Codes
Operating temperature range: -30 to +85C Storage temperature range: -40 to +85C
3.30 (max) 2.60 (max) 1.00 (max)
Supply voltage (VDD): +2.5V ~ +5.0V (see note) Supply current (max): ACTUAL SIZE SOLDER PAD LAYOUT
1.60
10mA
Logic levels:`0' level = 10%VDD max `1' level = 90%VDD min Start up time: 10ms max
1
2
3
0.50 1.30 4
6 1
4 3
0.80 0.80
Waveform symmetry: 45:55 @ 50%VDD Driving ability: 15pF HCMOS 5ns max
6
5
0.70
1.00 1.00 TOP VIEW
Rise / fall time:
PAD 1 2 3 4 5 6
CONNECTION Enable / disable Not connected Ground Output Not connected Supply
Enable / disable function: Tristate (control via pad 1) Stand-by current: Period jitter RMS: 10A max 3ps typ
Phase noise (typ): -140dBc/Hz @ 1kHz Scale 3:1 Ageing: 5ppm / year max
Features
Ordering Information
Product name + frequency eg: GXO-3302 40.0MHz 10ppm, -30+85C
Will operate within specification on any supply voltage from +2.5V to +5.0V.

High stability for WiMAX, LAN etc Miniature SM package Low voltage supply Enable / disable tristate function Competitive pricing
Enable / Disable Function
Input (pad 1) Open `1' level `0' level Output (pad 3) Enabled Enabled High Impedance
Standard Frequencies
Frequencies in MHz 31.25000 40.00000 44.00000
Other frequencies available. Please consult our sales office.
Tel: +44 1460 256 100
16 Jun 2006
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
Product Information
Construction
GXO-3302

Ceramic body with gold-plated pads Metal lid, seam sealed
Composition
RoHS
2002/95/EC
This product is lead-free, and is fully compliant with the RoHS directive 2002/95/EC
Pb
LeadFree
Packaging & Handling
Production quantities supplied on T & R, 1k or 3k pcs per reel. Small quantities may be supplied on tape (no reel), or in bulk.
Static sensitive product. Observe proper handling precautions
Soldering Profile
C 260 260C 5C 10s max
Marking
G02 DC FREQUENCY Marking type: Laser DC = Date code in YM, eg "CE" = May 2003
200 5C/s max
AB CDE F GH J K LM Y 1 2 3 4 5 6 7 8 9 0 M Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec
100
5C/s max
Tape & Reel Specification
2.0 0.25
0.05
Preheat 140~160C 1.75 0 90s max 200s max
Heat > 200C 40s max
Slow cooldown Time
2.0
1.0O 1.5O
5
0.05
3.5
MARK
3.4 1.4 2.7
8.0 0.2
Solder resistance: 260C x 10 secs x 2.
FEED 8.0 +1.0 -0.5 1.5 120
0.3
2.50
22O 178O
1.0
13O
60O
0.5
Not to scale. Dimensions in mm.Tolerances 0.1mm unless otherwise stated
Tel: +44 1460 256 100
16 Jun 2006
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of GXO-3202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X