Part Number Hot Search : 
014014 PCR06A T24C0 014014 T24C0 SH77640 AK538 SY6912A
Product Description
Full Text Search
 

To Download GSX-455 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM Crystal Low Frequency
GSX-455 & GSX-456
Specifications
GSX-455: Electrical connection end to end GSX-456: Electrical connection across one end
Parameters
Package:
9.40 4 1 10.41 (max) 3 2 4.06 (max)
Product 455 GSX-455 GSX-456 32.768kHz 24.0 ~ 350kHz 351 ~ 615kHz 20ppm 50ppm 100ppm 456
Option Codes
Frequency:
2.29
specify specify specify specify
Calibration tolerance: ACTUAL SIZE
3.56 (max)
3.00
2.54
2.54
0.51
0.51
Temperature stability: -53ppm (-10 to +60C) -130ppm (-30 to +80C) Operating temperature range: -10 to +60C Other Operable temperature range: -40 to +85C
SOLDER PAD LAYOUT
1.70
0.60
specify
2.70
5.00
2.70
0.60
ELECTRODE ARRANGEMENT
TOP VIEW 3 2 4 1 4 1 3 2
Storage temperature range: -55 to +125C Turnover temperature (T0): +25C 5C (32.768kHz) +25C 8C (24.0 ~ 350kHz) +25C 15C (351 ~ 615kHz) Scale 2:1 Frequency / temp coefficient: -0.035 0.008ppm/C2 typ Circuit condition: 12.5pF 6.0 ~ 12.5pF specify
GSX-455
GSX-456
Features

Equivalents to Epson MC-405 & MC-406 Plastic moulded surface mount package Miniature size for high density applications Supplied on tape and reel
Static capacitance (C0): 1.0pF (32.768kHz) 0.95pF (24.0 ~ 350kHz) 0.90pF (351 ~ 615kHz) Motional capacitance (C1): 3.0fF typ Equivalent series resistance (max): 50k (32.768kHz) 50k (24.0 ~ 350kHz) 20k (351 ~ 615kHz)
Standard Frequencies
Frequencies in kHz 24.000 26.667 31.200 32.000 32.768 38.000 38.400 40.000 65.536 75.000 76.800 77.025 77.040 77.056 77.500 96.000 99.660 100.000 106.000 130.000 131.072 150.000 153.600 200.000 307.200 614.400
Ageing: Drive level:
5ppm max first year 1.0W typ 5ppm
Shock resistance:
Soldering conditions: 240C, 10sec max Standard. Optional - Please specify required code(s) when ordering
Ordering Information
Product name + frequency + specification (if non-standard) eg: GSX-455 38.40kHz GSX-456 76.80kHz 50ppm Option code X (eg GSX-455/X) denotes a custom specification. Available on T&R - 2k pcs per reel.
Tel: +44 1460 256 100
20 Nov 1998
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of GSX-455

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X