Part Number Hot Search : 
AN79N15 LL103A PD70F SP5521 APAMP WR303 1660C 00104
Product Description
Full Text Search
 

To Download FM812 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
FM811/812
Microprocessor Reset Circuits
Features
* Feature * Precision Voltage Monitor for 3V, 3.3V or 5V Power Supplies * 6A Supply Current * 140ms Minimum Reset Pulse Width * RESET Remains Valid with VCC as Low as 1.4V * Active Low Manual Reset Input * No External Components * 4-Pin SOT-143 Package
Description
The FM811/FM812 is a low cost microprocessor supervisory circuit that asserts a reset if the power supply drops below a designated threshold or the manual reset pin is forced low. Several different reset thresholds are available to accommodate systems operating at 3V, 3.3V or 5V.
Preliminary Information
Applications
* * * * * Critical Microprocessor Power Monitoring Portable Equipment Intelligent Instruments Computers & Printers Controllers
The FM811 has an active low RESET output, while the FM812 offers an active high RESET output. The reset output is guaranteed to remain asserted for a minimum of 140ms after VCC has risen above the designated reset threshold. The FM811/FM812 is available in a 4-pin SOT-143.
Typical Applications
VCC
VCC
VCC
FM811 FM812 RESET (RESET)
P RESET INPUT
MR
( ) = FM812
PRELIMINARY INFORMATION describes products that are in the design stage. Specifications may change in any manner whatever without notice. Contact Fairchild Semiconductor for current information.
REV. 1.5.1 7/15/02
FM811/812
Pin Assignments
Top View
GND
1
4
VCC
GND
1
4
VCC
FM811
FM812
RESET
2
3
MR
RESET
2
3
MR
Preliminary Information
Pin Definitions
Pin Number Pin Name GND RESET FM811 1 2 FM812 1 N/A Ground Pin RESET goes low if VCC falls below the reset threshold and remains asserted for one reset time-out period (140ms min.) after VCC exceeds the reset threshold. RESET goes high if VCC falls below the reset threshold and remains asserted for one reset time-out period (140ms min.) after VCC exceeds the reset threshold. Manual reset input. Shorting this pin to GND forces a reset. The reset will remain asserted as long as MR is held low and for one reset time-out period (140ms min.) after MR goes high. This input cannot be driven by a CMOS or TTL logic. Push-button switch is recommended to be used with this pin. Float if unused. Power supply input, 3V, 3.3V, or 5V Description
RESET
N/A
2
MR
3
3
VCC
4
4
Internal Block Diagram
VCC
4
Reset Threshold (V) MR
+ - Reset Generator
2
RESET (FM811) RESET (FM812)
3 1
GND
2
REV. 1.5.1 7/15/02
FM811/812
Absolute Maximum Ratings
Parameter Terminal Voltage Input Current Output Current Rate of Rise Operating Temperature Range Storage Temperature Range Lead Temperature Range Power Dissipation (TA = +70C) Symbol VCC MR VCC, MR RESET, RESET VCC TA Ratings -0.3 to 6.0 -0.3 to (VCC + 0.3) 20 20 100 -40 to +85 -65 to +150 300 320 Units V V mA mA V/s C C C mW
Preliminary Information
Stresses above those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability. Operating ranges define those limits between which the functionality of the device is guaranteed.
Electrical Characteristics
VCC = 5V for FM81_L/M/J, VCC = 3.3V for FM81_S/T, VCC = 3V for FM81_R, TA = Operating Temperature Range, unless otherwise noted. Parameter Operating Voltage Range Supply Current, ICC Reset Voltage Threshold, VTH Conditions TA = 0C to 70C TA = -40C to 85C FM811L/M/J, FM812L/M/J VCC < 3.6V, FM811R/S/T, FM812R/S/T FM811L, FM812L FM811M, FM812M FM811J, FM812J FM811T, FM812T FM811S, FM812S FM811R, FM812R Min. 1.4 1.6 Typ. Max. 5.5 5.5 15 10 4.86 4.52 4.18 3.19 3.00 2.70 560 Units V A V
Reset Time-out Period, tR RESET Output Voltage, VOH ISOURCE = 800A, FM811L/M/J ISOURCE = 500A, FM811R/S/T RESET Output Voltage, VOL VCC= VTH Min., ISINK = 3.2mA, FM811L/M/J VCC= VTH Min., ISINK = 1.2mA, FM811R/S/T VCC > 1.4V, ISINK = 50A, TA= 0C to 70C VCC > 1.6V, ISINK = 50A, TA= -40C to 85C 0.8 x VCC RESET Output Voltage, VOH 1.8V < VCC < VTH Min., ISOURCE = 150A RESET Output Voltage, VOL ISINK = 3.2mA, FM810L/M/J ISINK = 1.2mA, FM810R/S/T 10 MR Minimum Pulse Width MR to Reset Delay MR Input Threshold, VIH VCC > VTH Max., FM81_L/M/J 2.3 FM81_R/S/T 0.7 x VCC MR Input Threshold, VIL VCC > VTH Max., FM81_L/M/J FM81_R/S/T MR Pull-Up Resistance 10 MR Glitch Immunity
4.40 4.18 3.90 2.97 2.79 2.49 140 VCC - 1.5 0.8 x VCC
9 6 4.63 4.38 4.00 3.08 2.93 2.63 240
ms V V
0.4 0.3 0.3 0.3
0.4 0.35 0.5
V V s s V
20 100
0.8 0.25xVCC 30
k ns
REV. 1.5.1 7/15/02
3
FM811/812
Circuit Description
Microprocessor Reset
The RESET pin is asserted whenever VCC falls below the reset threshold voltage or if MR (manual reset) is forced low. The reset pin remains asserted for a period of 40ms after VCC has risen above the reset threshold voltage or MR has returned high. The reset function ensures the microprocessor is properly reset and powers up into a known condition after a power failure. RESET will remain valid with VCC as low as 1.4V.
VCC VTH
Interfacing to Bidirectional Reset Pins
The FM811/ FM812 can interface with Ps with bidirectional reset pins by connecting a 4.7k resistor in series with the FM811/ FM812 output and the P reset pin.
RESET Valid to 0V
A resistor can be added from the RESET pin to ground to ensure the RESET output remains low with VCC down to 0V. A 100k resistor connected from RESET to ground is recommended. The size of the resistor should be large enough to not load the RESET output and small enough to pull-down any stray leakage currents.
VCC
Preliminary Information
MR tR RESET tR
VCC
VCC
VCC Transients
The FM811/ FM812 are relatively immune to negative-going VCC glitches below the reset threshold. Typically, a negativegoing transient 125mV below the reset threshold with a duration of 50ms (25ms for FM81_R/S/T) or less will not cause an unwanted reset.
FM811 RESET 100k
P RESET
Manual Reset Function
Momentarily connecting the Manual Reset input pin (MR) to GND forces a reset. Typically a Push-button switch is used in most of the applications to force a manual reset. See Typical Applications diagram. The reset will remain asserted as long as MR is held low and for one reset time-out period (140ms min.) after MR goes high. Note that this input cannot be driven by a CMOS or TTL logic. This pin should be left floating if manual reset feature is unused.
4
REV. 1.5.1 7/15/02
FM811/812
Packaging Information
4-Pin SOT-143
0.079 0.071
0.055 0.047
0.098 0.083
Dimensions are in inches
0.037 0.030
0.021 0.015
0.120 0.105 0.040 0.031 0.080 0.070 0.0059 0.0035
Preliminary Information
0.004 0.001
0.010 0.005
Tape and Reel Information
4.0 0.1 2.0 0.05 O1.5 0.1 1.75 0.1
3.5 0.05 8.0 0.3
4.0 0.1 2.7 0.1 1.2 0.1 3.1 0.1
O1.1 0.1
Dimensions are in millimeters
REV. 1.5.1 7/15/02
5
FM811/812
Ordering Information
Part Number FM811LUX FM811MUX FM811JUX FM811TUX FM811SUX FM811RUX FM812LUX FM812MUX Top Marking* KLYY KMYY KJYY KTYY KSYY KRYY LLYY LMYY LJYY LTYY LSYY LRYY RESET Threshold (V) 4.63 4.38 4.00 3.08 2.93 2.63 4.63 4.38 4.00 3.08 2.93 2.63 Output Type Push-Pull, active LOW Push-Pull, active LOW Push-Pull, active LOW Push-Pull, active LOW Push-Pull, active LOW Push-Pull, active LOW Push-Pull, active HIGH Push-Pull, active HIGH Push-Pull, active HIGH Push-Pull, active HIGH Push-Pull, active HIGH Push-Pull, active HIGH Package 4-Pin, SOT143 4-Pin, SOT143 4-Pin, SOT143 4-Pin, SOT143 4-Pin, SOT143 4-Pin, SOT143 4-Pin, SOT143 4-Pin, SOT143 4-Pin, SOT143 4-Pin, SOT143 4-Pin, SOT143 4-Pin, SOT143 Packing Method 3000 units in T&R 3000 units in T&R 3000 units in T&R 3000 units in T&R 3000 units in T&R 3000 units in T&R 3000 units in T&R 3000 units in T&R 3000 units in T&R 3000 units in T&R 3000 units in T&R 3000 units in T&R
Preliminary Information
FM812JUX FM812TUX FM812SUX FM812RUX
* YY = Lot Code
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
7/15/02 0.0m 004 Stock#DS30000811 2002 Fairchild Semiconductor Corporation


▲Up To Search▲   

 
Price & Availability of FM812

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X