Part Number Hot Search : 
C4014A P4KE39 G8081293 XBNXXX KBP206 SC33063A MRF838A GU7806A
Product Description
Full Text Search
 

To Download FDA18N50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDA18N50 500V N-Channel MOSFET
October 2006
FDA18N50
500V N-Channel MOSFET Features
* 19A, 500V, RDS(on) = 0.265 @VGS = 10 V * Low gate charge ( typical 45 nC) * Low Crss ( typical 25 pF) * Fast switching * 100% avalanche tested * Improved dv/dt capability
UniFET
Description
TM
These N-Channel enhancement mode power field effect transistors are produced using Fairchild's proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficient switched mode power supplies and active power factor correction.
D
G
TO-3P
G DS
FDA Series
S
Absolute Maximum Ratings
Symbol
VDSS ID IDM VGSS EAS IAR EAR dv/dt PD TJ, TSTG TL Drain-Source Voltage Drain Current Drain Current Gate-Source voltage Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Power Dissipation (TC = 25C) - Derate above 25C
(Note 2) (Note 1) (Note 1) (Note 3)
Parameter
- Continuous (TC = 25C) - Continuous (TC = 100C) - Pulsed
(Note 1)
FDA18N50
500 19 11.4 76 30 945 19 23 4.5 239 1.92 -55 to +150 300
Unit
V A A A V mJ A mJ V/ns W W/C C C
Operating and Storage Temperature Range Maximum Lead Temperature for Soldering Purpose, 1/8" from Case for 5 Seconds
Thermal Characteristics
Symbol
RJC RCS RJA
Parameter
Thermal Resistance, Junction-to-Case Thermal Resistance, Case-to-Sink Typ. Thermal Resistance, Junction-to-Ambient
Min.
-0.24 --
Max.
0.52 -40
Unit
C/W C/W C/W
(c)2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FDA18N50 Rev. A
FDA18N50 500V N-Channel MOSFET
Package Marking and Ordering Information
Device Marking
FDA18N50
Device
FDA18N50
Package
TO-3PN
Reel Size
-
Tape Width
-
Quantity
30
Electrical Characteristics
Symbol
Off Characteristics BVDSS BVDSS / TJ IDSS IGSSF IGSSR VGS(th) RDS(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd
TC = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse
Conditions
VGS = 0V, ID = 250A ID = 250A, Referenced to 25C VDS = 500V, VGS = 0V VDS = 400V, TC = 125C VGS = 30V, VDS = 0V VGS = -30V, VDS = 0V VDS = VGS, ID = 250A VGS = 10V, ID = 9.5A VDS = 40V, ID = 9.5A VDS = 25V, VGS = 0V, f = 1.0MHz
(Note 4)
Min.
500 ------
Typ.
-0.5 -----
Max Units
--1 10 100 -100 V V/C A A nA nA
On Characteristics Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance 3.0 ---0.220 25 5.0 0.265 -V S
Dynamic Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance ---2200 330 25 2860 430 40 pF pF pF
Switching Characteristics Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge VDS = 400V, ID = 19A VGS = 10V
(Note 4, 5) (Note 4, 5)
VDD = 250V, ID = 19A RG = 25
--------
55 165 95 90 45 12.5 19
120 340 200 190 60 ---
ns ns ns ns nC nC nC
Drain-Source Diode Characteristics and Maximum Ratings IS ISM VSD trr Qrr
NOTES: 1. Repetitive Rating: Pulse width limited by maximum junction temperature 2. L = 4.7mH, IAS = 19A, VDD = 50V, RG = 25, Starting TJ = 25C 3. ISD 19A, di/dt 200A/s, VDD BVDSS, Starting TJ = 25C 4. Pulse Test: Pulse width 300s, Duty Cycle 2% 5. Essentially Independent of Operating Temperature Typical Characteristics
Maximum Continuous Drain-Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, IS = 19A VGS = 0V, IS = 19A dIF/dt =100A/s
(Note 4)
------
---500 5.4
19 76 1.4 ---
A A V ns C
2 FDA18N50 Rev. A
www.fairchildsemi.com
FDA18N50 500V N-Channel MOSFET
Typical Performance Characteristics
Figure 1. On-Region Characteristics
10
10
2
Figure 2. Transfer Characteristics
2
ID, Drain Current [A]
10
1
ID, Drain Current [A]
VGS 15.0 V 10.0 V 8.0 V 7.0 V 6.5 V 6.0 V Bottom : 5.5 V Top :
10
1
150 C 25 C -55 C
* Notes : 1. VDS = 40V 2. 250s Pulse Test
o o
o
10
0
* Notes : 1. 250s Pulse Test
10
-1
2. TC = 25 C
o
10
-1
10
0
10
1
10
0
2
4
6
8
10
12
VDS, Drain-Source Voltage [V]
VGS, Gate-Source Voltage [V]
Figure 3. On-Resistance Variation vs. Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage Variation vs. Source Current and Temperatue
RDS(ON) [], Drain-Source On-Resistance
0.6
10
2
0.5
VGS = 10V
0.4
IDR, Reverse Drain Current [A]
10
1
0.3
VGS = 20V
0.2
* Note : TJ = 25 C
o
150oC 25 C
o
* Notes : 1. VGS = 0V 2. 250s Pulse Test
0.1 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
ID, Drain Current [A]
VSD, Source-Drain voltage [V]
Figure 5. Capacitance Characteristics
5000
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd
Figure 6. Gate Charge Characteristics
12
Coss
VGS, Gate-Source Voltage [V]
4000
10
VDS = 100V VDS = 250V VDS = 400V
Capacitances [pF]
8
3000
Ciss
6
2000
* Note : 1. VGS = 0 V 2. f = 1 MHz
4
1000
Crss
2
* Note : ID = 18A
0 -1 10
10
0
10
1
0 0 10 20 30 40 50
VDS, Drain-Source Voltage [V]
QG, Total Gate Charge [nC]
3 FDA18N50 Rev. A
www.fairchildsemi.com
FDA18N50 500V N-Channel MOSFET
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation vs. Temperature
1.2
Figure 8. On-Resistance Variation vs. Temperature
3.0
BVDSS, (Normalized) Drain-Source Breakdown Voltage
1.1
RDS(ON), (Normalized) Drain-Source On-Resistance
2.5
2.0
1.0
1.5
1.0
0.9
* Notes : 1. VGS = 0 V 2. ID = 250A
0.5
* Notes : 1. VGS = 10 V 2. ID = 9.5 A
0.8 -100
-50
0
50
100
o
150
200
0.0 -100
-50
0
50
100
o
150
200
TJ, Junction Temperature [ C]
TJ, Junction Temperature [ C]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current vs. Case Temperature
20
10
2
10 s 100 s
ID, Drain Current [A]
15
10
1
10
0
Operation in This Area is Limited by R DS(on)
ID, Drain Current [A]
1 ms 10 ms 100 ms DC
10
10
-1
* Notes : 1. TC = 25 C 2. TJ = 150 C 3. Single Pulse
o o
5
10
-2
10
0
10
1
10
2
0 25
50
75
100
o
125
150
VDS, Drain-Source Voltage [V]
TC, Case Temperature [ C]
Figure 11. Transient Thermal Response Curve
0
10
ZJC(t), Thermal Response
D = 0 .5 0 .2
10
-1
PDM
0 .1 0 .0 5 0 .0 2 0 .0 1
* N o te s : 1 . Z J C ( t) = 0 .5 2 C /W M a x . 2 . D u ty F a c to r , D = t 1 /t 2 3 . T J M - T C = P D M * Z J C ( t)
o
t1 t2
10
-2
s in g le p u ls e
-5 -4 -3 -2
10
10
10
10
10
-1
10
0
10
1
t 1 , S q u a r e W a v e P u ls e D u r a tio n [s e c ]
4 FDA18N50 Rev. A
www.fairchildsemi.com
FDA18N50 500V N-Channel MOSFET
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
5 FDA18N50 Rev. A
www.fairchildsemi.com
FDA18N50 500V N-Channel MOSFET
Peak Diode Recovery dv/dt Test Circuit & Waveforms
6 FDA18N50 Rev. A
www.fairchildsemi.com
FDA18N50 500V N-Channel MOSFET
Mechanical Dimensions
7 FDA18N50 Rev. A
www.fairchildsemi.com
FAIRCHILD SEMICONDUCTOR TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACT(R) FAST(R) FASTrTM FPSTM FRFETTM FACT Quiet SeriesTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM IntelliMAXTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM ScalarPumpTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TCMTM TinyBoostTM TinyBuckTM TinyPWMTM TinyPowerTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHC(R) UniFETTM UltraFET(R) VCXTM WireTM
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. I21


▲Up To Search▲   

 
Price & Availability of FDA18N50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X