Part Number Hot Search : 
ISL3283E LC8910 AH286 D6L00 CA3079 AH285 24FJ64G 53111
Product Description
Full Text Search
 

To Download ESOT24LCC-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05194
ESOT24LCC-2
Only One Name Means ProT ek'TionTM
LOW CAPACIT ANCE TVS ARRA Y
APPLICA TIONS Ethernet - 10/100/1000 Base T CAN Bus Cellular Phones Audio/Video Inputs Personal Digital Assistant (PDA) E1/T1 & E3/T3 IEC COMPA TIBILITY (EN61000-4) 61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns FEA TURES ESD Protection > 25 kilovolts 100 Watts Peak Pulse Power per Line (tp = 8/20s) Protects Two (2) Bidirectional Lines Bidirectional Configuration Low Leakage Current < 1.0A LOW CAPACITANCE: 6pF PER LINE RoHS Compliant on Lead-Free Versions MECHANICAL CHARACTERISTICS Molded JEDEC SOT-23 Weight 8 milligrams (Approximate) Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed) Solder Reflow Temperature: Tin-Lead - Sn/Pb, 85/15: 240-245C Pure-Tin - Sn, 100: 260-270C Flammability rating UL 94V-0 8mm Tape and Reel Per EIA Standard 481 Device Marking: Marking Code
SOT-23
PIN CONFIGURA TION
1 3 2
05194.R1 3/05
1
www.protekdevices.com
ESOT24LCC-2
DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER Peak Pulse Power (tp = 8/20s) - See Figure 1 Peak Pulse Current (tp = 8/20s) Operating Temperature Storage Temperature SYMBOL PPP IPP TJ TSTG VALUE 100 2 -55C to 150C -55C to 150C UNITS Watts A C C
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless Otherwise Specified
PART NUMBER (See Note 1 & 2) DEVICE MARKING CODE RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE MAXIMUM LEAKAGE CURRENT TYPICAL CAPACITANCE PER LINE
VWM VOLTS ESOT24LCC-2 24L 24.0
@ 1mA V(BR) VOLTS 26.6
@VWM ID A 1
@0V, 1MHz C pF 6
Note 1: Test between pins 1 to 3 and 2 to 3 in both directions. Note 2: Per IEC 61000-4-2, ESD 25kV.
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
10,000
IPP - Peak Pulse Current - % of IPP PPP - Peak Pulse Current - Watts
120 100 80 60 40 20 0 tf
FIGURE 2 PULSE WAVE FORM
Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s
1,000
e-t
100W, 8/20s Waveform 100
td = t I /2 PP
10 0.01
1
10 100 td - Pulse Duration - s
1,000
10,000
0
5
10
15 t - Time - s
20
25
30
05194.R1 3/05
2
www.protekdevices.com
ESOT24LCC-2
PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE
SOT-23
A L 0 - 10 3 B 1 2 S K J
PACKAGE DIMENSIONS
DIM MILLIMETERS MIN MAX 2.80 1.20 0.89 0.37 1.78 0.013 0.085 0.45 0.89 2.10 0.45 3.04 1.40 1.11 0.50 2.04 0.100 0.177 0.60 1.02 2.50 0.60 INCHES MIN MAX 0.1102 0.0472 0.0350 0.0150 0.0701 0.0005 0.0034 0.0180 0.0350 0.0830 0.0177 0.1197 0.0551 0.0440 0.0200 0.0807 0.0040 0.0070 0.0236 0.0401 0.0984 0.0236
V
G
C
D
H
A B C D G H J K L S V
NOTES
MOUNTING PAD
0.037" (0.95mm)
1. Dimensioning and tolerances per ANSI Y14.5M, 1985. 2. Controlling Dimension: Inches 3. Pin 3 is the cathode (Unidirectional Only). 4. Dimensions are exclusive of mold flash and metal burrs. TAPE & REEL ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix -T7 = 7 Inch Reel - 3,000 pieces per 8mm tape, i.e., ESOT24LCC-2-T7. 3. Suffix -T13 = 13 Inch Reel - 10,000 pieces per 8mm tape, i.e., ESOT24LCC-2-T13. 4. Suffix - LF = Lead-Free, Pure-Tin Plating, i.e., ESOT24LCC-2-LF-T13.
0.079" (2.00mm) 0.033" (0.85mm)
0.033" (0.85mm)
Outline & Dimensions: Rev 1 - 11/01, 06012
COPYRIGHT (c) ProTek Devices 2005 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
05194.R1 3/05
3
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of ESOT24LCC-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X