Part Number Hot Search : 
GPS40B12 BE002 EQW025 0ETTTS B3572 200BG KSA1220 BA7358
Product Description
Full Text Search
 

To Download EMIF4-100FCD4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05206
EMIF4-100FCD4
Only One Name Means ProT ek'TionTM
EMI FIL TER/TVS ARRA Y
APPLICA TIONS Cellular Phones Notebooks Personal Digital Assistant (PDA) Ground Positioning System (GPS) SMART Cards IEC COMPA TIBILITY (EN61000-4) 61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns FEA TURES ESD Protection > 25 kilovolts 4 Symmetrical I/O Channel EMI Filtering/TVS for ESD Protection Low Insertion Loss: -3db Roll-Off @ 60MHz Four Seperate TVS Diodes for ESD Protection Low Lead Inductance RoHS Compliant on Lead-Free Versions MECHANICAL CHARACTERISTICS 15 Bump Flip Chip Package Weight 0.73 milligrams (Approximate) Available in Tin-Lead or Lead-Free Plating Solder Reflow Temperature: Tin-Lead - Sn/Pb, 85/15: 240-245C Lead-Free - Sn/Ag/Cu, 96/3.5/0.5: 260-270C Flammability Rating UL 94V-0 8mm Tape and Reel Per EIA Standard 481 PIN CONFIGURA TION 15 BUMP FC
D2
I/O1
I/O2
I/O3
I/O4
D4
G1
G2
G3
D1
I/O1
I/O2
I/O3
I/O4
D3
Note: All grounds are connected internally.
05206.R1 10/05 1 www.protekdevices.com
EMIF4-100FCD4
DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER Operating Temperature Storage Temperature DC Power Per Resistor Typical Resistance @ 20% SYMBOL TJ TSTG P R VALUE -40C to 85C -55C to 150C 100 100 UNITS C C mW OHMS
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless Otherwise Specified
PART NUMBER RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE MAXIMUM REVERSE LEAKAGE CURRENT @ 3.3V ID A 0.5 TYPICAL FORWARD VOLTAGE MINIMUM ATTENUATION CUT-OFF FREQUENCY (50 Ohms I/O ZERO BIAS) TYPICAL CAPACITANCE PER DIODE (See Note 1) @2.5V, 1 MHz C pF 30
VWM VOLTS EMIF4-100FCD4
Note 1: 20% tolerance.
@ 1mA V(BR) VOLTS 6.0
@10mA VF VOLTS 0.8
@ 800-3000 MHz dB 30
fc MHz 60
5.0
1.100
FIGURE 1 RESISTANCE VS TEMPERATURE (Normalized to Resistance at 25C)
Normalized Resistance
1.060
1.020
0.980
0.940
0.900 -40 -20 0 20 40 Temperature C 60 80 100
05206.R1 10/05
2
www.protekdevices.com
EMIF4-100FCD4
GRAPHS
FIGURE 2 INSERTION LOSS - EMIF4-100FCD4
0 -5 -10 -15
Gain (dB)
-20 -25 -30 -35 -40 -45 -50 0.1 1 10 100
0 Volts
2.5 Volts
1000
10000
Frequency (MHz)
FIGURE 3 OVERSHOOT & CLAMPING VOLTAGE 35
5 Volts per Division
25
15
5
-5 ESD Test Pulse: +15 kilovolt, 1/30ns (waveform)
FIGURE 4 OVERSHOOT & FORWARD CLAMPING VOLTAGE 4
1 Volts per Division
2
0
-2
-4 ESD Test Pulse: -15 kilovolt, 1/30ns (waveform)
05206.R1 10/05
3
www.protekdevices.com
EMIF4-100FCD4
APPLICA TION INFORMA TION
PRINTED CIRCUIT BOARD RECOMMENDATIONS
PARAMETER
Pad Size on PCB Pad Shape Pad Definition Solder Mask Opening Solder Stencil Thickness Solder Stencil Aperture Opening (laser cut, 5% tapered walls) Solder Paste Type Pad Protective Finish Tolerance - Edge To Corner Ball Solder Ball Side Coplanarity Maximum Dwell Time Above Liquidous (183C) Soldering Maximum Temperature
VALUE
0.275mm Round Non-Solder Mask Defined Pads 0.325mm Round 0.150mm 0.330mm Round No Clean OSP(Entek Cu Plus 106A) 50m 20m 60 Seconds 270C
REQUIREMENTS
Temperature: TP for Lead-Free (SnAgCu): 260-270C TP for Tin-Lead: 240-245C Preheat time and temperature depends on solder paste and flux activation temperature, component size, weight, surface area & plating.
RECOMMENDED NON-SOLDER MASK DEFINED PAD ILLUSTRATION
Non-Solder Mask Defined Pad 0.275mm DIA.
Solder Mask Opening 0.325mm DIA.
Solder Stencil Opening 0.330mm DIA.
TP Ramp-up
Temperature - C
Ramp-down TL TSMAX 155 TSMIN 140 TS - Preheat
t 25C to Peak 30-60 seconds
Ramp-up 15 seconds
Solder Time 15-20 seconds
Ramp-down
05206.R1 10/05
4
www.protekdevices.com
EMIF4-100FCD4
PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE
BOTTOM VIEW
PACKAGE DIMENSIONS MILLIMETERS INCHES MIN
0.1148 0.0506 0.0195 0.0096 0.0169 0.0169 0.0071 0.0071 0.0170 0.0130
A G O G I 1
0.30 DIA. 63/67 Sn/Pb Solder Bumps
C
D E F H
DIM
SIDE VIEW
MIN
2.915 1.285 0.495 0.245 0.430 0.430 0.180 0.180 0.432 0.330
MAX
3.005 1.375 0.505 0.255 0.440 0.440 0.280 0.280 0.559 0.457
MAX
0.1183 0.0541 0.0199 0.0100 0.0173 0.0173 0.0110 0.0110 0.0220 0.0180
B
A B C D E F G H I J
2
3
4
5
6
I J
NOTE: 1. Controlling dimensions in millimeters.
Outline & Dimensions: Rev 1 - 8/05, 06042
Tape & Reel Specifications (Dimensions in millimeters)
Reel Dia. 178mm (7") Tape Width 8mm A0 B0 K0 D E F W P0 P2 P t
1.78 0.05 3.35 0.05 0.76 0.05 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10 0.200.025
P0 t D P2
10 Pitches Cumulative Tolerance on Tape. 0.2
MARKING CODE DIAGRAM FCD4 FCD4 FCD4
Top cover tape A0 K0 B0
E
F
W
P
User Direction of Feed
TAPE & REEL ORDERING NOMENCLATURE 1. 2. 3. 4. Surface mount product is taped and reeled in accordance with EIA-481. Plastic 8mm Tape: Suffix-T73-1 = 7 Inch Reel - 3,000 pieces per reel, i.e., EMIF4-100FCD4-T73-1. Suffix - LF - Lead-Free, i.e., EMIF4-100FCD4-LF-T73-1. Suffix - C = Coated Version, i.e., EMIF4-100FCD4-LF-T73C-1.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
COPYRIGHT (c) ProTek Devices 2005 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
05206.R1 10/05
5
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of EMIF4-100FCD4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X