Part Number Hot Search : 
CPC1335 SD6864 2PD602AR RDAQ20T 2PD602AR LF06P2 MIC280 C7SZ0
Product Description
Full Text Search
 

To Download EL817M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELETCRONICS CO., LTD Technical Data Sheet Photocoupler-RoHS Compliant EL817 Series
Features: * Current transfer ratio
(CTR:MIN.50% at IF =5mA ,VCE =5V) * High isolation voltage between input and output (Viso=5000 V rms ) * Compact dual-in-line package EL817*:1-channel type * Pb free * UL approved (No. E214129) * VDE approved (No. 132249) * SEMKO approved (No. 300858,300859,304855, 304827,2022251,0143133/01-03,0101083/01, 303345,303349) * NEMKO approved (No. P04203585, P00102385, P02101854) * DEMKO approved (No. 311822-01/02/03,310352-01, 311822-03A) * CSA approved (No. 1143601) * BSI approved (No. 8592, 8593) * Options available: - Leads with 0.4"(10.16mm) spacing (M Type) - Leads bends for surface mounting (S and S1 Type) - Tape and Reel of Type for SMD(Add"-TA" Suffix) - Tape and Reel of Type for SMD(Add"-TB" Suffix) - The tape is 16mm and is wound on a 33cm reel * The product itself will remain within RoHS compliant version.
EL817
EL817M
EL817S
Description
The EL817 series contains a infrared emitting diode optically coupled to a phototransistor. It is packaged in a 4-pin DIP package and available in wide-lead spacing and SMD option.
Applications * Computer terminals * System appliances, measuring instruments * Registers, copiers, automatic vending machines * Electric home appliances, such as fan heaters, etc. * Signal transmission between circuits of different potentials
and impedances
Everlight Electronics Co., Ltd. Device NoDPC-817-001
http:\\www.everlight.com Prepared date08-2-2005
Rev 5
Page: 1 of 12
Prepared byChun-Chih Liang
EVERLIGHT ELETCRONICS CO., LTD Technical Data Sheet Photocoupler-RoHS Compliant
Device Selection Guide Part. No. EL817* Chip Material IR PT GaAs Silicon
EL817 Series
Package Dimensions
Rank mark*1 Factory identification mark*2 Year code*3 Anode mark Week code*4
EL817
EVERLIGHT
Everlight Electronics Co., Ltd. Device NoDPC-817-001
http:\\www.everlight.com Prepared date08-2-2005
Rev 5
Page: 2 of 12
Prepared byChun-Chih Liang
EVERLIGHT ELETCRONICS CO., LTD Technical Data Sheet Photocoupler-RoHS Compliant
Package Dimensions M Type
EL817 Series
EL817
EVERLIGHT
S Type
EL817
EVERLIGHT
Everlight Electronics Co., Ltd. Device NoDPC-817-001
http:\\www.everlight.com Prepared date08-2-2005
Rev 5
Page: 3 of 12
Prepared byChun-Chih Liang
EVERLIGHT ELETCRONICS CO., LTD Technical Data Sheet Photocoupler-RoHS Compliant EL817 Series
S1 Type
EL817
EVERLIGHT
Notes: 1. Rank shall be or shall not be marked 2. Factory code shall be marked (T: Taiwan / C: China) 3. Year date code 4. 2-digit work week 5. All dimensions are in millimeters 6. Specifications are subject to change without notice
Everlight Electronics Co., Ltd. Device NoDPC-817-001
http:\\www.everlight.com Prepared date08-2-2005
Rev 5
Page: 4 of 12
Prepared byChun-Chih Liang
EVERLIGHT ELETCRONICS CO., LTD Technical Data Sheet Photocoupler-RoHS Compliant EL817 Series
Absolute Maximum Ratings
Parameter Forward Current Input Reverse Voltage Power Dissipation Collector Power Dissipation Output Collector Current Collector-Emitter Voltage Emitter-Collector Voltage Total Power Dissipation
1
( Ta=25C )
Symbol IF VR P PC IC VCEO VECO Ptot Viso Topr Tstg Tsol Rating 50 6 70 150 50 35 6 200 5000 -55~+110 -55~+125 260 Unit mA V mW mW mA V V mW V rms C C C
Isolation Voltage Operating Temperature Storage Temperature
2
Soldering Temperature
*1
AC for 1 minute, R.H= 40~ 60%RH -Isolation voltage shall be measured using the following method. (1) Short between anode and cathode on the primary side and between collector, emitter and base on the secondary side. (2) The isolation voltage tester with zero-cross circuit shall be used. (3) The waveform of applied voltage shall be a sine wave For 10 seconds
*2
Everlight Electronics Co., Ltd. Device NoDPC-817-001
http:\\www.everlight.com Prepared date08-2-2005
Rev 5
Page: 5 of 12
Prepared byChun-Chih Liang
EVERLIGHT ELETCRONICS CO., LTD Technical Data Sheet Photocoupler-RoHS Compliant EL817 Series
Electro-Optical Characteristics
Parameter Forward Input Reverse Current Terminal Collector Dark current Output CollectorEmitter breakdown voltage Current Transfer ratio CollectorEmitter saturation voltage
Transfer Characteristics
(Ta=25C)
Symbol VF IR Ct ICEO
Min. -
Typ. 1.2 30 -
Max. 1.4 10 250 100
Unit V uA pF nA
Condition IF=20mA VR=4V V=0,f=1kHz VCE=20V
BVCEO
35
-
-
V
Ic=0.1mA
CTR
50
-
600
%
IF=5mA ,VCE=5V
VCE(sat)
-
0.1
0.2
V
IF=20mA ,Ic=1 mA
Isolation resistance Flotation capacitance Cut-off frequency Rise time Fall time
RISO Cf fc tr tf
5x1010 -
1011 0.6 80 4 3
1.0 18 18
pF kHz us us
DC500V,40~60%R.H
V=0, f=1MHz
VCE=5V, IC=2 mA RL=100, -3dB VCE=2V IC=2mA,RL=100
Everlight Electronics Co., Ltd. Device NoDPC-817-001
http:\\www.everlight.com Prepared date08-2-2005
Rev 5
Page: 6 of 12
Prepared byChun-Chih Liang
EVERLIGHT ELETCRONICS CO., LTD Technical Data Sheet Photocoupler-RoHS Compliant EL817 Series
Supplement
Current Transfer Ratio CTR Sub-Model No. EL817* note 1 EL817* (L) note2 EL817* (A) EL817* (B) EL817* (C) EL817* (D) EL817* (AB) EL817* (BC) EL817* (CD) Note1. Note2. L A B C D A or B B or C C or D Rank mark CTR (%) 50 to 600 50 to 100 80 to 160 130 to 260 200 to 400 300 to 600 80 to 260 130 to 400 200 to 600 IF = 5 mA VCE = 5 V Ta = 25C Condition
The symbol " * " can be none or S or M by different leads form request The symbol " ( ) " can be CTR rank
Everlight Electronics Co., Ltd. Device NoDPC-817-001
http:\\www.everlight.com Prepared date08-2-2005
Rev 5
Page: 7 of 12
Prepared byChun-Chih Liang
EVERLIGHT ELETCRONICS CO., LTD Technical Data Sheet Photocoupler-RoHS Compliant EL817 Series
Fig. 3 (Ta=25C)
Ic =0.5mA 1.0mA 3.0mA 5.0mA 7.0mA
(Ta=25C)
30mA
20mA
10mA 5mA
IF =5mA VCE=5V IF=20mA Ic=1mA
Everlight Electronics Co., Ltd. Device NoDPC-817-001
http:\\www.everlight.com Prepared date08-2-2005
Rev 5
Page: 8 of 12
Prepared byChun-Chih Liang
EVERLIGHT ELETCRONICS CO., LTD Technical Data Sheet Photocoupler-RoHS Compliant EL817 Series
VCE=2V IC=2mA Ta=25C VCE=20V
tr tf td ts
100
1K
Vcc 50 Input 100 Output Input Output 10% 90%
RL=10K VCE=2V IC=2mA Ta=25C
Everlight Electronics Co., Ltd. Device NoDPC-817-001
http:\\www.everlight.com Prepared date08-2-2005
Rev 5
Page: 9 of 12
Prepared byChun-Chih Liang
EVERLIGHT ELETCRONICS CO., LTD Technical Data Sheet Photocoupler-RoHS Compliant
RELIABILITY PLAN
EL817 Series
The reliability of products shall be satisfied with items listed below. Confidence level : 90 % , LTPD : 10 %
Classification
Test Item
Description & Condition
3C
(Acc.) Sample
Failure Criteria
Reference Standard
MIL-S-750 : 1026 MIL-S-883 : 1005
Endurance test
Operation Life *
Ta = 25
0 / 22
IR: If = 50 mA Pt: Pc = 130 mW ( Vf=1.4v) , High Temperature / High Humidity Reverse Bias (H3TRB) Vce(sat) >U*1.0 High Temperature Reverse Bias (HTRB) Ta = 105 3C Pt: 100% * Vce (Max rating) , 1000 hrs Low Temperature Storage Ta = -50 3C , Ta = 125 3C , 1000 hrs 0 / 22 0 / 22 Bvceo < L*1.0 Bveco < L*1.0 1000 hrs CTR shift > 1.2 0 / 22 Vf > U* 1.0 Pt: 80% * Vce (max rating) , 1000 hrs Ir > U * 1.0
JIS C 7021 : B-1 JIS C 7021 : B-11
Ta = 85 3C , Humi. = 85 % rh
JIS C 7021 : B-8
JIS C 7021 : B-12
High Temperature Storage
1000 hrs
0 / 22
L :Low Spec.Limit
JIS C 7021 : B-10 MIL-S-883 : 1008 JESD 22-A102-B
Auto clave
P = 15 PSIG , Ta = 121 C , Humi. = 100 % rh , 48 hrs
0 / 22 U : Up Spec. 0 / 22 Limit
Environmental Test
Temperature Cycling (Air to Air) Thermal Shock (Liquid to Liquid)
125C 30 125 ~
~ ~
- 55 C 30 - 55C min , 100 cycles
MIL-S-883 :1010 JIS C 7021 : A-4
0 / 22
MIL-S-202 : 107D MIL-S-750 : 1051
t (dwell) = 5 min t (trans.) = 10 sec , 100 cycles 0 / 22
MIL-S-883 :1011 MIL-S-750 : 2031 JIS C 7021 : A-1 0 / 22 MIL-S-883 : 2003 JIS C 7021 : A-2
Solder Resistance
Ta = 260 3C t (dwell) = 10 1 sec
Solder Ability
Ta = 230 3 C t (dwell) = 5 1 sec
Everlight Electronics Co., Ltd. Device NoDPC-817-001
http:\\www.everlight.com Prepared date08-2-2005
Rev 5
Page: 10 of 12
Prepared byChun-Chih Liang
EVERLIGHT ELETCRONICS CO., LTD Technical Data Sheet Photocoupler-RoHS Compliant EL817 Series
1. Tube Packing Specifications ( For Dip & M Type) 1. Tube
2.Inner Carton
EL817
RoHS
3.Outside Carton
E
V
E
R
L
I
G
H
T
Labe
Packing Quantity
1. 100 Pcs/ Per Tube 2. 25 Tubes / Inner Carton 3. 12 Inner Cartons / Outside Carton
Everlight Electronics Co., Ltd. Device NoDPC-817-001 http:\\www.everlight.com Prepared date08-2-2005 Rev 5 Page: 11 of 12
Prepared byChun-Chih Liang
EVERLIGHT ELETCRONICS CO., LTD Technical Data Sheet Photocoupler-RoHS Compliant EL817 Series
1. Tape & Reel Packing Specifications
1. Tape & Reel (For S & S1 Type only)
TA
TB
2. Inner Carton
EL817
RoHS
3. Outside Carton
E
V
E
R
L
I
G
H
T
Labe
Packing Quantity
1. 2. 1,000 Pcs / Per Reel 3 Reels / Inner Carton
http:\\www.everlight.com Prepared date08-2-2005 Rev 5 Page: 12 of 12
Everlight Electronics Co., Ltd. Device NoDPC-817-001
Prepared byChun-Chih Liang
EVERLIGHT ELETCRONICS CO., LTD Technical Data Sheet Photocoupler-RoHS Compliant
3. 10 Inner Cartons / Outside Carton
EL817 Series
Everlight Electronics Co., Ltd. Device NoDPC-817-001
http:\\www.everlight.com Prepared date08-2-2005
Rev 5
Page: 13 of 12
Prepared byChun-Chih Liang


▲Up To Search▲   

 
Price & Availability of EL817M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X