Part Number Hot Search : 
60R04 34M00 TL431CDT 62T03G AX17075 M28W231 62T03G 1215E
Product Description
Full Text Search
 

To Download EL1517BIYEZ-T7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
EL1517B
Data Sheet December 19, 2006 FN6405.0
xDSL Differential Line Driver
The EL1517B is a dual operational amplifier designed for VDSL and ADSL line driving in DMT based solutions. EL1517B includes internal protection for high ruggedness against lightning related transients. This device features a high drive capability of 250mA while consuming only 7mA of supply current per amplifier and operating from a single 5V to 12V supply. This driver achieves a typical distortion of 80dBc, at 150kHz into a 25 load. The EL1517B is available in a 10 Ld HMSOP package and is specified for operation over the full -40C to +85C temperature range. The device has control pins C0 and C1 for controlling the bias and enable/disable of the outputs. These controls allow for lowering the power to fit the performance/power ratio for the application. The EL1517B is ideal for ADSL, SDSL, HDSL2 and VDSL line driving applications. All performance graphs in this datasheet were generated for EL1517BIS and EL1517BIL. There is no significant electrical difference between EL1517BIYE and the performance curves for EL1517BIL. The EL1517B can only be used for single supply operation. Use EL1517BIL or EL1517BIS for dual supply applications.
Features
* Internal protection for high ruggedness against lightning related transients * Drives up to 250mA from a +12V supply * 18VP-P differential output drive into 50 * 20VP-P differential output drive into 100 * -80dBc typical driver output distortion at full output at 150kHz * -75dBc typical driver output distortion at 3.75MHz * -60dBc typical driver output distortion at 8MHz * -50dBc typical driver output distortion at 16MHz * Low quiescent current of 7mA per amplifier * 200MHz bandwidth * Use for single supply applications * Pb-free plus anneal available (RoHS Compliant)
Applications
* VDSL line drivers * ADSL full rate CPE line driving
Ordering Information
PART NUMBER (Note) EL1517BIYEZ EL1517BIYEZ-T7 TAPE & PART MARKING REEL BBBCA BBBCA 7" 13" 13" 7" _ 13" 7" PACKAGE (Pb-Free) 10 Ld HMSOP 10 Ld HMSOP 10 Ld HMSOP 16 Ld QFN 16 Ld QFN 16 Ld QFN 8 Ld SOIC 8 Ld SOIC 8 Ld SOIC PKG. DWG. # MDP0050 MDP0050 MDP0050 MDP0046 MDP0046 MDP0046 MDP0027 MDP0027 MDP0027
* G.SHDSL, HDSL2 line drivers * HomePlug networking drivers
EL1517BIYEZ-T13 BBBCA EL1517BILZ EL1517BILZ-T13 EL1517BILZ-T7 EL1517BISZ EL1517BISZ-T13 EL1517BISZ-T7 1517BIL 1517BIL 1517BIL 1517BIS 1517BIS 1517BIS
Get Full Datasheet
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2006. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
EL1517B
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 2
FN6405.0 December 19, 2006


▲Up To Search▲   

 
Price & Availability of EL1517BIYEZ-T7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X