Part Number Hot Search : 
0UP20D EFD01E HCC4068 TSM69 1601B ST6001 A102M A5800
Product Description
Full Text Search
 

To Download DTA143EL-T92-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO.,
DTA143E
PNP EPITAXIAL SILICON TRANSISTOR
PNP DIGITAL TRANSISTOR (BULT-IN RESISTORS)
FEATURES
* Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see the equivalent circuit). * The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input They also have the advantage of almost completely eliminating parasitic effects. * Only the on / off conditions need to be set for operation, making device design easy.
1
TO-92
EQUIVALENT CIRCUIT
R1 IN R2 GND (+) IN GND (+) OUT OUT
MARKING
*Pb-free plating product number:DTA143EL
AE3
PIN CONFIGURATION
PIN NO. PIN NAME 1 GND 2 OUT 3 IN
ORDERING INFORMATION Order Number Normal Lead free DTA143E-T92-B DTA143EL-T92-B DTA143E-T92-K DTA143EL-T92-K Package TO-92 TO-92 Packing Tape Box Bulk
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co.,
1 Ver.A QW-R201-080.A
DTA143E
PARAMETER Supply Voltage Input Voltage Output Current Power Dissipation Junction Temperature Storage Temperature
PNP EPITAXIAL SILICON TRANSISTOR
SYMBOL VCC VIN Io IC(max) PD TJ TSTG RATINGS -50 -30~+10 -100 -100 300 150 -40 ~ +150 UNIT V V mA mW
ABSOLUATE MAXIUM RATINGS (Ta = 25)
ELECTRICAL CHARACTERISTICS (Ta= 25, unless otherwise specified.)
SYMBOL VI(off) Input Voltage VI(ON) Output Voltage VO(ON) Input Current II Output Current IO(off) DC Current Gain GI Input Resistance R1 Resistance Ratio R2/R1 Transition Frequency fT *Transition frequency of the device PARAMETER TEST CONDITIONS VCC= -5V, IO=-100A VO= -0.3V, IO= -20mA IO/II= -10mA / -0.5 mA VI= -5V VCC= -50V , VI=0V VO= -5V, IO= -10mA MIN -3 -0.1 -0.3 -1.8 -0.5 6.11 1.2 TYP MAX -0.5 UNIT V V mA A k MHz
20 3.29 0.8
VCE= -10 V, IE= 5mA, f=100MHz *
4.7 1 250
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 Ver.A QW-R201-080.A
DTA143E
PNP EPITAXIAL SILICON TRANSISTOR
Output current vs Input voltage (OFF characterristics) -10m Vo= -0.3V -5m Ta=100 25 -2m -40 -1m -500 -200 -100 -50 -20 -10 -5 -2
-500 -1m -2m -5m -10m -20m -50m -100 m
TYPICAL CHARACTERICS
Input voltage vs.output current (ON characterristics)
-100 -50
Vcc= -5V
Input Voltage, VI(ON) (V)
-10 -5
-2 -1 -500m
Ta=-40 25 100
-200m -100m -100 -200
Output Current, Io (A)
-20
-1 0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
Output Current, Io (A) DC current gain vs.output current
1K -1
INPUT VOLTAGE, Vi(off) (V) Output voltage vs. output current Ta=100 25 -40 Io/II=20
Vo= -5V
500 -500m
Output Voltage, VO(ON) V
200
DC Current Gain, GI
100 50
Ta=100 25 -40
-200 m 100m -50m
20 10 5
-20m -10m -5m
2 1 -100 -200 -500-1m
-2m -1m -100 -200 -500-1m -2m
-2m
-5m -10m -20m
-50m -100m
-5m -10m -20m
-50m -100m
Output Current, Io (A)
Output Current, Io (A)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 Ver.A QW-R201-080.A
DTA143E
PNP EPITAXIAL SILICON TRANSISTOR
U TC assum es no responsibility for equipm ent failures that result from using products at v alues that ex ceed, ev en m om entarily, rated v alues (such as m ax im um ratings, operating condition ranges, or other param eters) listed in products specifications of any and all UT C products described or contained herein. UT C products are not designed for use in life support appliances, dev ices or system s where m alfunction of these products can be reasonably expected to result in personal injury. R eproduction in whole or in part is prohibited without the prior written consent of the copyright owner. T he inform ation presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate and reliable and m ay be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 Ver.A QW-R201-080.A


▲Up To Search▲   

 
Price & Availability of DTA143EL-T92-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X