Part Number Hot Search : 
CPC19 BZX55C LT110 1N5453A ICX207AK 21FQ030 2SB80 BUK710
Product Description
Full Text Search
 

To Download DPS-300AB-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DPS-300AB-5/-6
Series
150 (W) x 86 (H) x 140 (L) mm
FEATURES
* Application: Desktop PC * 120mm fan * Comply with Intel ATX12V 2.0 * Remote On/Off * Low acoustics noise * High reliability * Fan speed control * Short circuit protection * Over voltage protection * Over current protection * Passive PFC @ 230Vac to meet EN61000-3-2 (optional)
ENVIRONMENTAL
* Operating ambient temperature: 0~50 C * Operating relative humidity: 5~85% * Storage ambient temperature: -40~70C * Storage relative humidity: 5~95% * Altitude: 10,000~50,000 feet * MTBF: > 100K hours @ max. load & 25C ambient conditions.
ELECTRICAL SPECIFICATIONS INPUT
* Input Range * Frequency * Input Current * Efficiency * EMI/RFI 90~135Vac/ 180~265Vac 47~63Hz <8A @ 115Vac, <4A @ 230Vac >70% @ 115Vac/230Vac CISPR 22 Class B, FCC
OUTPUT
* Maximum Power 300 Watts * Holdup Time >17mS @ 115Vac or 230Vac * Rise Time 0.1~20mS * Leakage Current <0.75mA @ 250Vac * Overvoltage Protection: +3.3V, +5V, +12V * Overcurrent Protection: <240VA * Short-Circuit Protection: Latch off Minimum Maximum Load Load 0.5A 0.3A 1.0A 1.0A 0.0A 0.0A 20.0A 20.0A 8.0A 14.0A 0.5A 2.0A 2.5A Ripple & Noise Vp-p 50mV 50mV 120mV 120mV 120mV 50mV * Power Good Signal: TTL compatible on delay 100mS to 500mS, off delay 1mS.
Output V1 V2 V3 V4 V5 V6
Voltage +3.3V +5V +12V1 +12V2 -12V +5Vsb
Regulation 5% 5% 5% 5% 10% 5%
Peak Load 10.0A
1. Total continue power output: 300W 2. The combined power on +3.3V & +5V: 120W max 3. The combined power on +3.3V, +5V, +12V1 & +12V2: 290W max
All specifications are subject to change without prior notice. DELTA ELECTRONICS, INC. 3, TUNG YUAN ROAD, CHUNGLI INDUSTRIAL ZONE TAOYUAN SHIEH, TAIWAN, R.O.C. TEL: 886-3-4526107 FAX: 886-3-4527314 mail: powersales@delta.com.tw DELTA PRODUCTS CORPORATION 4405 CUSHING PARKWAY FREMONT, CA 94538, U.S.A. TEL: 1-510-668-5100 FAX: 1-510-668-0680 DELTA ELECTRONICS(JAPAN) INC. DELTA SHIBADAIMON BLDG. 2-1-14 SHIBADAIMON, MINATO-KU, TOKYO, 105-0012, JAPAN TEL: 81-3-5733-1111 FAX: 81-3-5733-1211 DELTA ELECTRONICS, EUROPE LTD. 2 YOUNG PLACE KELVIN INDUSTRIAL ESTATE EAST KILBROIDE, GLASGOW G75 OTD, U.K. TEL: 44-1355-588888 FAX: 44-1355-588889


▲Up To Search▲   

 
Price & Availability of DPS-300AB-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X