Part Number Hot Search : 
MX7503JN MBR840D 1N5985 FU220N MP151 HL6503MG 16001 738BT3
Product Description
Full Text Search
 

To Download DNS04S0A0S06PFA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
High efficiency: 94% @ 5.0Vin, 3.3V/6A out Small size and low profile: (SMD) 27.9x 11.4x 7.1mm (1.10"x 0.45"x 0.28") Surface mount packaging Standard footprint Voltage and resistor-based trim Pre-bias startup Output voltage tracking No minimum load required Output voltage programmable from 0.75Vdc to 3.3Vdc via external resistor Fixed frequency operation Input UVLO, output OTP, OCP Remote on/off ISO 9001, TL 9000, ISO 14001, QS9000, OHSAS18001 certified manufacturing facility UL/cUL 60950 (US & Canada) Recognized, and TUV (EN60950) Certified - pending CE mark meets 73/23/EEC and 93/68/EEC directives - pending
Delphi DNS, Non-Isolated Point of Load
DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
The Delphi Series DNS, 2.8-5.5V input, single output, non-isolated Point of Load DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing -- Delta Electronics, Inc. The DNS series provides a programmable output voltage from 0.75V to 3.3V using an external resistor and has flexible and programmable tracking features to enable a variety of startup voltages as well as tracking between power modules. This product family is available in surface mount or SIP packages and provides up to 6A of output current in an industry standard footprint. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions.
OPTIONS
Negative on/off logic Tracking feature SMD package
APPLICATIONS
Telecom/DataCom Distributed power architectures Servers and workstations LAN/WAN applications Data processing applications
DATASHEET DS_DNS04SMD06_10202006
TECHNICAL SPECIFICATIONS
(TA = 25C, airflow rate = 300 LFM, Vin = 2.8Vdc and 5.5Vdc, nominal Vout unless otherwise noted.)
PARAMETER
ABSOLUTE MAXIMUM RATINGS Input Voltage (Continuous) Tracking Voltage Operating Temperature Storage Temperature INPUT CHARACTERISTICS Operating Input Voltage Input Under-Voltage Lockout Turn-On Voltage Threshold Turn-Off Voltage Threshold Maximum Input Current No-Load Input Current Off Converter Input Current Inrush Transient Recommended Inout Fuse OUTPUT CHARACTERISTICS Output Voltage Set Point Output Voltage Adjustable Range Output Voltage Regulation Over Line Over Load Over Temperature Total Output Voltage Range Output Voltage Ripple and Noise Peak-to-Peak RMS Output Current Range Output Voltage Over-shoot at Start-up Output DC Current-Limit Inception Output Short-Circuit Current (Hiccup Mode) DYNAMIC CHARACTERISTICS Dynamic Load Response Positive Step Change in Output Current Negative Step Change in Output Current Settling Time to 10% of Peak Deviation Turn-On Transient Start-Up Time, From On/Off Control Start-Up Time, From Input Output Voltage Rise Time Output Capacitive Load EFFICIENCY Vo=3.3V Vo=2.5V Vo=1.8V Vo=1.5V Vo=1.2V Vo=0.75V FEATURE CHARACTERISTICS Switching Frequency ON/OFF Control, (Negative logic) Logic Low Voltage Logic High Voltage Logic Low Current Logic High Current ON/OFF Control, (Positive Logic) Logic High Voltage Logic Low Voltage Logic Low Current Logic High Current 0Tracking Slew Rate Capability Tracking Delay Time Tracking Accuracy GENERAL SPECIFICATIONS MTBF Weight Over-Temperature Shutdown
NOTES and CONDITIONS
DNS04S0A0S06PFD
Min. 0 Typ. Max. 5.8 Vin,max 127 125 5.5 2.2 2.0 Units Vdc Vdc C C V V V A mA mA A 2S A % Vo,set V % Vo,set % Vo,set % Vo,set % Vo,set mV mV A % Vo,set % Io Adc mV mV s ms ms ms F F % % % % % % kHz 0.3 Vin,max 10 1 Vin,max 0.3 1 10 2 200 400 V V A mA V V mA A V/msec ms mV mV M hours grams C
Refer to Figure 45 for measuring point Vo Vin -0.5
-40 -55 2.8
Vin=2.8V to 5.5V, Io=Io,max 70 5 Vin=2.8V to 5.5V, Io=Io,min to Io,max Vin=5V, Io=Io, max Vin=2.8V to 5.5V Io=Io,min to Io,max Ta=-40 to 85 Over sample load, line and temperature 5Hz to 20MHz bandwidth Full Load, 1F ceramic, 10F tantalum Full Load, 1F ceramic, 10F tantalum Vout=3.3V Io,s/c 10F Tan & 1F Ceramic load cap, 2.5A/s 50% Io, max to 100% Io, max 100% Io, max to 50% Io, max Io=Io.max Von/off, Vo=10% of Vo,set Vin=Vin,min, Vo=10% of Vo,set Time for Vo to rise from 10% to 90% of Vo,set Full load; ESR 1m Full load; ESR 10m Vin=5V, 100% Load Vin=5V, 100% Load Vin=5V, 100% Load Vin=5V, 100% Load Vin=5V, 100% Load Vin=5V, 100% Load 220 3.5 160 160 25 2 2 2 -2.0 0.7525 Vo,set 0.3 0.4 0.8 -3.0 40 10 0
6 0.1 6 +2.0 3.63
+3.0 60 15 6 1
5 1000 3000
94.0 91.5 89.0 88.0 86.0 81.0 300
Module On, Von/off Module Off, Von/off Module On, Ion/off Module Off, Ion/off Module On, Von/off Module Off, Von/off Module On, Ion/off Module Off, Ion/off Delay from Vin.min to application of tracking voltage Power-up 2V/mS Power-down 1V/mS Io=80% of Io, max; Ta=25C Refer to Figure 45 for measuring point
-0.2 1.5 0.2 -0.2 0.2 0.1 10 100 200 13.48 6.5 130
DS_DNS04SMD6A_10202006
2
ELECTRICAL CHARACTERISTICS CURVES
98 97 96 EFFICIENCY(%) 95 94 93 92 91 90 1 2 3 LOAD (A) 4 5 6 4.5V 5V 5.5V EFFICIENCY(%) 98 96 94 92 90 88 86 84 1 2 3 LOAD (A) 4 5 6 3V 5V 5.5V
Figure 1: Converter efficiency vs. output current (3.3V out)
98 96 EFFICIENCY(%) 94 92 90 88 86 84 1 2 3 LOAD (A) 4 5 6 2.8V 5V 5.5V
Figure 2: Converter efficiency vs. output current (2.5V out)
96 94 92 90 88 86 84 82 1 2 3 LOAD (A) 4 5 6 2.8V 5V 5.5V
Figure 3: Converter efficiency vs. output current (1.8V out)
94 92 90
EFFICIENCY(%)
Figure 4: Converter efficiency vs. output current (1.5V out)
92 90 88 EFFICIENCY(%) 86 84 82 80 78 76 74 1 2 3 LOAD (A) 4 5 2.8V 5V 5.5V 6
88 86 84 82 80 1 2 3 LOAD (A) 4 5 6 2.8V 5V 5.5V
Figure 5: Converter efficiency vs. output current (1.2V out)
EFFICIENCY(%)
Figure 6: Converter efficiency vs. output current (0.75V out)
DS_DNS04SMD6A_10202006
3
ELECTRICAL CHARACTERISTICS CURVES (CON.)
Figure 7: Output ripple & noise at 3.3Vin, 2.5V/6A out
Figure 8: Output ripple & noise at 3.3Vin, 1.8V/6A out
Figure 9: Output ripple & noise at 5Vin, 3.3V/6A out
Figure 10: Output ripple & noise at 5Vin, 1.8V/6A out
Figure 11: Turn on delay time at 3.3Vin, 2.5V/6A out
Figure 12: Turn on delay time at 3.3Vin, 1.8V/6A out
DS_DNS04SMD6A_10202006
4
ELECTRICAL CHARACTERISTICS CURVES (CON.)
Figure 13: Turn on delay time at 5Vin, 3.3V/6A out
Figure 14: Turn on delay time at 5Vin, 1.8V/6A out
Figure 15: Turn on delay time at remote turn on 5Vin, 3.3V/6A out
Figure 16: Turn on delay time at remote turn on 3.3Vin, 2.5V/6A out
Figure 17: Turn on delay time at remote turn on with external capacitors (Co= 3000 F) 5Vin, 3.3V/6A out
Figure 18: Turn on delay time at remote turn on with external capacitors (Co= 3000 F) 3.3Vin, 2.5V/6A out
DS_DNS04SMD6A_10202006
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 19: Typical transient response to step load change at 2.5A/S from 100% to 50% of Io, max at 5Vin, 3.3Vout (Cout = 1uF ceramic, 10F tantalum)
Figure 20: Typical transient response to step load change at 2.5A/S from 50% to 100% of Io, max at 5Vin, 3.3Vout (Cout =1uF ceramic, 10F tantalum)
Figure 21: Typical transient response to step load change at 2.5A/S from 100% to 50% of Io, max at 5Vin, 1.8Vout (Cout =1uF ceramic, 10F tantalum)
Figure 22: Typical transient response to step load change at 2.5A/S from 50% to 100% of Io, max at 5Vin, 1.8Vout (Cout = 1uF ceramic, 10F tantalum)
DS_DNS04SMD6A_10202006
6
ELECTRICAL CHARACTERISTICS CURVES (CON.)
Figure 23: Typical transient response to step load change at 2.5A/S from 100% to 50% of Io, max at 3.3Vin, 2.5Vout (Cout =1uF ceramic, 10F tantalum)
Figure 24: Typical transient response to step load change at 2.5A/S from 50% to 100% of Io, max at 3.3Vin, 2.5Vout (Cout =1uF ceramic, 10F tantalum)
Figure 25: Typical transient response to step load change at 2.5A/S from 100% to 50% of Io, max at 3.3Vin, 1.8Vout (Cout =1uF ceramic, 10F tantalum)
Figure 26: Typical transient response to step load change at 2.5A/S from 50% to 100% of Io, max at 3.3Vin, 1.8Vout (Cout = 1uF ceramic, 10F tantalum)
Figure 27: Output short circuit current 5Vin, 0.75Vout
Figure 28:Turn on with Prebias 5Vin, 3.3V/0A out, Vbias =1.0Vdc
DS_DNS04SMD6A_10202006
7
TEST CONFIGURATIONS
TO OSCILLOSCOPE
DESIGN CONSIDERATIONS
Input Source Impedance
VI(+)
To maintain low noise and ripple at the input voltage, it is critical to use low ESR capacitors at the input to the module. Figure 32 shows the input ripple voltage (mVp-p) for various output models using 2x100 F low ESR tantalum capacitor (KEMET p/n: T491D107M016AS, AVX p/n: TAJD107M106R, or equivalent) in parallel with 47 F ceramic capacitor (TDK p/n:C5750X7R1C476M or equivalent). Figure 33 shows much lower input voltage ripple when input capacitance is increased to 400 F (4 x 100 F) tantalum capacitors in parallel with 94 F (2 x 47 F) ceramic capacitor. The input capacitance should be able to handle an AC ripple current of at least:
L
2 100uF Tantalum
BATTERY
VI(-)
Note: Input reflected-ripple current is measured with a simulated source inductance. Current is measured at the input of the module.
Figure 29: Input reflected-ripple test setup
COPPER STRIP
Irms = Iout
Input Ripple Voltage (mVp-p) 200 150 100 50 0 0
Vout Vout 1 - Vin Vin
Arms
Vo
1uF 10uF SCOPE tantalum ceramic Resistive Load
GND
3.3Vin 5.0Vin 1 2 Output Voltage (Vdc) 3 4
Note: Use a 10F tantalum and 1F capacitor. Scope measurement should be made using a BNC connector. Figure 30: Peak-peak output noise and startup transient measurement test setup.
CONTACT AND DISTRIBUTION LOSSES
Figure 32: Input voltage ripple for various output models, Io = 6A (CIN = 2x100F tantalum // 47F ceramic)
VI II SUPPLY
Vo LOAD
80
Input Ripple Voltage (mVp-p)
Io
60 40 20 0 0 1 2
Output Voltage (Vdc)
GND
CONTACT RESISTANCE
3.3Vin 5.0Vin
Figure 31: Output voltage and efficiency measurement test setup Note: All measurements are taken at the module terminals. When the module is not soldered (via socket), place Kelvin connections at module terminals to avoid measurement errors due to contact resistance.
3
4
Figure 33: Input voltage ripple for various output models, Io = 6A (CIN = 4x100F tantalum // 2x47F ceramic)
=(
Vo x Io ) x 100 % Vi x Ii
DS_DNS04SMD6A_10202006
8
DESIGN CONSIDERATIONS (CON.)
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the module. An input capacitance must be placed close to the modules input pins to filter ripple current and ensure module stability in the presence of inductive traces that supply the input voltage to the module.
FEATURES DESCRIPTIONS
Remote On/Off
The DNS series power modules have an On/Off pin for remote On/Off operation. Both positive and negative On/Off logic options are available in the DNS series power modules. For positive logic module, connect an open collector (NPN) transistor or open drain (N channel) MOSFET between the On/Off pin and the GND pin (see figure 34). Positive logic On/Off signal turns the module ON during the logic high and turns the module OFF during the logic low. When the positive On/Off function is not used, leave the pin floating or tie to Vin (module will be On). For negative logic module, the On/Off pin is pulled high with an external pull-up resistor (see figure 35). Negative logic On/Off signal turns the module OFF during logic high and turns the module ON during logic low. If the negative On/Off function is not used, leave the pin floating or tie to GND. (module will be On)
Vin
ION/OFF
Safety Considerations
For safety-agency approval the power module must be installed in compliance with the spacing and separation requirements of the end-use safety agency standards. For the converter output to be considered meeting the requirements of safety extra-low voltage (SELV), the input must meet SELV requirements. The power module has extra-low voltage (ELV) outputs when all inputs are ELV. The input to these units is to be provided with a maximum 6A time-delay fuse in the ungrounded lead.
Vo
On/Off
Q1
RL
GND
Figure 34: Positive remote On/Off implementation
Vin Vo
Rpullup
ION/OFF
On/Off
RL
Q1
GND
Figure 35: Negative remote On/Off implementation
Over-Current Protection
To provide protection in an output over load fault condition, the unit is equipped with internal over-current protection. When the over-current protection is triggered, the unit enters hiccup mode. The units operate normally once the fault condition is removed.
DS_DNS04SMD6A_10202006 9
FEATURES DESCRIPTIONS (CON.)
Over-Temperature Protection
The over-temperature protection consists of circuitry that provides protection from thermal damage. If the temperature exceeds the over-temperature threshold the module will shut down. The module will try to restart after shutdown. If the over-temperature condition still exists during restart, the module will shut down again. This restart trial will continue until the temperature is within specification.
Vtrim = 0.7 - 0.1698 x (Vo - 0.7525)
For example, to program the output voltage of a DNS module to 3.3 Vdc, Vtrim is calculated as follows
Vtrim = 0.7 - 0.1698 x (3.3 - 0.7525) = 0.267V
Vo
RLoad TRIM Rtrim GND
Remote Sense
Figure 37: Circuit configuration for programming output voltage
The DNS provide Vo remote sensing to achieve proper regulation at the load points and reduce effects of distribution losses on output line. In the event of an open remote sense line, the module shall maintain local sense regulation through an internal resistor. The module shall correct for a total of 0.5V of loss. The remote sense line impedance shall be < 10.
Distribution Losses
using an external resistor
Vo
Vtrim TRIM GND +
_
RLoad
Vin
Vo
Distribution Losses
Figure 38: Circuit Configuration for programming output voltage using external voltage source
RL
Sense
GND
Distribution Distribution L
Figure 36: Effective circuit configuration for remote sense operation
Table 1 provides Rtrim values required for some common output voltages, while Table 2 provides value of external voltage source, Vtrim, for the same common output voltages. By using a 1% tolerance trim resistor, set point tolerance of 2% can be achieved as specified in the electrical specification. Table 1
Vo(V) 0.7525 1.2 1.5 1.8 2.5 3.3 Rtrim(K) Open 41.97 23.08 15.00 6.95 3.16
Output Voltage Programming
The output voltage of the DNS can be programmed to any voltage between 0.75Vdc and 3.3Vdc by connecting one resistor (shown as Rtrim in Figure 37) between the TRIM and GND pins of the module. Without this external resistor, the output voltage of the module is 0.7525 Vdc. To calculate the value of the resistor Rtrim for a particular output voltage Vo, please use the following equation:
21070 Rtrim = - 5110 Vo - 0.7525
For example, to program the output voltage of the DNS module to 1.8Vdc, Rtrim is calculated as follows:
Table 2
Vo(V) 0.7525 1.2 1.5 1.8 2.5 3.3 Vtrim(V) Open 0.624 0.573 0.522 0.403 0.267
21070 Rtrim = - 5110 = 15K 1.8 - 0.7525
DNS can also be programmed by apply a voltage between the TRIM and GND pins (Figure 38). The following equation can be used to determine the value of Vtrim needed for a desired output voltage Vo:
DS_DNS04SMD6A_10202006
10
FEATURE DESCRIPTIONS (CON.)
The amount of power delivered by the module is the voltage at the output terminals multiplied by the output current. When using the trim feature, the output voltage of the module can be increased, which at the same output current would increase the power output of the module. Care should be taken to ensure that the maximum output power of the module must not exceed the maximum rated power (Vo.set x Io.max P max). The output voltage tracking feature (Figure 40 to Figure 42) is achieved according to the different external connections. If the tracking feature is not used, the TRACK pin of the module can be left unconnected or tied to Vin. For proper voltage tracking, input voltage of the tracking power module must be applied in advance, and the remote on/off pin has to be in turn-on status. (Negative logic: Tied to GND or unconnected. Positive logic: Tied to Vin or unconnected)
Voltage Margining
Output voltage margining can be implemented in the DNS modules by connecting a resistor, R margin-up, from the Trim pin to the ground pin for margining-up the output voltage and by connecting a resistor, Rmargin-down, from the Trim pin to the output pin for margining-down. Figure 39 shows the circuit configuration for output voltage margining. If unused, leave the trim pin unconnected. A calculation tool is available from the evaluation procedure which computes the values of R margin-up and Rmargin-down for a specific output voltage and margin percentage.
Vin Vo
PS1 PS2
PS1 PS2
Figure 40: Sequential Start-up
Rmargin-down Q1
On/Off Trim
PS1 PS2
PS1 PS2
Rmargin-up Rtrim
GND
Q2
Figure 41: Simultaneous
Figure 39: Circuit configuration for output voltage margining
+V
PS1 PS2
PS1 PS2
Voltage Tracking
The DNS family was designed for applications that have output voltage tracking requirements during power-up and power-down. The devices have a TRACK pin to implement three types of tracking method: sequential start-up, simultaneous and ratio-metric. TRACK simplifies the task of supply voltage tracking in a power system by enabling modules to track each other, or any external voltage, during power-up and power-down. By connecting multiple modules together, customers can get multiple modules to track their output voltages to the voltage applied on the TRACK pin. DS_DNS04SMD6A_10202006 11
Figure 42: Ratio-metric
FEATURE DESCRIPTIONS (CON.)
Sequential Start-up
Sequential start-up (Figure 40) is implemented by placing an On/Off control circuit between VoPS1 and the On/Off pin of PS2.
Ratio-Metric
Ratio-metric (Figure 42) is implemented by placing the voltage divider on the TRACK pin that comprises R1 and R2, to create a proportional voltage with VoPS1 to the Track pin of PS2. For Ratio-Metric applications that need the outputs of PS1 and PS2 reach the regulation set point at the same time.
PS1
Vin VoPS1 Vin
PS2
VoPS2 On/Off R1
R3
The following equation can be used to calculate the value of R1 and R2. The suggested value of R2 is 10k.
VO ,PS 2 VO , PS1 = R2 R1 + R2
On/Off R2
Q1 C1
PS1
Vin Vin VoPS1 R1
PS2
VoPS2
Simultaneous
Simultaneous tracking (Figure 41) is implemented by using the TRACK pin. The objective is to minimize the voltage difference between the power supply outputs during power up and down. The simultaneous tracking can be accomplished by connecting VoPS1 to the TRACK pin of PS2. Please note the voltage apply to TRACK pin needs to always higher than the VoPS2 set point voltage.
TRACK R2 On/Off On/Off
The high for positive logic The low for negative logic
PS1
Vin VoPS1 Vin
PS2
VoPS2
TRACK
On/Off
On/Off
DS_DNS04SMD6A_10202006
12
THERMAL CONSIDERATIONS
Thermal management is an important part of the system design. To ensure proper, reliable operation, sufficient cooling of the power module is needed over the entire temperature range of the module. Convection cooling is usually the dominant mode of heat transfer. Hence, the choice of equipment to characterize the thermal performance of the power module is a wind tunnel.
THERMAL CURVES
Thermal Testing Setup
Delta's DC/DC power modules are characterized in heated vertical wind tunnels that simulate the thermal environments encountered in most electronics equipment. This type of equipment commonly uses vertically mounted circuit cards in cabinet racks in which the power modules are mounted. The following figure shows the wind tunnel characterization setup. The power module is mounted on a test PWB and is vertically positioned within the wind tunnel. The height of this fan duct is constantly kept at 25.4mm (1'').
Figure 44: Temperature measurement location The allowed maximum hot spot temperature is defined at 127
DNS04S0A0S06(Standard) Output Current vs. Ambient Temperature and Air Velocity @ Vin=5V, Vout = 3.3V(Either Orientation)
7
Output Current(A)
6
5
Thermal Derating
Heat can be removed by increasing airflow over the module. To enhance system reliability, the power module should always be operated below the maximum operating temperature. If the temperature exceeds the maximum module temperature, reliability of the unit may be affected.
FACING PWB PWB MODULE
4
Natural Convection
3
2
1
0 25 35 45 55 65 75 85 Ambient Temperature ()
Figure 45: Output current vs. ambient temperature and air velocity@Vin=5V, Vout=3.3V(Either Orientation)
DNS04S0A0S06(Standard) Output Current vs. Ambient Temperature and Air Velocity @ Vin=5V, Vout = 1.5V(Either Orientation)
7
Output Current(A)
AIR VELOCITY AND AMBIENT TEMPERATURE MEASURED BELOW THE MODULE
AIR FLOW
6
50.8 (2.0")
5
4
Natural Convection
3
12.7 (0.5") 25.4 (1.0") Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
2
1
Figure 43: Wind tunnel test setup
0 25 35 45 55 65 75 85 Ambient Temperature ()
Figure 46: Output current vs. ambient temperature and air velocity@Vin=5V, Vout=1.5V(Either Orientation)
DS_DNS04SMD6A_10202006
13
7
Output Current(A)
DNS04S0A0S06(Standard) Output Current vs. Ambient Temperature and Air Velocity @ Vin=5V, Vout = 0.75V(Either Orientation)
7
Output Current(A)
DNS04S0A0S06(Standard) Output Current vs. Ambient Temperature and Air Velocity @ Vin=3.3V, Vout = 0.75V(Either Orientation)
6
6
5
5
4
Natural Convection
4
Natural Convection
3
3
2
2
1
1
0 25 35 45 55 65 75 85 Ambient Temperature ()
0 25 35 45 55 65 75 85 Ambient Temperature ()
Figure 47: Output current vs. ambient temperature and air velocity@Vin=5V, Vout=0.75V(Either Orientation)
7 Output Current(A)
Figure 50: Output current vs. ambient temperature and air velocity@Vin=3.3V, Vout=0.75V(Either Orientation)
DNS04S0A0S06(Standard) Output Current vs. Ambient Temperature and Air Velocity @ Vin=3.3V, Vout = 2.5V(Either Orientation)
6
5
4
Natural Convection
3
2
1
0 25 35 45 55 65 75 85 Ambient Temperature ()
Figure 48: Output current vs. ambient temperature and air velocity@Vin=3.3V, Vout=2.5V(Either Orientation)
7 Output Current(A)
DNS04S0A0S06(Standard) Output Current vs. Ambient Temperature and Air Velocity @ Vin=3.3V, Vout = 1.5V(Either Orientation)
6
5
4
Natural Convection
3
2
1
0 25 35 45 55 65 75 85 Ambient Temperature ()
Figure 49: Output current vs. ambient temperature and air velocity@Vin=3.3V, Vout=1.5V(Either Orientation)
DS_DNS04SMD6A_10202006
14
PICK AND PLACE LOCATION
SURFACE-MOUNT TAPE & REEL
LEAD (Sn/Pb) PROCESS RECOMMEND TEMP. PROFILE
250 Temperature (C ) 200 150 100 50 Ramp-up temp. 0.5~3.0C /sec. Peak temp. 2nd Ramp-up temp. 210~230C 5sec. 1.0~3.0C /sec. Pre-heat temp. 140~180C 60~120 sec. Cooling down rate <3C /sec.
Over 200C 40~50sec.
0
60
120 Time ( sec. )
180
240
300
LEAD FREE (SAC) PROCESS RECOMMEND TEMP. PROFILE
Temp.
Peak Temp. 240 ~ 245
220 200
Ramp down max. 4 /sec.
150
Preheat time 90~120 sec. Ramp up max. 3 /sec. Time Limited 75 sec. above 220
25
Time
Note: All temperature refers to assembly application board, measured on the land of assembly application board.
DS_DNS04SMD6A_10202006
15
MECHANICAL DRAWING
SMD PACKAGE SIP PACKAGE (OPTIONAL)
DS_DNS04SMD6A_10202006
16
PART NUMBERING SYSTEM
DNS
Product Series
DNS - 6A DNM - 10A DNL - 16A
04
Input Voltage
04 - 2.8~5.5V 10 - 8.3~14V
S
Numbers of Outputs
S - Single
0A0
Output Voltage
0A0 Programmable
S
Package Type
R - SIP S - SMD
06
Output Current
06 - 6A 10 - 10A 16 - 16A
P
On/Off logic
N- negative P- positive
F
D
Option Code
F- RoHS 6/6 (Lead Free)
D - Standard Function:
MODEL LIST
Model Name
DNS04S0A0S06NFD DNS04S0A0S06PFD DNS04S0A0R06NFD DNS04S0A0R06PFD
Packaging
SMD SMD SIP SIP
Input Voltage
2.8 ~ 5.5Vdc 2.8 ~ 5.5Vdc 2.8 ~ 5.5Vdc 2.8 ~ 5.5Vdc
Output Voltage
0.75 V~ 3.3Vdc 0.75 V~ 3.3Vdc 0.75 V~ 3.3Vdc 0.75 V~ 3.3Vdc
Output Current
6A 6A 6A 6A
Efficiency 5.0Vin, 3.3Vdc @ 6A
94.0% 94.0% 94.0% 94.0%
CONTACT: www.delta.com.tw/dcdc
USA: Telephone: East Coast: (888) 335 8201 West Coast: (888) 335 8208 Fax: (978) 656 3964 Email: DCDC@delta-corp.com Europe: Telephone: +41 31 998 53 11 Fax: +41 31 998 53 53 Email: DCDC@delta-es.tw Asia & the rest of world: Telephone: +886 3 4526107 x6220 Fax: +886 3 4513485 Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon request from Delta. Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice. DS_DNS04SMD6A_10202006 17


▲Up To Search▲   

 
Price & Availability of DNS04S0A0S06PFA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X