Part Number Hot Search : 
MC10H109 MC10H109 13T2AJ 2U025 13T2AJ 1010820 63N03NX LH28F
Product Description
Full Text Search
 

To Download DMN2112SN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DMN2112SN
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
NEW PRODUCT
Features
* * * * * * Low On-Resistance Ideal for Notebook Computer, Portable Phone, PCMCIA Cards, and Battery Powered Circuits Lead Free By Design/RoHS Compliant (Note 2) Qualified to AEC-Q101 Standards for High Reliability ESD Protected Gate "Green" Device (Note 3)
A D
SC-59 Dim
B C
Min 0.30 1.40 2.50 0.85 0.30 1.70 2.70 1.00 0.55 0.10 0
Max 0.50 1.80 3.00 1.05 0.70 2.10 3.10 0.10 1.40 0.70 0.35 8
A B C D E G
L
G TOP VIEW S E D G H
Mechanical Data
* * * * * * * Case: SC-59 Case Material - Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish Matte Tin annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking Information: See Page 3 Ordering & Date Code Information: See Page 3 Weight: 0.008 grams (approximate)
J
Drain
K
M
H J K L
Gate
M
Gate Protection Diode
Source
*
EQUIVALENT CIRCUIT
ESD Protected
All Dimensions in mm
Maximum Ratings
Drain-Source Voltage Gate-Source Voltage Drain Current
@TA = 25C unless otherwise specified Symbol VDSS VGSS ID Pd RJA Tj, TSTG Value 20 8 1.2 4.0 500 250 -55 to +150 Units V V A mW C /W C
Characteristic Continuous Continuous Pulsed
Total Power Dissipation Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 1) Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage ON CHARACTERISTICS (Note 1) Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transfer Admittance Diode Forward Voltage DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING CHARACTERISTICS Turn-On Delay Time Turn-Off Delay Time Turn-On Rise Time Turn-Off Fall Time
Notes:
@TA = 25C unless otherwise specified Symbol BVDSS @ Tj = 25C IDSS IGSS VGS(th) RDS (ON) IYfsI VSD Ciss Coss Crss tD(ON) tD(OFF) tr tf Min 20 0.5 Typ 4.2 0.8 220 120 45 10 75 15 65 Max 10 10 1.2 0.10 0.14 0.25 1.1 Unit V A A V S V pF pF pF ns ns ns ns Test Condition VGS = 0V, ID = 250A VDS = 20V, VGS = 0V VGS = 8V, VDS = 0V VDS = 10V, ID = 1.0mA VGS = 4.5V, ID = 0.5A VGS = 2.5V, ID = 0.5A VGS = 1.5V, ID = 0.1A VDS = 10V, ID =0.5A VGS = 0V, IS = 1A VDS = 10V, VGS = 0V f = 1.0MHz
VDD = 5V, ID = 0.5A, VGS = 10V, RGEN = 50
1. Pulse width 300s, duty cycle 2%. 2. No purposefully added lead. 3. Diodes Inc.'s "Green" Policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
DS30830 Rev. 3 - 2
1 of 3 www.diodes.com
DMN2112SN
(c) Diodes Incorporated
NEW PRODUCT
DS30830 Rev. 3 - 2
2 of 3 www.diodes.com
DMN2112SN
(c) Diodes Incorporated
NEW PRODUCT Ordering Information (Note 4)
Device DMN2112SN-7
Notes:
Packaging SC-59
Shipping 3000/Tape & Reel
4. For packaging details, please go to our website at http://www.diodes.com/ap02007.pdf.
Marking Information
NS1
NS1 = Product Type Marking Code YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code
2006 T Jan 1 Feb 2
2007 U Mar 3 Apr 4
2008 V May 5 Jun 6
YM
2009 W Jul 7
2010 X Aug 8 Sep 9
2011 Y Oct O Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30830 Rev. 3 - 2
3 of 3 www.diodes.com
DMN2112SN
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DMN2112SN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X