Part Number Hot Search : 
BD601 2SA1369 16360 DM204 TC07COA SSG9975 DG2721 LS655
Product Description
Full Text Search
 

To Download DMN2004K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: DMN2004K
Lead-free Green
DMN2004K
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR Features
ADVANCED INFORMATION NEW PRODUCT
* * * * * * * * *
Low On-Resistance: RDS(ON) Low Gate Threshold Voltage Low Input Capacitance Fast Switching Speed Low Input/Output Leakage Lead Free By Design/RoHS Compliant (Note 2) ESD Protected up to 2KV "Green" Device (Note 4) Qualified to AEC-Q101 standards for High Reliability
J E G TOP VIEW S D G H K L B C D A
SOT-23 Dim A B C D E
M
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
G H J K
Mechanical Data
* * * * * * * *
Case: SOT-23 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020C Terminals: Finish 3/4 Matte Tin annealed over Alloy 42 leadframe. Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: See Last Page Ordering & Date Code Information: See Last Page Weight: 0.008 grams (approximate)
Gate Protection Diode Source Gate Drain
L M a
All Dimensions in mm
ESD protected up to 2KV
EQUIVALENT CIRCUIT
Maximum Ratings
Drain-Source Voltage Gate-Source Voltage Drain Current (Note 1) Pulsed Drain Current (Note 3)
@ TA = 25C unless otherwise specified Characteristic Symbol VDSS VGSS Steady State TA = 25C TA = 85C ID IDM Pd RqJA Tj, TSTG Value 20 8 540 390 1.5 350 357 -65 to +150 Units V V mA A mW C/W C
Total Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range
Note: 1. 2. 3. 4.
Device mounted on FR-4 PCB. No purposefully added lead. Pulse width 10mS, Duty Cycle 1%. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
DS30938 Rev. 2 - 2
1 of 4 www.diodes.com
DMN2004K
a Diodes Incorporated
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol BVDSS IDSS IGSS VGS(th) RDS (ON) |Yfs| VSD Ciss Coss Crss Min 20 3/4 3/4 0.5 3/4 200 0.5 3/4 3/4 3/4 Typ 3/4 3/4 3/4 3/4 0.4 0.5 0.7 3/4 3/4 3/4 3/4 3/4 Max 3/4 1 1 1.0 0.55 0.70 0.9 3/4 1.4 150 25 20 Unit V mA mA V W ms V pF pF pF VDS = 16V, VGS = 0V f = 1.0MHz Test Condition VGS = 0V, ID = 10mA VDS = 16V, VGS = 0V VGS = 4.5V, VDS = 0V VDS = VGS, ID = 250mA VGS = 4.5V, ID = 540mA VGS = 2.5V, ID = 500mA VGS = 1.8V, ID = 350mA VDS =10V, ID = 0.2A VGS = 0V, IS = 115mA
NEW PRODUCT
Characteristic OFF CHARACTERISTICS (Note 5) Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Source Leakage ON CHARACTERISTICS (Note 5) Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transfer Admittance Diode Forward Voltage (Note 5) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance
Notes:
5. Short duration test pulse used to minimize self-heating effect.
0.9
VGS = 2.2V VGS = 2.0V
1000 900 800
VDS = 10V Pulsed
ID, DRAIN CURRENT (A)
VGS = 1.8V
ID, DRAIN CURRENT (mA)
700 600 500 400 300 200 100 0 0.4 0.8 1.2
TA = 150 C
0.6
VGS = 1.6V
0.3
VGS = 1.4V
TA = 85 C
TA = 25 C TA = -55 C
VGS = 1.2V
0 0 1 2 3 4 5
1.6
2
VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 1 Typical Output Characteristics
VGS, GATE-SOURCE VOLTAGE (V) Fig. 2 Reverse Drain Current vs. Source-Drain Voltage
1
1
VDS = 10V ID = 1mA Pulsed
VGS(th), GATE THRESHOLD VOLTAGE (V)
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2
VGS = 10V Pulsed
TA = 125 C TA = 150 C
TA = 85 C
TA = -55 C
0.1 0 -75
TA = 25 C
TA = 0 C
TA = -25 C
0.1
-50 -25 0 25 50 75 100 125 150
0.2
0.4
0.6
0.8
1.0
Tch, CHANNEL TEMPERATURE (C) Fig. 3 Gate Threshold Voltage vs. Channel Temperature
ID, DRAIN CURRENT (A) Fig. 4 Static Drain-Source On-Resistance Vs. Drain Current
DS30938 Rev. 2 - 2
2 of 4 www.diodes.com
DMN2004K
1
1.0
VGS = 5V Pulsed
TA = 25C
NEW PRODUCT
0.9 0.8
TA = 150 C
TA = 125 C
TA = 85 C
0.7 0.6 0.5 0.4 0.3
ID = 540mA
TA = -55 C TA = 25 C TA = 0 C TA = -25 C
0.2 0.1 0
0.1 0.2 0.4 0.6 0.8 1.0
0
ID, DRAIN CURRENT (A) Fig. 5 Static Drain-Source On-Resistance vs. Drain Current
2
4
6
VGS, GATE-SOURCE VOLTAGE (V) Fig. 6 Static Drain-Source, On-Resistance vs. Gate-Source Voltage
0.5
1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0 0.2 0.4 0.6 0.8 1 1.2
VGS = 4.5V Tj = 25C
0.4
VGS = 1.8V
VGS = 4.5V, ID = 540mA
0.3
0.2
VGS = 2.5V
VGS = 10V, ID = 280mA
0.1
0 -50
-25
0
25
50
75
100
125 150
ID, DRAIN CURRENT (A) Fig. 7 On-Resistance vs. Drain Current and Gate Voltage
Tj, JUNCTION TEMPERATURE ( C) Fig. 8 Static Drain-Source, On-Resistance vs. Temperature
1
VGS = 0V
10000
IDSS, DRAIN-SOURCE LEAKAGE CURRENT (nA)
1000
Tj = 150C
IDR, REVERSE DRAIN CURRENT (A)
TA = 150 C
0.1
TA = 125 C TA = 85 C TA = 25 C
100
Tj = 100C
10
0.01
TA = 0 C TA = -25 C TA = -55 C
1
0.1 2 4 6 8 10 12 14 16 18 20 VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 9 Drain Source Leakage Current vs. Voltage
0.001 0 0.5 VSD, DRAIN-SOURCE VOLTAGE (V) Fig. 10 Reverse Drain Current vs. Source-Drain Voltage 1
DS30938 Rev. 2 - 2
3 of 4 www.diodes.com
DMN2004K
|Yfs|, FORWARD TRANSFER ADMITTANCE (S)
1
VGS = 10V TA = -55 C
120
f = 1MHz VGS = 0V
NEW PRODUCT
100
Ciss
C, CAPACITANCE (pF)
TA = 25 C
80
0.1
TA = 85 C
60
TA = 150 C
40
Coss
20
0.01 1 10 100 1000
Crss
0 0 2 4 6 8 10 12 14 16 18 20
ID, DRAIN CURRENT (mA) Fig. 11 Forward Transfer Admittance vs. Drain Current
VDS, DRAIN SOURCE VOLTAGE (V) Fig. 12 Capacitance Variation
Ordering Information
Device DMN2004K-7
Notes:
(Note 6) Packaging SOT-23 Shipping 3000/Tape & Reel
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
NAB
NAB = Product Type Marking Code YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code Jan 1 Feb 2 2006 T Mar 3 Apr 4 May 5 2007 U Jun 6 Jul 7 2008 V Aug 8 Sep 9 Oct O 2009 W Nov N Dec D
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30938 Rev. 2 - 2
YM
IMPORTANT NOTICE
4 of 4 www.diodes.com
DMN2004K


▲Up To Search▲   

 
Price & Availability of DMN2004K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X