Part Number Hot Search : 
MIC809JU 01502 01502 GRM316R LF301RW 1H220M HCTL2000 2N7000K
Product Description
Full Text Search
 

To Download DF005M1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DF005M DF01M DF02M DF04M DF06M DF08M DF10M
DF005M - DF10M
1.0A GLASS PASSIVATED BRIDGE RECTIFIERS Features
* * * * * *
Glass Passivated Die Construction Low Forward Voltage Drop, High Current Capability Surge Overload Rating to 50A Peak Designed for Printed Circuit Board Applications UL Listed Under Recognized Component Index, File Number E94661 Lead Free Finish, RoHS Compliant (Date Code 0532+) (Note 3)
H BA
E
DF-M Dim
C
Min 7.40 6.20 0.22 1.27 7.60 3.81 8.13 2.40 5.00 0.46 1.40 2.10
Max 7.90 6.50 0.30 2.03 8.90 4.69 8.51 2.60 5.20 0.58 1.56 2.34
A B C D E G H
Mechanical Data
* * * * * * *
Case: DF-M Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Tin. Solder Plated Leads, Solderable per MIL-STD-202, Method 208 e3 Polarity: As Marked on Case Marking: Type Number, See Page 3 Weight: 0.38 grams (approximate)
J
L K
D G
J K L M N
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TA = 40C Non-Repetitive Peak Forward Surge Current, 8.3 ms single half-sine-wave superimposed on rated load Forward Voltage (per element) @ IF = 1.0 A Peak Reverse Current @ TA = 25C at Rated DC Blocking Voltage (per element) @ TA = 125C I2t Rating for Fusing (t<8.3ms) Typical Total Capacitance per element (Note 1) Typical Thermal Resistance, Junction to Ambient (Note 2) Operating and Storage Temperature Range
Notes:
@ TA = 25C unless otherwise specified
Symbol VRMM VRWM VR VRMS IO IFSM VFM IRM I2 t CT RqJA Tj, TSTG
DF 005M 50 35
DF 01M 100 70
DF 02M 200 140
DF 04M 400 280 1.0 50 1.1 10 500 10.4 25 40 -65 to +150
DF 06M 600 420
DF 08M 800 580
DF 10M 1000 700
Unit V V A A V A A2 s pF C/W C
1. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC. 2. Thermal Resistance, junction to ambient, measured on PC board with 5.02mm (0.03mm thick) land areas. 3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS21201 Rev. 14 - 2
1 of 3 www.diodes.com
DF005M-DF10M
a Diodes Incorporated
I(AV), AVERAGE FORWARD CURRENT (A)
60 Hz Resistive or Inductive load
IF, INSTANTANEOUS FORWARD CURRENT (A)
1.0
10
1.0
0.5
0.1
0 40 60 80 100 120 140
0.01 0.4 0.6 0.8 1.0 1.2 1.4
TA, AMBIENT TEMPERATURE (C) Fig. 1 Output Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typ Forward Characteristics (per element)
IFSM, PEAK FORWARD SURGE CURRENT (A)
60
Single half-sine-Wave
100
40
30
CT, TOTAL CAPACITANCE (pF)
50
Tj = 25C f = 1.0 Mhz Vsig = 50 mV p-p
10
20
10 0 1 10 100
1 1 10 100
NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Forward Surge Current
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance (per element)
100
Tj = 125C
10
1.0
0.1
Tj = 25C
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typ Reverse Characteristics (per element)
DS21201 Rev. 14 - 2
2 of 3 www.diodes.com
DF005M-DF10M
Ordering Information
Device* DFxM DFxM-T
(Note 4) Packaging DF-M DF-M Shipping Tube 1500/Tape & Reel, 13-inch
* x = Device type, e.g. DF005S or DF10S, etc. Notes: 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXXXX YWW
= Manufacturers' code marking XXXXX = Product type marking code, ex: DF10M YWW = Date code marking Y = Last digit of year ex: 2 for 2002 WW = Week code 01 to 52
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS21201 Rev. 14 - 2
3 of 3 www.diodes.com
DF005M-DF10M


▲Up To Search▲   

 
Price & Availability of DF005M1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X