Part Number Hot Search : 
SML4764A C5000 GBU4B 06X0025 FSP2160 AM4TW LZ93N19 15N06
Product Description
Full Text Search
 

To Download DDTC123EE1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DDTC123EE DDTC143EE DDTC114EE DDTC144EE DDTC115EE
DDTC (R1 = R2 SERIES) E
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR Features
* * * * * * * * * * * * *
Epitaxial Planar Die Construction Complementary PNP Types Available (DDTA) Built-In Biasing Resistors, R1 = R2 Lead Free/RoHS Compliant (Note 1)
G H K M TOP VIEW BC A
SOT-523 Dim A B C D G
N
Min 0.15 0.75 1.45 3/4 0.90 1.50 0.00 0.60 0.10 0.10 0.45 0
Max 0.30 0.85 1.75 3/4 1.10 1.70 0.10 0.80 0.30 0.20 0.65 8
Typ 0.22 0.80 1.60 0.50 1.00 1.60 0.05 0.75 0.22 0.12 0.50 3/4
Mechanical Data
Case: SOT-523 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Finish - Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking & Type Code Information: See Table Below and Last Page Ordering Information: See Last Page Weight: 0.002 grams (approximate) P/N DDTC123EE DDTC143EE DDTC114EE DDTC124EE DDTC144EE DDTC115EE R1, R2 (NOM) MARKING 2.2KW 4.7KW 10KW 22KW 47KW 100KW N04 N08 N13 N17 N20 N24
H J K L M N a
J
D
L
OUT 3
C B R1 R2
All Dimensions in mm
IN
E
B
1
3
C OUT
1 IN
2 GND(0)
GND (0)
Schematic and Pin Configuration
Equivalent Inverter Circuit
Maximum Ratings
Supply Voltage (3) to (2) Input Voltage (1) to (2)
@ TA = 25C unless otherwise specified Symbol VCC DDTC123EE DDTC143EE DDTC114EE DDTC124EE DDTC144EE DDTC115EE DDTC123EE DDTC143EE DDTC114EE DDTC124EE DDTC144EE DDTC115EE Value 50 -10 to +12 -10 to +30 -10 to +40 -10 to +40 -10 to +40 -10 to +40 100 100 50 30 100 20 150 833 -55 to +150 Unit V
Characteristic
VIN
2
E
V
Output Current
IO
mA
Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 2) Operating and Storage and Temperature Range
Note:
Pd RqJA Tj, TSTG
mW C/W C
1. No purposefully added lead. 2. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
DS30313 Rev. 8 - 2
1 of 7 www.diodes.com
DDTC (R1 = R2 SERIES) E
a Diodes Incorporated
Electrical Characteristics
Characteristic
@ TA = 25C unless otherwise specified Symbol Vl(off) Min 0.5 Typ 1.1 Max Unit 3/4 V Test Condition VCC = 5V, IO = 100mA VO = 0.3V, IO = 20mA, DDTC123EE VO = 0.3V, IO = 20mA, DDTC143EE VO = 0.3V, IO = 10mA, DDTC114EE VO = 0.3V, IO = 5mA, DDTC124EE VO = 0.3V, IO = 2mA, DDTC144EE VO = 0.3V, IO = 1mA, DDTC115EE IO/Il =10mA/0.5mA, DDTC123EE IO/Il =10mA/0.5mA, DDTC143EE IO/Il =10mA/0.5mA, DDTC114EE IO/Il =10mA/0.5mA, DDTC124EE IO/Il =10mA/0.5mA, DDTC144EE IO/Il =5mA/0.25mA, DDTC115EE
Input Voltage
Vl(on)
3/4
1.9
3
Output Voltage
VO(on)
3/4
0.1
0.3
V
Input Current
DDTC123EE DDTC143EE DDTC114EE DDTC124EE DDTC144EE DDTC115EE DDTC123EE DDTC143EE DDTC114EE DDTC124EE DDTC144EE DDTC115EE
Il
3/4
3/4
3.8 1.8 0.88 0.36 0.18 0.15 0.5
mA
VI = 5V
Output Current
IO(off)
3/4 20 20 30 56 68 82 -30 0.8 3/4
3/4
mA
VCC = 50V, VI = 0V VO = 5V, IO = 20mA VO = 5V, IO = 10mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA 3/4 3/4 VCE = 10V, IE = 5mA, f = 100MHz
DC Current Gain
Gl
3/4
3/4
3/4
Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product* * Transistor - For Reference Only
DR1 R2/R1 fT
3/4 1 250
+30 1.2 3/4
% 3/4 MHz
DS30313 Rev. 8 - 2
2 of 7 www.diodes.com
DDTC (R1 = R2 SERIES) E
Electrical Characteristics
250
@ TA = 25C unless otherwise specified
5
f = 1MHz
Pd, POWER DISSIPATION (mW)
200
150
COB, CAPACITANCE (pF)
4
3
100
2
50
1 0 0
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Derating Curve
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 2 Output Capacitance
Typical Curves - DDTC123EE
VCE = 5V
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
1000
1 IC/IB = 20
hFE, DC CURRENT GAIN
100
150 C
150 C
-55 C 75 C 25 C -25 C
0.1
10
75 C
25 C -25 C
-55 C
0.01 0 10 20 30 40 50
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 Typical DC Current Gain vs. Collector Current 100
IC, COLLECTOR CURRENT (mA) Fig. 4 VCE(SAT) vs. IC
100 VCE = 0.3V
VIN, INPUT VOLTAGE (V)
10
-55 C
1
150 C 75 C 25 C -25 C
0.1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 5 Input Voltage vs. Collector Current
DS30313 Rev. 8 - 2
3 of 7 www.diodes.com
DDTC (R1 = R2 SERIES) E
Typical Curves - DDTC143EE
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
1000 VCE = 5V
150 C
1 IC/IB = 20
hFE, DC CURRENT GAIN
100
150 C
0.1
-25 C
25 C
75 C
10
-55 C
-25 C -55 C
25 C
75 C
1 1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 6 Typical DC Current Gain vs Collector Current
100 VCE = 0.3V
0.01 0 10 20 30 40 IC, COLLECTOR CURRENT (mA) Fig. 7 VCE(SAT) vs. IC 50
Vin, INPUT VOLTAGE (V)
10
-25 C -55 C
1
150 C 75 C
25 C
0.1 0 10 20 30 40 IC, COLLECTOR CURRENT (mA) Fig. 8 Input Voltage vs. Collector Current
50
Typical Curves - DDTC114EE
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
1000 VCE = 5V
150 C
1 IC/IB = 20
hFE, DC CURRENT GAIN
100
150 C
0.1
25 C
75 C
10
-55 C
-25 C
-25 C -55 C
25 C
75 C
1 1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 9 Typical DC Current Gain vs Collector Current
0.01 0 40 20 30 10 IC, COLLECTOR CURRENT (mA) Fig. 10 VCE(SAT) vs. IC 50
DS30313 Rev. 8 - 2
4 of 7 www.diodes.com
DDTC (R1 = R2 SERIES) E
100 VCE = 0.3V
Vin, INPUT VOLTAGE (V)
10
-55 C -25 C
1
150 C 75 C
25 C
0.1 0 10 20 30 40 IC, COLLECTOR CURRENT (mA) Fig. 11 Input Voltage vs. Collector Current
50
Typical Curves - DDTC124EE
VCE = 5V
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
1000
150 C
1 IC/IB = 20
hFE, DC CURRENT GAIN
100
150 C
-55 C
-25 C
25 C
0.1
75 C
10
-55 C
-25 C
25 C
75 C
1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 12 Typical DC Current Gain vs Collector Current
100 VCE = 0.3V
0.01
1
0
40 20 30 10 IC, COLLECTOR CURRENT (mA) Fig. 13 VCE(SAT) vs. IC
50
Vin, INPUT VOLTAGE (V)
10
25 C
-55 C
-25 C
150 C
1
75 C
0.1 0 10 20 30 40 IC, COLLECTOR CURRENT (mA) Fig. 14 Input Voltage vs. Collector Current
50
DS30313 Rev. 8 - 2
5 of 7 www.diodes.com
DDTC (R1 = R2 SERIES) E
Typical Curves - DDTC144EE
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
1000 VCE = 5V
150 C
1 IC/IB = 20
75 C
hFE, DC CURRENT GAIN
-55 C
100
-25 C
25 C
150 C
0.1
10
25 C
-55 C -25 C
75 C
1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 15 Typical DC Current Gain vs Collector Current 1
0.01 0 40 20 30 10 IC, COLLECTOR CURRENT (mA) Fig. 16 VCE(SAT) vs. IC 50
100 VCE = 0.3V
Vin, INPUT VOLTAGE (V)
10
25 C
-55 C
-25 C
150 C
1
75 C
0.1 0 10 20 30 40 IC, COLLECTOR CURRENT (mA) Fig. 16 Input Voltage vs. Collector Current
50
Ordering Information
Device
(Note 3) Packaging SOT-523 SOT-523 SOT-523 SOT-523 SOT-523 SOT-523 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
DDTC123EE-7-F DDTC143EE-7-F DDTC114EE-7-F DDTC124EE-7-F DDTC144EE-7-F DDTC115EE-7-F
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
NXXYM
Date Code Key Year Code Month Code 2002 N Jan 1 2003 P Feb 2 2004 R Mar 3 2005 S Apr 4 2006 T May 5 Jun 6 2007 U Jul 7 2008 V Aug 8 2009 W Sep 9 2010 X Oct O 2011 Y Nov N 2012 Z Dec D NXX = Product Type Marking Code (See Page 1) YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
DS30313 Rev. 8 - 2
6 of 7 www.diodes.com
DDTC (R1 = R2 SERIES) E
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30313 Rev. 8 - 2
7 of 7 www.diodes.com
DDTC (R1 = R2 SERIES) E
a Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTC123EE1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X