Part Number Hot Search : 
BAS32L0 LM2574 PFW5008 KS0040 ZQB50H MD8748H CLLZ39 KBPC5006
Product Description
Full Text Search
 

To Download CRSH1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
CRSH1 SERIES SCHOTTKY BARRIER RECTIFIER 1.0 AMPS, 20 THRU 100 VOLTS JEDEC DO-41 CASE
DESCRIPTION The CENTRAL SEMICONDUCTOR CRSH1 Series types are Schottky Barrier Rectifiers mounted in an axial lead epoxy case using metal to silicon junction to yield low forward voltage drop and instantaneous reverse recovery times. MAXIMUM RATINGS (TA=25C unless otherwise noted) SYMBOL Peak Repetitive Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Forward Current (TL=75C) Peak Forward Surge Current (8.3ms) Junction Temperature StorageTemperature Thermal Resistance VRRM VR VR(RMS) IO IFSM TJ Tstg JA CRSH1 CRSH1 CRSH1 CRSH1 CRSH1 CRSH1 CRSH1 -2 -3 -4 -5 -6 -8 -10 UNITS 20 20 14 30 30 21 40 50 40 50 28 35 1.0 30 -65 to +125 -65 to +125 80 60 60 42 80 80 56 100 100 70 V V V A A C C C/W
ELECTRICAL CHARACTERISTICS (TA=25C unless otherwise noted) SYMBOL IR IR VF VF VF CJ TEST CONDITIONS VR=Rated VRRM VR=Rated VRRM, TA=100C IF=1.0A (20V THRU 40V) IF=1.0A (50V AND 60V) IF=1.0A (80V AND 100V) VF=4.0V, f=1.0MHz MIN TYP MAX 0.5 10 0.5 0.7 0.85 110 UNITS mA mA V V V pF
(SEE REVERSE SIDE) R1
CRSH1 SERIES
SCHOTTKY RECTIFIER
CRSH1 SERIES RATING AND CHARACTERISTIC CURVES
Forward Current Derating Curve 1.2 IO, Average Forward Current (A) 1 0.8 0.6 0.4 0.2 0 0 25 50 75 100 TL, Lead Temperature (C) 125 150 IF, Forward Current (A) 10 Typical Forward Voltage
CRSH1-20,30,40
CRSH1-50,60
1
CRSH1-80,100
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" 9.5mm Lead Lengths
TJ = 25C Pulse Width = 300s 1% Duty Cycle
0.1 0 0.5 1 1.5
VF, Forward Voltage (V)
Mechanical Drawing: DO-41
DIMENSIONS INCHES MILLIMETERS MIN MAX MIN MAX 0.028 0.034 0.71 0.86 0.160 0.205 4.06 5.21 0.080 0.107 2.03 2.72 1.000 25.40 DO-41 (REV: R1)
A
D
B
SYMBOL A B C D
C D
R1


▲Up To Search▲   

 
Price & Availability of CRSH1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X