Part Number Hot Search : 
YBAMU DSK27K27 BCM7412 100000 ER1001AF X1N958U 2SD0639 SR102
Product Description
Full Text Search
 

To Download CMM6004-SC-0G00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0.25-3.0 GHz High Dynamic Range Amplifier
January 2007 - Rev 15-Jan-07
CMM6004-SC Functional Block Diagram
Ground 4
Features
0.25 to 3.0 GHz Frequency Range 41 dBm Output IP3 2.1 dB Noise Figure 14.5 dB Gain 23.5 dBm P1dB SOT-89 SMT Package Single Power Supply +3V to +5V Voltage Rail
1 Input
2
3
Ground Output Bias
Circuit Description
The CMM6004-SC is a high dynamic range amplifier designed for applications operating within the 0.25 to 3.0 GHz frequency range. It is an ideal solution for transmit and receive functions where high linearity is required. The amplifier has the flexibility of being optimized for a number of wireless applications. The combination of low NF and high IP3 at the same bias point make it an ideal transmit or receive solution when used in applications including cellular and PCS (personal communications service) operating from 0.8 to 2.2 GHz; MMDS (multichannel multipoint distribution systems) operating from 2.2 to 2.7 GHz; and WLAN (wireless LAN) operating at 2.4 GHz. The CMM6004-SC is packaged in a low-cost, space efficient, surface mount SOT-89 package which provides excellent electrical stability and low thermal resistance. All devices are 100% RF and DC tested.
Absolute Maximum Ratings
Supply Voltage RF Input Power* Storage Temperature (Tstg) Junction Temperature Operating Temperature Thermal Resistance
+6.0 V +20 dBm -55 C to +125 C 150 C -40 C to +85C 52 C/W
Operation of this device above any of these parameters may cause damage. *Operation with more than 10 dBm of input power may cause 2 dB degradation in OIP3 performance.
Typical Parameters
Parameter Frequency Range Gain Input Return Loss Output Return Loss Output IP3 Output P1dB Noise Figure
Typical 2400 13.6 -15 -12 +41.0 23.0 2.3
Units MHz dB dB dB dBm dBm dB
900 1900 16.5 14.5 -18 -15 -14 -10 +41.5 +41.0 23.8 23.5 1.8 2.2
1. Typical values reflect performance in recommended application circuit.
Electrical Characteristics (T=25C)
Unless otherwise specified, the following specifications are guaranteed at room temperature in a Mimix fixture. Parameter Condition Min Typ Max Units Frequency Range Gain Externally matched Input Return Loss Externally matched Output IP3 Noise Figure Output P1dB Operating Current Range Supply Voltage 0.25 13.5 +38 3.0 14.5 -10 +41 2.1 23 150 5.0 GHz dB dB dBm dB dBm mA V
120
180
Notes: 1. T = 25C, Vdd = 5.0, Frequency = 800 MHz, 50 Ohm system 2. OIP3 measured with two tones at output power of 5 dBm/tone separated by 10 MHz.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 1 of 10
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
0.25-3.0 GHz High Dynamic Range Amplifier
January 2007 - Rev 15-Jan-07
CMM6004-SC
Typical Performance
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 2 of 10
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
0.25-3.0 GHz High Dynamic Range Amplifier
January 2007 - Rev 15-Jan-07
CMM6004-SC
S-Parameters vs Frequency 20
Application Circuit - 900 MHz
Typical Performance (50 Ohm System)
5V Frequency 900 MHz Gain 16.5 dB Input Return Loss -18.0 dB Output Return Loss -14.0 dB OIP3 41.0 dBm Noise Figure 1.8 dB Drain Current Id = 173 mA P1dB 23.8 dBm 3.3V 900 MHz 16.2 dB -19.0 dB -16.0 dB 38.0 dBm 1.8 dB Id = 173 mA 18.5 dBm
10 Magnitude, dB
S21
0
S11
-10
-20
S22
-30 0.1
1.1 Frequency, GHz
2.1
3.0
RF IN
CMM6004-SC SOT-89 T = 80 mil T = 70 mil
C2 T = 500 mil 56 pF
RF OUT
uu uu
L1 12 nH
INPUT MATCHING NETWORK
uu uu
L2 47 nH Vcc 5V
C1 56 pF
Ref Designator C1, C2 L1 L2
Value 56 pF 12 nH 47 nH
Description MCH185A560JK TOKO LL1608-F12NK TOKO LL1608-F47NK
Size 0603 0603 0603
MIMIX
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 3 of 10
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
0.25-3.0 GHz High Dynamic Range Amplifier
January 2007 - Rev 15-Jan-07
CMM6004-SC
Typical Performance Over Voltage
CMM6004-SC Evaluation board @ 900MHz S21 Over Voltage
20 19 18 17 16 15 14 13
CMM6004-SC Evaluation board @ 900MHz S11 Over Voltage
30
20
10
S21 (dB)
11 10 9 8 7 6 5 4 3 2 1 0 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3
4V 3V 2V
S11 (dB)
12
0
4V 3V 2V
-10
-20
-30 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3
Freq (GHz)
Freq (GHz) CCMM6004-SC Evaluation board @ 900MHz P1dB Over Voltage
26
CMM6004-SC Evaluation board @ 900MHz S22 Over Voltage
20
15
24
10
5
22
0 4V 3V 2V
Power (dBm)
S22 (dB)
20
-5
-10
18
-15
16
-20
14
-25
-30 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3
12 1.5 2 2.5 3 3.5 4 4.5 5 5.5
Freq (GHz)
Voltage (V) CCMM6004-SC Evaluation board @ 900MHz OIP3 Over Voltage
50.0 48.0 46.0 44.0 42.0 40.0
OIP3 (dBm)
38.0 36.0 34.0 32.0 30.0 28.0 26.0 24.0 22.0 20.0 1.5 2 2.5 3 3.5 4 4.5 5 5.5
Voltage (V)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 4 of 10
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
0.25-3.0 GHz High Dynamic Range Amplifier
January 2007 - Rev 15-Jan-07
CMM6004-SC
Distribution Charts @ 3.3V
Idss @ 3.3V Gain @ 3.3V
P1dB @ 3.3V
OIP3 @ 3.3V
Note: Sample size is 250 samples taken from 3 different wafer lots.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 5 of 10
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
0.25-3.0 GHz High Dynamic Range Amplifier
January 2007 - Rev 15-Jan-07
CMM6004-SC
S-Parameters vs Frequency 20 S21 10 Magnitude, dB
Application Circuit - 1900 MHz
Typical Performance (50 Ohm System) Frequency Gain Input Return Loss Output Return Loss OIP3 Noise Figure Bias P1dB 1900 MHz 14.5 dB -15 dB -10 dB 41.0 dBm 2.2 dB Vds = 5V, Id = 174 mA 23.5 dBm
0 S11 -10 S22 -20
-30
0
0.5
1.0
1.5 Frequency, GHz
2.0
2.5
3.0
RF IN
T = 80 mil
T = 80 mil
T = 70 mil
CMM6004-SC SOT-89
T = 70 mil
T = 500 mil C3 56 pF
RF OUT
uu uu
uu uu
L1 2.7 nH
L2 6.8 nH
uu uu
C1 2.2 pF
L3 47 nH
INPUT MATCHING NETWORK
C2 56 pF
Vcc 5V
Ref Designator C1 C2, C3 L1 L2 L3
Value 2.2 pF 56 pF 2.7 nH 6.8 nH 47 nH
Description KOA 2.2pF 50V CER CAP 0603 NPO .25pF MCH185A560JK TOKO LL1608-F2N7S TOKO LL1608-F6N8K TOKO LL1608-F47NK
Size 0603 0603 0603 0603 0603
MIMIX
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 6 of 10
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
0.25-3.0 GHz High Dynamic Range Amplifier
January 2007 - Rev 15-Jan-07
CMM6004-SC
S-Parameters vs Frequency 20 S21
Application Circuit - 2400 MHz
Typical Performance (50 Ohm System) Frequency Gain Input Return Loss Output Return Loss OIP3 Noise Figure Bias P1dB 2400 MHz 13.6 dB -15 dB -12 dB 41.0 dBm 2.3 dB Vds = 5V, Id = 175 mA 23.0 dBm
10 Magnitude, dB
0
S11
-10 S22 -20
-30
0
0.5
1.0
1.5 Frequency, GHz
2.0
2.5
3.0
RF IN
T = 80 mil
T = 80 mil
T = 70 mil
CMM6004-SC SOT-89
T = 70 mil
T = 500 mil C3 56 pF
RF OUT
uu uu
uu uu
L1 2.2 nH
L2 6.8 nH
uu uu
C1 1.2 pF
L3 47 nH
INPUT MATCHING NETWORK
C2 56 pF
Vcc 5V
Ref Designator C1 C2, C3 L1 L2 L3
Value 1.2 pF 56 pF 2.2 nH 6.8 nH 47 nH
Description PHYC 1.2pF 50V CER CAP 0603 NPO .25pF MCH185A560JK TOKO LL1608-F2N2S TOKO LL1608-F6N8K TOKO LL1608-F47NK
Size 0603 0603 0603 0603 0603
MIMIX
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 7 of 10
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
0.25-3.0 GHz High Dynamic Range Amplifier
January 2007 - Rev 15-Jan-07
CMM6004-SC
Typical Scattering Parameters
(Vds = +5V, Ids = 150 mA, T = 22C, unmatched device in a 50 ohm system)
Frequency (MHz) S11 S21 S12 S22
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
300 400 500 600 700 800 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 2900 3000
0.337 0.349 0.363 0.379 0.396 0.413 0.430 0.447 0.467 0.475 0.490 0.502 0.513 0.524 0.534 0.543 0.551 0.559 0.565 0.571 0.577 0.582 0.588 0.539 0.597 0.600 0.605 0.608
-47.270 -58.240 -68.990 -79.290 -89.000 -98.120 -106.700 -114.700 -122.400 -129.600 -136.500 -143.100 -149.400 -155.500 -161.400 -167.100 -172.60 -178.000 176.800 171.500 166.400 161.400 156.500 151.600 146.800 142.000 137.200 132.500
7.379 7.259 7.127 6.986 6.829 6.666 6.502 6.330 6.162 5.991 5.820 5.655 5.494 5.339 5.189 5.045 4.906 4.775 4.647 4.523 4.402 4.289 4.183 4.081 3.983 3.886 3.795 3.706
157.500 151.400 145.300 139.300 133.300 127.400 121.600 115.900 110.300 104.900 99.610 94.400 89.350 84.370 79.490 74.690 69.960 65.320 60.730 56.180 51.720 47.320 42.960 38.610 34.330 30.050 25.810 21.620
0.066 0.066 0.066 0.066 0.065 0.065 0.065 0.065 0.065 0.065 0.065 0.065 0.064 0.064 0.064 0.064 0.064 0.064 0.064 0.064 0.064 0.064 0.064 0.065 0.065 0.065 0.065 0.065
-3.397 -6.123 -8.429 -10.740 -12.900 -14.990 -16.990 -18.970 -20.840 -22.900 -24.660 -26.510 -28.490 -30.130 -32.120 -34.010 -35.800 -37.620 -39.550 -41.370 -43.200 -45.090 -46.900 -48.790 -50.760 -52.670 -54.540 -56.660
0.067 0.064 0.062 0.060 0.059 0.057 0.055 0.053 0.052 0.049 0.047 0.046 0.044 0.042 0.041 0.040 0.039 0.038 0.037 0.037 0.036 0.035 0.036 0.035 0.035 0.036 0.037 0.038
-164.10 -173.50 -179.70 -173.90 -169.10 -165.00 -161.60 -158.60 -155.50 -152.50 -150.10 -147.00 -144.30 -141.50 -138.80 -136.00 -133.00 -130.00 -127.20 -124.10 -119.80 -116.00 -111.50 -106.20 -101.30 -95.96 -90.92 -85.54
S-Parameter Data Files are available online at www.mimixbroadband.com.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 8 of 10
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
0.25-3.0 GHz High Dynamic Range Amplifier
January 2007 - Rev 15-Jan-07
CMM6004-SC
Physical Dimensions
4.50 [0.177] 1.73 [0.068]
4
1.55 [0.061] 0.71 [0.028] 0.38 [0.015] 1.70 [0.067]
3.48 [0.137] 0.41 [0.016] 2.50 2.06 [0.096] [0.081] 0.99 [0.039] 0.58 [0.023] 1.50 [0.059] 3.00 [0.118] 0.38 [0.015] 0.76 [0.030]
DIMENSIONS IN MILLIMETERS [INCHES]
4.41 [0.163]
5.33 [0.210]
1
2
3
1.27 [0.050] 0.86 [0.034]
0.46 [0.18] 3X
0.64 [0.025] 3.86 [0.152]
Example:
`XXXX' = Part Number (4 chars max)
`C' = Country of Origin (1 char)
XXXXP aaaaaaa CYYWW
`P' = Plating Option (1 char) `aaaaaaa' = Lot-Wafer Number (7 chars max)
6004G 5010 P0701
`YYWW' = Date Stamp (year-year-week-week)
Base Part #: Lot-Wafer #: Plating Option: Date Code: Country of Origin:
6004 5010 G (matte tin) 2007, week 1 Philippines
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 9 of 10
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
0.25-3.0 GHz High Dynamic Range Amplifier
January 2007 - Rev 15-Jan-07
CMM6004-SC
Handling and Assembly Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human
body and the environment. For safety, observe the following procedures: Do not ingest. Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed. Observe government laws and company regulations when discarding this product. This product must be discarded in accordance with methods specified by applicable hazardous waste procedures.
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support devices or systems without the express written approval of the President and General Counsel of Mimix Broadband. As used herein: (1) Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. (2) A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. Package Attachment - This packaged product from Mimix Broadband is provided as a rugged surface mount package
compatible with high volume solder installation. Care should be taken not to apply heavy pressure to the top or base material to avoid package damage. Vacuum tools or other suitable pick and place equipment may be used to pick and place this part. Care should be taken to ensure that there are no voids or gaps in the solder connection so that good RF, DC and ground connections are maintained. Voids or gaps can eventually lead not only to RF performance degradation, but reduced reliability and life of the product due to thermal stress.
Mimix Lead-Free RoHS Compliant Program - Mimix has an active program in place to meet customer and governmental
requirements for eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix RoHS compliant components are form, fit and functional replacements for their non-RoHS equivalents. Lead plating of our RoHS compliant parts is 100% matt tin (Sn) over copper alloy and is backwards compatible with current standard SnPb low-temperature reflow processes as well as higher temperature (260C reflow) "Pb Free" processes.
Ordering Information
The CMM6004-SC is available in a surface-mount SOT-89 package and devices are available in tape and reel. Description Part Number for Ordering CMM6004-SC-0G00 Matte Tin finished RoHS compliant SOT-89 surface-mount power package in bulk quantity CMM6004-SC-0G0T Matte Tin finished RoHS compliant SOT-89 surface-mount power package in tape and reel PB-CMM6004-SC-00A0 Evaluation Board with SMA connectors for CMM6004-SC matched at 900 MHz PB-CMM6004-SC-00B0 Evaluation Board with SMA connectors for CMM6004-SC matched at 1900 MHz PB-CMM6004-SC-00C0 Evaluation Board with SMA connectors for CMM6004-SC matched at 2400 MHz We also offer the plastic package with SnPb (Tin-Lead) or NiPdAu plating. Please contact your regional sales manager for more information regarding different plating types.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 10 of 10
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.


▲Up To Search▲   

 
Price & Availability of CMM6004-SC-0G00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X