Part Number Hot Search : 
C1005CH1 IRF3205 5B050 EP2600TS 374543 ADC316 ELM406 2SC3995
Product Description
Full Text Search
 

To Download CFA0101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose GaAs FETs
July 2006 - Rev 31-Jul-06
Features
High Gain 19 dBm Power Output Ion Implanted Material 70 Mil Hermetic Package
CFA0101
Applications
Satellites Point-to-Point Radios Commercial Communications Defense Electronics
General Description
The CFA0101-G series is a family of high-gain FETs ideally suited for high performance gain block applications. This family of devices is assembled in an industry standard 70 mil hermetic package. This family of high reliability devices is ideally suited for operation-critical applications where reliability and performance are required.
Typical Noise Parameters
(Vds=6V, Ids=40 mA)
Freq (GHz) 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 NFopt 0.94 1.18 1.46 1.82 2.35 2.87 3.29 3.70 4.00 GA Gamma Opt (dB) Mag Ang 21.5 0.81 39 17.6 0.66 78 15.3 0.56 115 13.7 0.51 151 12.5 0.48 -175 11.6 0.48 -140 10.9 0.50 -105 10.3 0.51 -69 9.9 0.53 -32 Rn/50 1.57 0.67 0.19 0.04 0.14 0.42 0.78 1.16 1.46 Frequency (GHz) 12.0 12.0 2.0 10.0 18.0 12.0
Absolute Maximum Ratings
Drain-Source Voltage (Vds) Gate-Source Voltage (Vgs) Drain Current (Ids) Continuous Dissipation (Pt) RF Power In (Pin) Channel Temperature (Tch) Storage Temperature (Tstg)
8V -5 V Idss 800 mW +17 dBm 175 C -65 C to +175 C
Electrical Characteristics (Ambient Temperature T = 25 oC)
Bias Parameter P1dB GL IS2112 NFopt gm Idss Vp BVgd Rth Vds (V) 6.0 6.0 6.0 6.0 Vds = 3.0V Vds = 3.0V Vds = 3.0V Igd = 100 uA Ids (mA) 40.0 40.0 40.0 40.0 Vgs = 0V Vgs = 0V Ids = 1 mA Units dBm dB dB dB dB dB mS mA Volts Volts C/W Grade G1 G2 G3 G1 G2 G3 Min 19.0 18.0 17.0 9.0 9.0 8.0 Typ 19.5 18.5 17.5 9.5 9.5 8.5 14.0 8.7 5.1 2.8 60.0 60.0 -1.3 -8.0 250 Max -
40.0 -0.7 -5.5
120.0 -2.5
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 1 of 2
Characteristic Data and Specifications are subject to change without notice. (c)2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
General Purpose GaAs FETs
July 2006 - Rev 31-Jul-06
Typical Performance (TA = 25C)
CFA0101
Typical Scattering Parameters (TA = 25C,Vds = 3V, Ids = 15mA)
Frequency S11 (GHz) (Mag) (Ang) 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 0.95 0.84 0.75 0.63 0.61 0.59 0.60 0.61 0.57 -37 -80 -114 -157 165 135 94 71 41 S21 (dB) (Mag) (Ang) 14.0 11.9 10.4 9.9 8.7 8.0 7.1 5.9 5.1 5.01 3.94 3.31 3.13 2.72 2.51 2.26 1.97 1.80 145 106 75 44 12 -16 -48 -79 -111 S12 (dB) (Mag) (Ang) -32.4 -27.4 -25.6 -24.7 -24.2 -23.4 -22.1 -21.4 -21.7 0.02 0.04 0.05 0.06 0.06 0.07 0.08 0.09 0.08 59 40 26 12 -3 -4 -20 -38 -60 S22 MSG (Mag) (Ang) (dB) 0.55 0.58 0.58 0.51 0.41 0.50 0.49 0.62 0.68 -17 -45 -64 -76 -113 -138 -167 157 139 23.2 19.7 18.0 17.3 16.5 15.7 14.6 13.7 13.4
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 2 of 2
Characteristic Data and Specifications are subject to change without notice. (c)2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.


▲Up To Search▲   

 
Price & Availability of CFA0101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X