Part Number Hot Search : 
LVA82A ES18C03 WD9914 AVXXX 2907A 7D0N65P MMAD1103 ISL28474
Product Description
Full Text Search
 

To Download BCW61 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCW61 Series
New Product
Vishay Semiconductors
formerly General Semiconductor
Small Signal Transistors (PNP)
TO-236AB (SOT-23)
.122 (3.1) .110 (2.8) .016 (0.4) 3
Top View
Mounting Pad Layout
.056 (1.43) .052 (1.33)
Pin Configuration
1. Base 2. Emitter 3. Collector
0.031 (0.8)
1
2
0.035 (0.9) 0.079 (2.0)
.007 (0.175) .005 (0.125)
.037(0.95) .037(0.95)
max. .004 (0.1)
.045 (1.15) .037 (0.95)
0.037 (0.95)
0.037 (0.95)
.016 (0.4)
.016 (0.4)
.102 (2.6) .094 (2.4)
Dimensions in inches and (millimeters)
Mechanical Data
Case: SOT-23 Plastic Package Weight: approx. 0.008g Marking BCW61A = BA Code: BCW61B = BB BCW61C = BC BCW61D = BD Packaging Codes/Options: E8/10K per 13" reel (8mm tape), 30K/box E9/3K per 7" reel (8mm tape), 30K/box
Ratings at 25C ambient temperature unless otherwise specified.
Features
* PNP Silicon Epitaxial Planar Transistors * Suited for low level, low noise, low frequency applications in hybrid cicuits. * Low Current, Low Voltage. * As complementary types, BCW60 Series NPN transistors are recommended.
Maximum Ratings & Thermal Characteristics
Parameter Collector-Emitter Voltage (VBE = 0) Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Peak Collector Current Base Current (DC) Power Dissipation Maximum Junction Temperature Storage Temperature Range Thermal Resistance, Junction to Ambient Air
Note: (1) Mounted on FR-4 printed-ciruit board.
Symbol -VCES -VCEO -VEBO -I C -ICM -IB Ptot Tj TSTG RJA
Value 32 32 5.0 100 200 50 250 150 -65 to +150 500(1)
Unit V V V mA mA mA mW C C C/W
Document Number 88171 09-May-02
www.vishay.com 1
BCW61 Series
Vishay Semiconductors
formerly General Semiconductor
Electrical Characteristics
DC Current Gain at -VCE = 5 V, -IC = at -VCE = 5 V, -IC = at -VCE = 5 V, -IC = at -VCE = 5 V, -IC = at at at at at at at at -VCE = -VCE = -VCE = -VCE = -VCE = -VCE = -VCE = -VCE = 5 V, 5 V, 5 V, 5 V, 1 V, 1 V, 1 V, 1 V, -IC = -IC = -IC = -IC = -IC = -IC = -IC = -IC = 10 10 10 10 2 2 2 2 A A A A
Ratings at 25C ambient temperature unless otherwise specified.
Symbol BCW61A BCW61B BCW61C BCW61D BCW61A BCW61B BCW61C BCW61D BCW61A BCW61B BCW61C BCW61D hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE -VCEsat -VCEsat -VBEsat -VBEsat -VBE -VBE -VBE -ICES
Min. - 30 40 100 120 180 250 380 60 80 100 110 60 120 600 680 600 - - - - - 100 - - - - - - - - -
TYP. - - - - - - - - - - - - - - - - 650 550 720 - - - - 4.5 11 2 200 260 330 520 85 480
Max. - - - - 220 310 460 630 - - - - 250 550 850 1050 750 - - 20 20 20 - - - 6
Unit - - - - - - - - - - - - mV mV mV mV mV mV mV nA A nA MHz pF pF dB
mA mA mA mA mA mA mA mA
50 50 50 50
Collector-Emitter Saturation Voltage at -IC = 10 mA, -IB = 0.25 mA at -IC = 50 mA, -IB = 1.25 mA Base-Emitter Saturation Voltage at -IC = 10 mA, -IB = 0.25 mA at -IC = 50 mA, -IB = 1.25 mA Base-Emitter Voltage at -VCE = 5 V, -IC = 2 mA at -VCE = 5 V, -IC = 10 A at -VCE = 1 V, -IC = 50 mA Collector-Emiter Cut-off Current at -VCE = 32 V, VEB=0 at -VCE = 32 V, VEB=0, TA = 150C Emitter-Base Cut-off Current at -VEB = 4 V, IC=0 Gain-Bandwidth Product at -VCE = 5 V, -IC = 10 mA, f = 100 MHz Collector-Base Capacitance at -VCB = 10 V, f = 1 MHZ, IE=0 Emitter-Base Capacitance at -VEB = 0.5 V, f = 1 MHZ, IC=0 Noise Figure at -VCE = 5 V, -IC = 200 A, RS = 2 k, f = 100 kHZ, B = 200Hz Small Signal Current Gain at -VCE = 5V, -IC = 2 mA, f = 1.0 kHZ BCW60A BCW60B BCW60C BCW60D
-IEBO fT CCBO CEBO F
hfe
Turn-on Time at RL = 990 (see fig. 1) - VCC = 10V, -Ic = 10mA, -IB(on) = IB(off) = 1mA Turn-off Time at RL = 990 (see fig. 1) - VCC = 10V, -Ic = 10mA, -IB(on) = IB(off) = 1mA
ton toff
150 800
ns ns
www.vishay.com 2
Document Number 88171 09-May-02
BCW61 Series
Vishay Semiconductors
formerly General Semiconductor
Fig. 1 - Switching Waveforms
10% INPUT 90%
t on
t off
10% OUTPUT 90% 10%
td t r ts tf
90%
Document Number 88171 09-May-02
www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of BCW61

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X