Part Number Hot Search : 
BAS70 AD7769AN 2SA1798T GBLA10 MM1285 8B103 2SA1798T P9803
Product Description
Full Text Search
 

To Download BCM5674 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5674
(R)
MULTILAYER 2-PORT 10 GIGABIT ETHERNET AND HiGigTM SWITCH
FEATURES * * * * *
One 10 Gbps IEEE 802.3ae compliant Ethernet port One HiGigTM port configurable for 10 Gbps speed Integrated on-chip 512 KB packet buffer memory Integrated on-chip layer 2/3 tables
SUMMARY OF BENEFITS * Enables system vendors to build scalable high-performance
switches with 10 Gigabit Ethernet support
* Built-in double VLAN tagging enables seamless integration of * * * * *
Supports wire speed switching for all packet sizes, including jumbo frames (up to 9 KB) * Supports eight class of service (CoS) queues * Supports advanced packet flow control: * Head-of-line blocking prevention * Full-duplex flow control (IEEE 802.3x compatible) * ContentAwareTM network processing per port: * Line rate deep packet classification * Supports IEEE 802.1p, ToS/DiffServ, rate limiting, policing, priority tagging, and re-mapping * Provides hardware support for IP multicast and IP multicast replication * Support for double VLAN tagging with loopback feature
enterprise networks and service provider networks. Provides hardware support for a number of multicast applications, such as video and audio conferencing, web training Multiple classes of service (CoS) enable the switch to prioritize latency-sensitive applications, such as VoIP and video applications Built-in 10 Gigabit Ethernet/XAUI SerDes, in addition to integrated data and address memory, reduces overall system cost and design complexity Broadcom Switch API compatibility enables software reuse and faster time to market Small package and low-power enables cost effective and high performance system design
TARGET APPLICATIONS * High performance 10 Gigabit Ethernet multilayer switching
applications targeting the following types of systems: * Stand-alone systems * Stackable systems * Modular chassis systems * High-end server blades
* * * *
Support for 128 StrataXGSTM devices using module remapping Supports port mirroring across the stack Feature parity with BCM5695 multilayer switch Low power ~4 W
10 Gbps Ethernet
XPIC FFP
PCI Functional Design of BCM5675-Based 48-Port GE Switch With 66 MHz GE Ports and Stacking 2 I2C x 10
ARL MMU CMIC
CPU Bus
IPIC
10 Gbps HiGigTM
OVERVIEW
Functional Design of 48-Port Gigabit Ethernet Switch Based on BCM5674 with 2x10 GbE Ports and Stacking
2x 10 GbE
2x HiGigTM SDRAM BCM5675 PCI FLASH
BCM8703
BCM5674
CPU
BCM5695 BCM5464
BCM5695 BCM5464
BCM5695 BCM5464
BCM5695 BCM5464
12x GbE
12x GbE
12x GbE
12x GbE
The BCM5674 10-Gigabit Ethernet switch is a scalable, multilayer switch-on-chip member of the StrataXGS family. The BCM5674 is a dual-port switch, which supports a 10 Gigabit Ethernet (IEEE 802.3ae) port and a HiGigTM uplink port. The 10 Gigabit Ethernet port can be used to interface to the XENPAK module via the XAUI interface. The HiGig uplink expansion port supports explicit priority and mirroring functions across the stack. The HiGig port can be used to interconnect up to 128 switching devices, which enables high port density switching applications. The BCM5674 supports VLAN double tagging that is compatible with other StrataXGSTM devices. The switch can also be used in loopback mode enabling VLAN double tagging support for the Gigabit Ethernet ports on the BCM5695.
The built-in Fast Filter Processor (FF) provides ContentAwareTM network processing. The FFP supports functions such as ToS/DiffServ mapping, rate limiting, policing, priority tagging, and metering functions. The enhanced packet classification feature of the FFP enables cutting-edge applications such as VoIP and firewalls. The BCM5674 provides hardware support for IP multicast as well as IP multicast replication. This enables a number of multicast applications, such as Web training and audio/video conferencing. The BCM5674 supports advanced packet flow control, such as head-ofline blocking prevention and IEEE 802.3x compatible full-duplex control. For additional information on the BCM5674, please contact your local sales representative.
Broadcom(R), the pulse logo, HiGigTM, StrataXGSTM, ContentAwareTM and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2004 by BROADCOM CORPORATION. All rights reserved. 5674-PB00-R 03/29/04
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5674

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X