Part Number Hot Search : 
EL6270C 8TRPB MKT368 MIC2297 255L050 N4800LS MAX322 MSP34X1G
Product Description
Full Text Search
 

To Download BCM56304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM56304
(R)
24-PORT GbE MULTILAYER SWITCH WITH FOUR 10-GbE/ HiGig+TM PORTS
FEATURES * 24 10/100/1000 Mbps Ethernet ports supporting both copper
and fiber connections * Fifth generation of StrataSwitch(R) and StrataXGS(R) product line * High-density value Gigabit Ethernet (GbE) product line, pincompatible to feature GbE BCM56504 * Four 12-Gbps or 10-Gbps HiGig+TM port uplink interfaces
SUMMARY OF BENEFITS * Highly-scalable architecture evolved from five generations of * * * * * *
switching experience provides rich features, scalability, and future-proof solutions. Optimized for secure switching and convergence o f applications and services in the networks. System vendors can build scalable high-performance, highport density GbE LAN switches in several form factors. Multiple CoS and low latency enable the support of VoIP and other voice, video, and data applications. Built-in high-speed serial interfaces with Broadcom-unique SerDes technology eases and accelerates system design, while reducing cost and conserving board space. Broadcom switch API compatibility enables software reuse and faster time-to-market. Small package and low power enables cost-effective and highperformance system design.
* * * * *
Four 10-GbE switching ports, CX4 support Line-rate switching for all packet sizes and conditions On-chip data packet memory and table memory IPv6 routing and tunneling
Advanced Fast Filter Processor (FFP) ContentAwareTM classification * Advanced security features in hardware * Port trunking and mirroring supported across stack
* Advanced packet flow control:
* Head-of-line blocking prevention * Back pressure support * Eight QoS queues per port with hierarchical minimum/ maximum shaping per Classes of Service (CoS) per queue per port * Standard compliant 802.1ad provider bridging
24-Port Gigabit Ethernet Multilayer Switch
HiGig+/10 GbE
HiGig+/10 GbE
HiGig+/10 GbE
HiGig+/10 GbE
L2/IPv4/IPv6
Packet Buffer MMU
ContentAware FFP
Security
PCI
10/100/1000 MACs
24 x GbE
OVERVIEW
BCM56304
BCM56304
BCM5836P
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
48 10/100/1000 + Two 10-GbE + HiGig + Stackable
The BCM56304 is the fifth generation of the highly-integrated and costeffective Broadcom StrataSwitch and StrataXGS product line in a singlechip solution with 24 GbE ports and four 10-GbE/HiGig+ uplink ports. The BCM56304 is a member of the value GbE product line, with a corresponding pin-compatible member in the feature GbE product line-- BCM56504. The BCM56304 incorporates 24 GbE ports that can operate 10/100/1000 Mbps. The uplink ports can operate in two modes: * 10 GbE switching mode * HiGig+ uplink mode The integrated 10-GbE switching ports are CX-4 compliant XAUI interfaces. The HiGig+ uplink interface is used to connect to other StrataXGS devices in a larger stacking system or to the BCM5675/ BCM5676 Switch Fabric via a backplane in a multi-slot redundant chassis system. With high-integration and high-port density, the BCM56304 family is ideal for Enterprise applications in standalone, stackable, and chassis configurations. The BCM56304 configurations are applicable in the edge, aggregation, and core areas of the Enterprise. The BCM56304 is also ideal for embedded switch applications like a Blade Server Switch, ATCA chassis, IPDSLAM, 3G Wireless Base Station, and others. The BCM56304 integrates sophisticated advanced L3 switching features for cost-effective highly-manageable enterprise networks. The BCM56304 performs IPv6 routing and transition services in hardware, allowing IT managers to deploy L3 switches that are future-proof, highly manageable L3 networks, and enable cost-effective transition from IPv4 to IPv6. The ContentAware classification feature of the StrataSwitch and StrataXGS has been further enhanced in the BCM56304 with unmatched flexibility and programability. The ContentAware engine could be used for applications such as policy-based routing, access control list, dynamic adaptation to changes in virus threats, and so on. The BCM56304 has built-in security functions for highly secure Enterprise networks including BroadSAFETM. Utilizing hardware-based identity management and authentication coupled with key management software that directs and manages clients, BroadSAFE Security provides exceptionally strong network security without impacting network performance. The BCM56304 integrates sophisticated metering, statistics, and traffic management features, optimizing the QoS in the Enterprise networks for voice, video, and data convergence. The BCM56304 also provides rate adjustable hardware based sFlow implementation and flexible multiple session remote port mirroring functionality for efficient network management. The BCM56304 switch supports an I2C controller for communicating with external devices such as serial EEPROM, flash PROM memories, and parallel port devices, and also supports a serial interface for the MII management of physical layer devices. The BCM56304 switch interfaces to a host CPU via a 32-bit PCI bus running at up to 66 MHz. Bus mastering and advanced DMA is supported for efficient exchange of packet data between CPU memory and the BCM56304 switch.
Broadcom(R), the pulse logo, HiGig+TM, Connecting everything(R), StrataSwitch(R), StrataXGS(R), and ContentAwareTM, BroadScaleTM, BladeRunnerTM, and BroadSAFETM are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2006 by BROADCOM CORPORATION. All rights reserved. 56304-PB02-R 04/12/06
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM56304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X