Part Number Hot Search : 
EPSA1 WM8950 T3324551 GMA8875C NJU6680 LC74751 PS8601 A7260
Product Description
Full Text Search
 

To Download BC556 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC556, A/B BC557, A/B/C BC558, A/B/C
PNP General Purpose Transistor
2 BASE
COLLECTOR 3
TO-92
1 1 EMITTER 2 3
Maximum Ratings ( TA=25 C unless otherwise noted)
Rating
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Continuous
Symbol
VECO V CBO VEBO lC
BC556 -65 -80 -5
BC557 -45 -50 -5 100
BC558 -30 -30 -5
Unit Vdc Vdc Vdc mAdc
THERMAL CHARACTERISTICS
Characteristics Total Device Dissipation Alumina Substrate, TA = 25 C BC556 BC557 BC558 BC556 BC557 BC558 Symbol PD Max 625 Unit mW/ C
Junction and Storage, Temperature
TJ, Tstg
-55 to +150
C
ELECTRICAL CHARACTERISTICS
Characteristics Symbol Min Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (lC = 2 mAdc. lB =0) Collector-Base Breakdown Voltage (lC = 100 mAdc. lE =0) Emitter-Base Breakdown Voltage (lE = 100 mAdc. lC=0)
BC556 BC557 BC558 BC556 BC557 BC558 BC556 BC557 BC558
V(BR)CEO
-65 -45 -30 -80 -50 -30
Vdc
V(BR)CBO
Vdc
V(BR)EBO
-5
Vdc
WE ITR O N
http://www.weitron.com.tw
1/5
26-Apr-05
BC556, A/B BC557, A/B/C BC558, A/B/C
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics Symbol Min Max Unit
OFF CHARACTERISTICS
Collector Cutoff Current
(VCE=-60V, lB=0) (VCE=-40V, lB=0) (VCE=-25V, lB=0)
BC556 BC557 BC558 BC556 BC557 BC558 BC556 BC557 BC558
lCEO
-0.1
mA
Collector Cutoff Current
(VCB=-70V, lE=0) (VCB=-45V, lE=0) (VCB=-25V, lE=0)
lCBO
-0.1
mA
Emitter Cutoff Current
(VEB =-5.0 Vdc, lC =0)
lEBO
-0.1
mA
ON CHARACTERISTICS
DC current gain
(VCE=-5V, lc=-2mA)
BC556 BC557 BC558 BC556A/BC557A/BC558A BC556B/BC557B/BC558B BC557C/BC558C
120 120 120 120 180 420
500 800 800 220 460 800 -0.3
hFE
Collector-emitter saturation voltage
(lC=-100mA, lB=-5mA)
VCE(sat) VBE(sat)
fT
-
V V MHz
Base-emitter saturation voltage
(lC=-100mA, lB=-5mA)
-
-1
Transition frequency
(VCE=-5V, lC=-10mA, f=100MHz)
150
-
WEITRON
http://www.weitron.com.tw
2/5
26-Apr-05
BC556, A,B,C BC557, A,B,C BC558, A,B,C
WEITRON
http://www.weitron.com.tw
C,CAPACITANCE(pF)
VCE,COLLECTOR-EMITTER VOLTAGE(V)
hFE,NORMALIZED DC CURRENT GAIN
WEITRON
3/5
26-Apr-05
BC556, A/B BC557, A/B/C BC558, A/B/C
WE IT R ON
http://www.weitron.com.tw
WEITRON
4/5
26-Apr-05
BC556, A/B BC557, A/B/C BC558, A/B/C
TO-92 Outline Dimensions
E
unit:mm
C
J K
G
Dim A B C D E G H J K L
H
TO-92
Min Max 3.70 3.30 1.40 1.10 0.55 0.38 0.51 0.36 4.70 4.40 3.43 4.70 4.30 1.270TYP 2.44 2.64 14.10 14.50
B
L
WEITRON
http://www.weitron.com.tw
D
A
5/5
26-Apr-05


▲Up To Search▲   

 
Price & Availability of BC556

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X