Part Number Hot Search : 
74LVT2 AD9632AR UBA2051A SMG3D60D TB0888A TB0888A TP10N60 46225
Product Description
Full Text Search
 

To Download B82496C3569 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMT Inductors, SIMID Series SIMID 0603-C
Size 0603 (EIA) and/or 1608 (IEC) Rated inductance 1,0 to 220 nH Rated current 0,11 to 1,8 A Construction
Copper-plated ceramic core Laser-cut winding, epoxy-coated
B82496-C
Features

Extremely close tolerance of dimensions High resonance frequency Free of polarization effect Close inductance tolerance High mechanical stability Suitable for reflow (IR and vapor phase) and wave soldering
Applications

Resonant circuits, impedance matching for Mobile phones DECT systems Keyless entry GPS (Global Positioning System) Video cameras Terminals
Electro-plated, 2 m Ni, 10 m Sn (lead-free) Base material Al2O3 ceramic with Cu layer
Marking No marking on component Minimum data on reel: Manufacturer, part number, ordering code, L value and tolerance of L value, quantity, date of packing Delivery mode 8-mm cardboard tape, wound on 180-mm reel Bulk case on request For details on taping, packing and packing units refer to data book 2000 "Chokes and Inductors", page 151.
1
05/02
SMT Inductors, SIMID Series SIMID 0603-C
General technical data Rated inductance L R Q factor Qmin, Qtyp
B82496-C
Measured with impedance analyzer HP 4291A and Agilent test fixture 16196 A at frequency fL Measured with impedance analyzer HP 4291A and Agilent test fixture 16196 A Qmin measured at frequency fQ Maximum permissible dc with a temperature increase of 15 K at rated temperature125C Measured with network analyzer HP 8720 Measured at 20 C ambient temperature, measuring current < IR 55/125/56 (- 55C/+ 125C/56 days damp heat test) in accordance with IEC 60068-1 (215 3)C, (3 0,3) s wetting of soldering area: 95 % in accordance with IEC 60068-2-58 260C, 10 s in accordance with IEC 60068-2-58 L/L: 3 % 2 mm (100 mm long standard PCB) Approx. 4 mg
Rated current IR
Self-resonance frequency fres, min DC resistance R max Climatic category Solderability
Resistance to soldering heat Permissible PCB bending Weight
2
05/02
SMT Inductors, SIMID Series SIMID 0603-C
Dimensional drawing
0,80,1
B82496-C
0,30,2 1,60,1
0,30,2 0,80,1
SSB1536-H
Layout recommendation
Layoutempfehlung
a b
c
SSB1356-J
Dimensions (mm) a 0,9 0,1 b 2,3 0,3 c 0,8 0,1
3
05/02
SMT Inductors, SIMID Series SIMID 0603-C
Characteristics and ordering codes LR nH 1,0 1,2 1,5 1,8 2,2 2,7 3,3 3,9 4,7 5,6 6,8 8,2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 Tolerance Qmin f L; f Q Qtyp (at 800 MHz) MHz 60 60 50 50 50 40 40 40 40 40 40 40 40 40 40 40 40 35 35 35 35 35 35 35 30 30 30 25 25 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 25,2 25,2 25,2 25,2 IR A 1,8 1,8 1,5 1,5 1,5 1,4 1,2 1,1 0,8 0,7 0,7 0,65 0,6 0,45 0,42 0,40 0,38 0,36 0,35 0,30 0,27 0,25 0,23 0,22 0,20 0,16 0,13 0,12 0,11 R max fres, min GHz 16 15 13 12 10 10 9 8 7 6 6 6 5 5 4,5 4,0 4,0 3,0 3,0 2,5 2,5 2,5 2,0 2,0 1,8 1,8 1,6 1,4 1,3
B82496-C
Ordering code1)2)
0,02 0,025 0,03 0,033 0,035 0,04 0,06 0,065 0,10 0,15 0,15 0,18 0,20 0,35 0,40 0,45 0,50 0,55 0,60 0,80 0,95 1,2 1,3 1,5 1,8 3,0 5,0 6,0 7,0
0,3 nH ^A
7 8
B82496C3109+ B82496C3129+ B82496C3159+ B82496C3189+ B82496C3229+ B82496C3279+ B82496C3339+ B82496C3399+ B82496C3479+ B82496C3569+ B82496C3689+ B82496C3829+ B82496C3100+ B82496C3120+ B82496C3150+ B82496C3180+ B82496C3220+ B82496C3270+ B82496C3330+ B82496C3390+ B82496C3470+ B82496C3560+ B82496C3680+ B82496C3820+ B82496C3101+ B82496C3121+ B82496C3151+ B82496C3181+ B82496C3221+
0,2 nH 8 ^Z 12
14 14 14
5% ^J
14 14
0,2 nH 14 ^Z 14
14
5% ^J 2% ^G
14 14 14 14 14 14 14 14 14 14 14 14 14 5 5 4 4
Special values available on request.
1) Replace the + by the code letter for the required inductance tolerance (see table). 2) Ordering code for cardboard tape/reel packing. For bulk case append code number 1. Example: B82496C3109A1
4
05/02
SMT Inductors, SIMID Series SIMID 0603-C
Impedance |Z | versus frequency f measured with impedance analyzer HP 4291A/16196A
10 5 | Z | 10
4 SSB1998-W
B82496-C
Inductance L versus dc load current IDC measured with LCR meter HP 4275A
10 6 nH L 10
_7 _
SSB1999-5
220 nH 100 nH
10 3 10 2 10 1 10 0 10 10 10
_1 _2 _3
10
_8
10 nH
220 nH 100 nH 10 nH 1 nH
10
_9
1 nH
10 3
10 4
10 5
kHz 10 6 f
10
_10
10
_2
10
_1
10 0
A 10 1 DC
Q factor versus frequency f measured with impedance analyzer HP 4291A/16196A
100 Q 90 80 70 60 50 40 10 nH 1 nH
SSB2000-Q
Current derating Iop/IR versus ambient temperature TA
1,2
I B op IR R
SSB2001-Y
1,0
0,8
0,6
0,4
30 20 10 220 nH 04 10 10
5
0,2
100 nH
6
10
kHz 10 7 f
0
0
20
40
60
80 100
C 140 TA
5
05/02
SMT Inductors, SIMID Series SIMID 0603-C
B82496-C
Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
6
05/02


▲Up To Search▲   

 
Price & Availability of B82496C3569

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X