Part Number Hot Search : 
ON0738 C6224NL M29F200T CD4765 STK40 V300B28 M27V401 2N5952
Product Description
Full Text Search
 

To Download B57311V2470060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination, Size 0603
Applications
I Temperature measurement and compensation in
B573** V 3**
0,80,15
0,9 max.
Features
I Multilayer SMD NTC with inner electrodes I Ni barrier termination (Ag/Ni/Sn) I High accuracy: 5 % in resistance,
Termination
0,350,15
- mobile phone applications (e.g. battery pack, TCXO, LCD) - data systems - automotive electronics
1,60,15
TNT0396-Y
B value tolerance down to 1,5 % available on request and high-humidity environment
I Excellent long-term ageing stability in high-temperature I Superior resistance stability during soldering (change < 1 %)
Dimensions in mm Approx. weight 6 mg
Options Alternative resistance ratings, resistance tol. < 5 % and B value tol. < 3 % available on request Delivery mode Cardboard tape, 180-mm reel, PU: 4000 pcs (standard); 330-mm reel, PU: 16000 pcs (on request) Climatic category (IEC 60068-1) Max. power at 25 C (on PCB) Resistance tolerance Rated temperature B value tolerance Dissipation factor (on PCB) Thermal cooling time constant (on PCB) Heat capacity R 25 No. of R/T characteristic 8501 8501 8501 8501 8501 8502 8502 8502 8502 8502 B 25/50 K 3470 3470 3470 3470 3470 3940 3940 3940 3940 3940 P251) R N/R N TN B/B th1) c1) Cth1) B25/85 K 3540 3540 3540 3540 3540 3980 3980 3980 3980 3980 55/125/56 180 5 %, 10 % 25 3% approx. 3,0 approx. 4,0 approx. 12,0 B 25/100 K 3550 3550 3550 3550 3550 4000 4000 4000 4000 4000 B57311V2470+060 B57311V2101+060 B57311V2151+060 B57311V2221+060 B57311V2331+060 B57321V2471+060 B57321V2681+060 B57321V2102+060 B57321V2152+060 B57321V2103+060 mW
C
mW/K s mJ/K
Ordering code
47 100 150 220 330 470 680 1,0 k 1,5 k 10 k
1) Depends on mounting situation
50
05/02
Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination, Size 0603
B573** V 3**
R 25
No. of R/T characteristic 8503 8503 8503 8503 8503 8503 8503 8503 8503 8503 8503
B 25/50 K
B25/85 K 4470 4470 4470 4470 4470 4470 4470 4470 4470 4470 4470
B 25/100 K 4500 4500 4500 4500 4500 4500 4500 4500 4500 4500 4500
Ordering code
2,2 k 3,3 k 4,7 k 6,8 k 10 k 15 k 22 k 33 k 47 k 68 k 100 k
4390 4390 4390 4390 4390 4390 4390 4390 4390 4390 4390
B57331V2222+060 B57331V2332+060 B57331V2472+060 B57331V2682+060 B57331V2103+060 B57331V2153+060 B57331V2223+060 B57331V2333+060 B57331V2473+060 B57331V2683+060 B57331V2104+060
+: J for RN/RN = 5 % K for RN/RN = 10 %
51
05/02
Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination, Size 0603
Reliability data
B573** V 3**
SMD NTC thermistors are tested in accordance with IEC 60068. The parts are mounted on a standardized PCB in accordance with IEC 60539-1. Test Storage in dry heat Standard IEC 60068-2-2 JIS C 0021 IEC 60068-2-3 JIS C 0022 IEC 60068-2-14 JIS C 0025 Test conditions Storage at upper category temperature T: (125 2) C t: 1000 h Temperature of air: (40 2) C Relative humidity of air: (93 +2/-3) % Duration: 56 days
R25/R 25 (typical)
<2%
Remarks
Storage in damp heat, steady state
<2%
Rapid temperature cycling Endurance
Lower test temperature: - 55 C < 2 % Upper test temperature: 125 C Number of cycles: 100 Pmax: 180 mW T: (65 2) C t: 1000 h <2%
Solderability
IEC 60068-2-58 JIS C 0054
Solderability: (215 3) C / (3 0,3) s (235 5) C / (2 0,2) s Resistance to soldering heat: (260 5) C / (10 1) s
95 % of terminations wetted
Resistance drift after soldering
Reflow soldering profile Wave soldering profile
<1%
52
05/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B57311V2470060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X