Part Number Hot Search : 
88ALP01 E4000 AX6610 BAT54STB VN808SR 79L15ACD PL14P4BD D1120
Product Description
Full Text Search
 

To Download B37923K5000B3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multilayer Ceramic Capacitors HQF
Ordering code system
Chip
B37923
K
5
100
J
0
60
Packaging 60 ^ cardboard tape, 180-mm reel 70 ^ cardboard tape, 330-mm reel
Decimal place for cap. values < 10 pF, otherwise not used
Capacitance tolerance
CR < 10 pF: B ^ 0,1 pF (standard for capacitance values 3,9 pF) C ^ 0,25 pF (standard for capacitance values 8,2 pF) D ^ 0,5 pF CR 10 pF: F G J K ^ ^ ^ ^ 1% 2% 5 % (standard) 10 %
Capacitance, coded (example)
100 ^ 10 * 100 pF = 10 pF
Rated voltage
Rated voltage [VDC] Code Standard:
50 5
Termination
K ^ nickel barrier for all case sizes
Type and size Chip size (inch / mm) 0402 / 1005 0603 / 1608 Temperature characteristic HQF B37923 B37933
118 10/02
Multilayer Ceramic Capacitors HQF
Features
Ultra-low ESR and high Q factor Tight capacitance tolerances High stability with respect to time,
Chip
temperature (TCC: 0 60 ppm/C), frequency and voltage Class 1 characteristic with copper inner electrodes Excellent attenuation High self-resonant frequency Lower power dissipation Less energy absorption
Applications

High-frequency applications Matching circuits Cellular communication, Bluetooth, DECT Cable TV, satellite TV (LNB), GPS Filters, RF amplifiers, VCOs
Termination
For soldering: Nickel-barrier terminations (Ni)
Options
Alternative capacitance tolerances available on request
Delivery mode
Cardboard tape, 180-mm and 330-mm reel available
Electrical data Temperature characteristic Climatic category (IEC 60068-1) Standard Dielectric Rated voltage Test voltage Capacitance range Temperature coefficient Dissipation factor (limit value) Insulation resistance1) at + 25 C Insulation resistance1) at +125 C Time constant1) at + 25 C Time constant1) at +125 C Operating temperature range Ageing
1) For CR > 10 nF the time constant t = C * Rins is given.
VR Vtest CR tan d Rins Rins t t Top
C0H 55/125/56 EIA Class 1 50 2,5 * VR/5 s 0,3 pF ... 82 pF 0 60 * 10 -6/K < 1,0 * 10 -3 > 105 > 104 > 1000 > 100 -55 ... +125 none
VDC VDC
MW MW s s C
119 10/02
HQF
Multilayer Ceramic Capacitors HQF
Capacitance tolerances CR Code letter Tolerance CR Code letter Tolerance CR 3,9 pF B (standard) C 4,7 pF CR 8,2 pF B C (standard) D
0,1 pF
CR 10 pF F
0,25 pF
0,1 pF
0,25 pF
0,5 pF
G
J (standard)
K
1 %
2 %
5 %
10 %
Dimensional drawing
b
ss
k k
k
KKE0272-V
k
KKE0329-N
Dimensions (mm) Case size l b s k (inch) (mm) 0402 1005 1,0 0,1 0,5 0,05 0,5 0,05 0,1 - 0,4 0603 1608 1,6 0,15 0,8 0,1 0,8 0,1 0,1 - 0,4
Tolerances to CECC 32101-801
120 10/02
Multilayer Ceramic Capacitors HQF
Recommended solder pad
D
HQF
C
A
KKE0308-1
Maximum dimensions (mm) Case size (inch/mm) 0402/1005 0603/1608 Type single chip single chip A 0,6 1,0 C 1,7 3,0 D 0,6 1,0
Termination
Ceramic body
Termination (nickel barrier)
Inner electrode
Cu
Substrate electrode Intermediate electrode External electrode
Cu Ni Sn
KKE0486-D
121 10/02
HQF
Multilayer Ceramic Capacitors HQF
Product range chip capacitors HQF Size1) inch mm Type VR (VDC) CR 0,3 pF 0,4 pF 0,5 pF 0,6 pF 0,7 pF 0,8 pF 0,9 pF 1,0 pF 1,2 pF 1,5 pF 1,8 pF 2,2 pF 2,7 pF 3,3 pF 3,9 pF 4,7 pF 5,6 pF 6,8 pF 8,2 pF 10, pF 12, pF 15, pF 18, pF 22, pF 27, pF 82, pF 0402 1005 B37923 50 50 0603 1608 B37933
1) l b (inch) / l b (mm)
122 10/02
Multilayer Ceramic Capacitors HQF; 0402
HQF
Ordering codes and packing for HQF capacitors, 50 VDC, nickel-barrier terminations Case size 0402, 50 VDC Chip thickness Cardboard tape, AE 180-mm reel ** ^ 60 pcs/reel 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 Cardboard tape, AE 330-mm reel ** ^ 70 pcs/reel 50000 50000 50000 50000 50000 50000 50000 50000 50000 50000 50000 50000 50000 50000 50000 50000 50000 50000 50000 50000 50000 50000 50000 50000
CR 0,3 pF 0,4 pF 0,5 pF 0,6 pF 0,7 pF 0,8 pF 0,9 pF 1,0 pF 1,2 pF 1,5 pF 1,8 pF 2,2 pF 2,7 pF 3,3 pF 3,9 pF 4,7 pF 5,6 pF 6,8 pF 8,2 pF 10, pF 12, pF 15, pF 18, pF 22, pF
Ordering code1) B37923K5000B3** B37923K5000B4** B37923K5000B5** B37923K5000B6** B37923K5000B7** B37923K5000B8** B37923K5000B9** B37923K5010B0** B37923K5010B2** B37923K5010B5** B37923K5010B8** B37923K5020B2** B37923K5020B7** B37923K5030B3** B37923K5030B9** B37923K5040C7** B37923K5050C6** B37923K5060C8** B37923K5080C2** B37923K5100J0** B37923K5120J0** B37923K5150J0** B37923K5180J0** B37923K5220J0**
mm 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05 0,5 0,05
1) The table contains the ordering codes for the standard capacitance tolerance. For other available capacitance tolerances see page 120.
123 10/02
HQF
Multilayer Ceramic Capacitors HQF; 0603
Ordering codes and packing for HQF capacitors, 50 VDC, nickel-barrier terminations Case size 0603, 50 VDC Chip thickness Cardboard tape, AE 180-mm reel ** ^ 60 pcs/reel 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 Cardboard tape, AE 330-mm reel ** ^ 70 pcs/reel 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000
CR 0,4 pF 0,5 pF 0,6 pF 0,7 pF 0,8 pF 0,9 pF 1,0 pF 1,2 pF 1,5 pF 1,8 pF 2,2 pF 2,7 pF 3,3 pF 3,9 pF 4,7 pF 5,6 pF 6,8 pF 8,2 pF 10, pF 12, pF 15, pF 18, pF 22, pF 27, pF 82, pF
Ordering code1) B37933K5000B4** B37933K5000B5** B37933K5000B6** B37933K5000B7** B37933K5000B8** B37933K5000B9** B37933K5010B0** B37933K5010B2** B37933K5010B5** B37933K5010B8** B37933K5020B2** B37933K5020B7** B37933K5030B3** B37933K5030B9** B37933K5040C7** B37933K5050C6** B37933K5060C8** B37933K5080C2** B37933K5100J0** B37933K5120J0** B37933K5150J0** B37933K5180J0** B37933K5220J0** B37933K5270J0** B37933K5820J0**
mm 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1 0,8 0,1
1) The table contains the ordering codes for the standard capacitance tolerance. For other available capacitance tolerances see page 120.
124 10/02
Multilayer Ceramic Capacitors HQF; 0402
Typical RF performance for HQF capacitors, case size 0402, 50 VDC Capacitance pF 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1,0 1,2 1,5 1,8 2,2 2,7 3,3 3,9 4,7 5,6 6,8 8,2 10 12 15 18 22 fres1) MHz 23400 20350 19700 17400 15100 14450 12600 12000 10600 8900 7100 6400 6000 5500 5350 4650 3950 4100 3650 3350 3350 2600 2300 2200 ESR @ 1 GHz2) mW 560 490 440 405 375 355 335 320 295 265 245 225 205 185 170 155 145 130 120 110 102 92 84 78 Q @ 1 GHz2) 920 805 720 650 600 560 520 490 440 390 350 310 275 245 225 200 175 155 140 120 104 88 70 56
HQF
ESR @ fres 2) mW 710 605 535 485 445 415 385 365 330 290 265 235 210 190 175 155 140 125 115 105 94 82 74 66
1) Measured with impedance analyser E 4991A, parts not soldered. 2) Measured with network analyser HP 8753D, parts soldered.
125 10/02
HQF
Multilayer Ceramic Capacitors HQF; 0603
Typical RF performance for HQF capacitors, case size 0603, 50 VDC Capacitance pF 0,4 0,5 0,6 0,7 0,8 0,9 1,0 1,2 1,5 1,8 2,2 2,7 3,3 3,9 4,7 5,6 6,8 8,2 10 12 15 18 22 27 fres1) MHz 17800 17100 13600 12200 11400 10600 9600 8800 7900 6900 5750 5100 4700 4150 3550 3130 2850 2730 2580 2400 2150 2050 1870 1780 ESR @ 1 GHz 2) mW 445 400 385 345 325 315 300 275 250 240 215 200 185 175 165 150 140 130 120 110 102 96 88 80 Q @ 1 GHz 2) 860 805 755 635 595 560 525 455 395 360 305 270 235 210 185 160 135 115 96 76 62 50 34 26 ESR @ fres2) mW 595 540 510 440 410 390 365 335 300 285 250 235 210 200 185 170 155 140 130 118 108 100 90 82
Capacitance pF 82
fres1) MHz 930
ESR @ 300 MHz 2) mW 52
Q @ 300 MHz 2) ESR @ fres2) mW 105 52
1) Measured with impedance analyser E 4991A, parts not soldered. 2) Measured with network analyser HP 8753D, parts soldered.
126 10/02
Multilayer Ceramic Capacitors HQF; 0402
HQF
Typical characteristics for chip size 0402 ESR versus capacitance C (for not soldered parts)
10 0
KKE0477-E
ESR versus capacitance C at self-resonant frequency (for soldered parts)
10 0
KKE0480-Y
ESR 3 GHz
ESR
1 GHz 10
_1
10
_1
100 MHz
10
_2
10
_1
10
0
10
1
pF
10
2
10
_2
10
_1
10 0
10 1
pF
10 2
C
C
ESR versus frequency f
10 1
KKE0481-7
Self-resonant frequency fres versus capacitance C
10 5 MHz fres
KKE0479-V
ESR
10 0 0,4 pF
10 4
10
_1
3,3 pF 12 pF 22 pF
10 3
10
_2
10 2
10 3
MHz 10 4
10 2 _ 1 10
10 0
10 1
pF
10 2
f
C
127 10/02
HQF
Multilayer Ceramic Capacitors HQF; 0402
Typical characteristics for chip size 0402 Q factor versus capacitance C
10 4 Q 100 MHz 10 3
KKE0478-M
Q factor versus frequency f
10 4
KKE0482-F
Q
10 3 0,4 pF 10 2 3,3 pF 12 pF
10 1
10 2 3 GHz 1 GHz
10 0
22 pF
10 1 _ 1 10
10 0
10 1
pF
10 2
10
_1
10 2
10 3
MHz 10 4
C
f
128 10/02
Multilayer Ceramic Capacitors HQF; 0603
HQF
Typical characteristics for chip size 0603 ESR versus capacitance C (for not soldered parts)
10 0
KKE0471-Z
ESR versus capacitance C at self-resonant frequency (for soldered parts)
10 0
KKE0474-P
ESR 3 GHz
ESR
1 GHz 10
_1
300 MHz
10
_1
100 MHz
10
_2
10
_1
10 0
10 1
pF
10 2
10
_2
10
_1
10 0
10 1
pF
10 2
C
C
ESR versus frequency f
10 1
KKE0475-X
Self-resonant frequency fres versus capacitance C
10 5 MHz fres
KKE0473-G
ESR 0,4 pF 10 0
10 4
3,3 pF 10
_1
12 pF 27 pF
10 3
10
_2
10 2
10 3
MHz 10 4
10 2 _ 1 10
10 0
10 1
10 2
pF 10 3
f
C
129 10/02
HQF
Multilayer Ceramic Capacitors HQF; 0603
Typical characteristics for chip size 0603 Q factor versus capacitance C
10 4 Q
KKE0472-8
Q factor versus frequency f
10 4
KKE0476-6
Q
10 3
10 3 1 GHz
100 MHz
10 2
0,4 pF 3,3 pF 12 pF 27 pF
300 MHz 10
2
3 GHz
10 1
10 0
10 1 _ 1 10
10
0
10
1
pF
10
2
10
_1
10 2
10 3
MHz 10 4
C
f
130 10/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B37923K5000B3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X